Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYT64F-CADB-46-1 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LYT64F-CADB-46-1
Description  TOPLED Black Series Black package with lens, enhanced Thinfilm LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYT64F-CADB-46-1 Datasheet(HTML) 4 Page - OSRAM GmbH

  LYT64F-CADB-46-1 Datasheet HTML 1Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 2Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 3Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 4Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 5Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 6Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 7Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 8Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2011-07-05
4
LR T64F, LO T64F, LY T64F
Kennwerte
Characteristics
(
T
S = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LO
LR
LY
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 20 mA
λ
peak
610
634
597
nm
Dominantwellenlänge
4) Seite 16
(min.)
Dominant wavelength4) page 16
(typ.)
I
F = 20 mA
(max.)
λ
dom
606*
–6/+3
625
± 6
590*
–7/+5
nm
Spektrale Bandbreite bei 50 %
I
rel max
(typ.)
Spectral bandwidth at 50 %
I
rel max
I
F = 20 mA
∆λ
17
19
18
nm
Abstrahlwinkel bei 50 %
I
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
I
V
2
ϕ
30
30
30
Grad
deg.
Durchlassspannung
5) Seite 16
(min.)
Forward voltage5) page 16
(typ.)
I
F = 20 mA
(max.)
V
F
V
F
V
F
1.80*
2.05
2.40
1.80*
2.05
2.40
1.80*
2.20
2.40
V
V
V
Sperrstrom (typ.)
Reverse current (max.)
V
R = 12 V
I
R
I
R
0.2
10
0.2
10
0.2
10
µA
µA
Temperaturkoeffizient von
λ
peak
(typ.)
Temperature coefficient of
λ
peak
I
F = 20 mA; –10°C ≤ T ≤ 100°C
TCλpeak
0.12
0.14
0.12
nm/K
Temperaturkoeffizient von
λ
dom
(typ.)
Temperature coefficient of
λ
dom
I
F = 20 mA; –10°C ≤ T ≤ 100°C
TCλdom
0.08
0.07
0.10
nm/K
Wärmewiderstand
Thermal resistance
Sperrschicht/Lötpad
(max.)
Junction/solder point
R
th JS
280**
K/W
* Einzelgruppen siehe Seite 5
Individual groups on page 5
**R
th(max) basiert auf statistischen Werten
R
th(max) is based on statistic values


Similar Part No. - LYT64F-CADB-46-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYT64F-CADB-46-1 OSRAM-LYT64F-CADB-46-1 Datasheet
2Mb / 24P
   Information Displays
More results

Similar Description - LYT64F-CADB-46-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65110A4110 OSRAM-Q65110A4110 Datasheet
344Kb / 19P
   Power TOPLED With Lens Enhanced Thin Film LED
LAE65F OSRAM-LAE65F Datasheet
189Kb / 13P
   Power TOPLED With Lens Enhanced Thin Film LED
LBE63C OSRAM-LBE63C Datasheet
69Kb / 16P
   Power TOPLED with Lens Enhanced Optical Power LED (ATON)
LSP47F OSRAM-LSP47F Datasheet
585Kb / 16P
   Enhanced Thinfilm LED
LAG6SP OSRAM-LAG6SP Datasheet
247Kb / 15P
   Advanced Power TOPLED Enhanced ThinFilm LED Lead (Pb) Free Product - RoHS Compliant
LSE655 OSRAM-LSE655 Datasheet
168Kb / 14P
   Power TOPLED with Lens Hyper-Bright LED
LTRBGFSF-ABCB OSRAM-LTRBGFSF-ABCB Datasheet
1Mb / 28P
   Enhanced optical Power LED (ThinFilm / ThinGaN)
LTT66G OSRAM-LTT66G Datasheet
1Mb / 22P
   TOPLED Black
LTT64G OSRAM-LTT64G Datasheet
1Mb / 24P
   TOPLED Black
LBT64G OSRAM-LBT64G Datasheet
714Kb / 24P
   TOPLED Black
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com