Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7689ACPZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD7689ACPZ
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7689ACPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7689ACPZ Datasheet HTML 3Page - Analog Devices AD7689ACPZ Datasheet HTML 4Page - Analog Devices AD7689ACPZ Datasheet HTML 5Page - Analog Devices AD7689ACPZ Datasheet HTML 6Page - Analog Devices AD7689ACPZ Datasheet HTML 7Page - Analog Devices AD7689ACPZ Datasheet HTML 8Page - Analog Devices AD7689ACPZ Datasheet HTML 9Page - Analog Devices AD7689ACPZ Datasheet HTML 10Page - Analog Devices AD7689ACPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
AD7682/AD7689
Rev. D | Page 7 of 32
TIMING SPECIFICATIONS
VDD = 4.5 V to 5.5 V, VIO = 1.8 V to VDD, all specifications TMIN to TMAX, unless otherwise noted.
Table 4.
Parameter1
Symbol
Min
Typ
Max
Unit
Conversion Time: CNV Rising Edge to Data Available
tCONV
2.2
μs
Acquisition Time
tACQ
1.8
μs
Time Between Conversions
tCYC
4.0
μs
Data Write/Read During Conversion
tDATA
1.2
μs
CNV Pulse Width
tCNVH
10
ns
SCK Period
tSCK
tDSDO + 2
ns
SCK Low Time
tSCKL
11
ns
SCK High Time
tSCKH
11
ns
SCK Falling Edge to Data Remains Valid
tHSDO
4
ns
SCK Falling Edge to Data Valid Delay
tDSDO
VIO Above 2.7 V
18
ns
VIO Above 2.3 V
23
ns
VIO Above 1.8 V
28
ns
CNV Low to SDO D15 MSB Valid
tEN
VIO Above 2.7 V
18
ns
VIO Above 2.3 V
22
ns
VIO Above 1.8 V
25
ns
CNV High or Last SCK Falling Edge to SDO High Impedance
tDIS
32
ns
CNV Low to SCK Rising Edge
tCLSCK
10
ns
DIN Valid Setup Time from SCK Rising Edge
tSDIN
5
ns
DIN Valid Hold Time from SCK Rising Edge
tHDIN
5
ns
1 See
and
for load conditions.
Figure 2
Figure 3


Similar Part No. - AD7689ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7689ACPZ AD-AD7689ACPZ Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7689ACPZ AD-AD7689ACPZ Datasheet
743Kb / 35P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
AD7689ACPZRL7 AD-AD7689ACPZRL7 Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7689ACPZRL7 AD-AD7689ACPZRL7 Datasheet
743Kb / 35P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
More results

Similar Description - AD7689ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7682 AD-AD7682 Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7949 AD-AD7949_09 Datasheet
548Kb / 32P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. B
AD7949 AD-AD7949_17 Datasheet
756Kb / 32P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
AD7949 AD-AD7949 Datasheet
744Kb / 28P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. A
AD7682 AD-AD7682_17 Datasheet
743Kb / 35P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
AD7699 AD-AD7699 Datasheet
542Kb / 28P
   16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7689 AD-AD7689 Datasheet
1Mb / 20P
   16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
Rev. PrC
AD7694 AD-AD7694_05 Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7685 AD-AD7685 Datasheet
542Kb / 29P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com