Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDV20-3P-102A Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PDV20-3P-102A
Description  Open Frame Slide Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDV20-3P-102A Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PDV20-3P-102A Datasheet HTML 1Page - Bourns Electronic Solutions PDV20-3P-102A Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Applications
Audio/TV sets
Car radio
Amplifiers/mixers/drum machines/
synthesizers
PCs/monitors
Appliances
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
PDV Series - Open Frame Slide Potentiometer
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Derating Curve
Ambient Temperature (°C)
20
40 50 60 70
80 90 100
30
10
0
20
33
40
60
80
100
0
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
7.3
(.287)
5.0
(.196)
1.0
(.039)
4.0
(.157)
13.0
(.511)
3.6
(.141)
2.3
(.090)
1.8
(.070)
2.1
(.082)
2.0
(.078)
1.0
(.039)
“T” + 10
(“T” + .393)
3.0
(.118)
8.5
(.334)
RECOMMENDED PCB LAYOUT
1
2
DIA.
5 PLCS.
N/C
3
N/C
7.3
(.287)
5.0
(.196)
13.0
(.511)
4.0
(.157)
1.0
(.039)
3.6
(.141)
2.1
(.082)
2.0
(.078)
2.3
(.090)
3.0
(.118)
8.5
(.334)
3.0
(.118)
“T” + 10
(“T” + .393)
1.0
(.039)
1.8
(.070)
RECOMMENDED PCB LAYOUT
DIA.
6 PLCS.
21
3
1
3
2
PDVxx-x1M
PDVxx-x2M
2
13
SCHEMATIC
SINGLE GANG
2
2
13
13
SCHEMATIC
DUAL GANG
REV. 11/13


Similar Part No. - PDV20-3P-102A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDV BOURNS-PDV Datasheet
31Kb / 2P
   Panel Controls
logo
Wabash Transformer Inc.
PDV-01-10 WABASH-PDV-01-10 Datasheet
678Kb / 2P
   Small Size Power Transformer
PDV-01-120 WABASH-PDV-01-120 Datasheet
678Kb / 2P
   Small Size Power Transformer
PDV-01-126 WABASH-PDV-01-126 Datasheet
678Kb / 2P
   Small Size Power Transformer
PDV-01-16 WABASH-PDV-01-16 Datasheet
678Kb / 2P
   Small Size Power Transformer
More results

Similar Description - PDV20-3P-102A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDV30-21D-104B BOURNS-PDV30-21D-104B Datasheet
280Kb / 4P
   PDV Series - Open Frame Slide Potentiometer
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
   Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
   Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
   SLIDE POTENTIOMETER
logo
Bi technologies
PS30M BITECH-PS30M Datasheet
168Kb / 6P
   Slide Potentiometer
PS30 BITECH-PS30 Datasheet
102Kb / 4P
   Slide Potentiometer
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
   Miniature Slide Potentiometer
12/2021
logo
Bourns Electronic Solut...
PTA BOURNS-PTA Datasheet
223Kb / 2P
   Low Profile Slide Potentiometer
PSP BOURNS-PSP Datasheet
464Kb / 2P
   Motorized Master Slide Potentiometer
SMLJ12A-Q BOURNS-SMLJ12A-Q Datasheet
838Kb / 3P
   Motorized Master Slide Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com