Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW1218562RFKEA Datasheet(PDF) 6 Page - Vishay Siliconix

Part # CRCW1218562RFKEA
Description  Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW1218562RFKEA Datasheet(HTML) 6 Page - Vishay Siliconix

  CRCW1218562RFKEA Datasheet HTML 1Page - Vishay Siliconix CRCW1218562RFKEA Datasheet HTML 2Page - Vishay Siliconix CRCW1218562RFKEA Datasheet HTML 3Page - Vishay Siliconix CRCW1218562RFKEA Datasheet HTML 4Page - Vishay Siliconix CRCW1218562RFKEA Datasheet HTML 5Page - Vishay Siliconix CRCW1218562RFKEA Datasheet HTML 6Page - Vishay Siliconix CRCW1218562RFKEA Datasheet HTML 7Page - Vishay Siliconix CRCW1218562RFKEA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions in Europe, contact: ff3cresistors@vishay.com
Document Number: 20035
112
For technical questions in Americas/Asia, contact: ff2bresistors@vishay.com
Revision: 04-Jul-07
D../CRCW.... e3
Vishay
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
140
120
100
80
60
40
20
0
20
40
60
80
100
120 140 160 180
Load in W
0.01
0.1
1
20
40
60
80
100
120
140
160
180
Film temperature
ϑs in °C
0.01
0.1
1
10
1
0.1
0.01
Resistance change
ΔR/R %
ΔR/R (t) = f [ΔR/R (t = 1000 h)]
Parameter: time
0.5
0.4
0.3
0.2
0.1
0
140
120
100
80
60
40
20
0
Film temperature
ϑs in ° C
Stability nomogram typical values
(for handling see general explanations)
ϑ ü
=
20
°C
40
°C
60
°C
80
°C
100
°C
120
°C
140
°C
t =
10
0
00
0 h
10
00
0 h
50
00
h
20
00
h
10
00
h
ΔR/R [t = 1000 h] = f [ϑs]
Parameter: resistance value
ϑ
ü = f [P]]
Parameter: size
1206
ϑü = f [ϑs]
Parameter:
ϑu
≤ 10K
≤ 1
M
≤ 10
M
0.25 W
0.125 W
0.0625 W
120
100
80
60
40
20
12
3
5
7
10
2
3
5 7
100
2
3
5
7
60
80
100
120
140
surface temperature
ϑ
s [°C]
number of mounted resistors [pcs]
Power rating as a function of packaging density (guideline)
ϑu=
120
°C
ϑu =
100
°C
ϑu =
80
°C
ϑu=
60
°C
ϑu=
40
°C
ϑu=
20
°C


Similar Part No. - CRCW1218562RFKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW1218562RFKEA VISHAY-CRCW1218562RFKEA Datasheet
129Kb / 9P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW1218562RFKEA VISHAY-CRCW1218562RFKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW1218562RFKEA VISHAY-CRCW1218562RFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1218562RFKEA VISHAY-CRCW1218562RFKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
logo
Vaishali Semiconductor
CRCW1218562RFKEA VAISH-CRCW1218562RFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
More results

Similar Description - CRCW1218562RFKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
CRCW06035K90FKEA VISHAY-CRCW06035K90FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW0402261RFKED VISHAY-CRCW0402261RFKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW040295K3FKED VISHAY-CRCW040295K3FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW08051R00JNEAIF VISHAY-CRCW08051R00JNEAIF Datasheet
134Kb / 6P
   Lead (Pb)-free Thick Film, Rectangular, Pulse Proof Chip Resistors
Revision: 13-Oct-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com