Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1101M1S2AKE2 Datasheet(PDF) 6 Page - ITT Industries

Part # 1101M1S2AKE2
Description  C&K 1000 Series Miniature Slide Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

1101M1S2AKE2 Datasheet(HTML) 6 Page - ITT Industries

  1101M1S2AKE2 Datasheet HTML 1Page - ITT Industries 1101M1S2AKE2 Datasheet HTML 2Page - ITT Industries 1101M1S2AKE2 Datasheet HTML 3Page - ITT Industries 1101M1S2AKE2 Datasheet HTML 4Page - ITT Industries 1101M1S2AKE2 Datasheet HTML 5Page - ITT Industries 1101M1S2AKE2 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
J–15
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
J
C&K 1000 Series
Miniature Slide Switches
CONTACT MATERIAL
AVAILABLE HARDWARE
GOLD 3
TIN-LEAD 6
MATTE-TIN 7
0 4 VA MAX @ 20 V AC OR DC MAX OR 6 AMPS @ 120 V AC OR
0.4 MAX. 28 V DC; 3 AMPS @ 250 V AC.
6 AMPS @ 120 V AC OR 28 V DC; 3 AMPS @ 250 V AC.
0.4 VA MAX. @ 20 V AC OR DC MAX.
LOW LEVEL/DRY
CIRCUIT OR POWER
POWER
LOW LEVEL/
DRY CIRCUIT
GOLD OVER
SILVER 2,3
SILVER 4,5
GOLD 1
OPTION
CODE
TERMINAL
PLATING
RATINGS
CONTACT
MATERIAL
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 END CONTACTS: Coin silver, with gold plate over nickel plate.
3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate
over nickel plate.
4 END CONTACTS: Coin silver, silver plated.
5 CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated.
6 TERMINALS: Copper alloy, with tin-lead alloy over nickel plate.
7 TERMINALS: Copper alloy, with matte-tin over nickel plate.
All models
with all options when ordered with G, L, M, Q, S or R
contact material.
B contact material standard with all terminations except C, Z, Z3..
Q contact material standard with C, Z, Z3 terminations.
K, L, M, P, S or R contact materials not available with Z, Z3 terminations.
SEAL
D
NO EPOXY SEAL
I
EPOXY POTTED BASE
E
EPOXY SEAL
Fits Z3 Termination
female connector
PART NO.
530100000
Available in loose pieces.
NOTE: Available with C, W, W3, Z, Z3 terminations only.
NOTE: Any models supplied with Q, B, G, P, S or R contact material are
RoHS compliant. For the latest information regarding RoHS compliance,
please go to: www.ittcannon.com/rohs.
B
K
P
Q
M
S
G
L
R
GOLD 3
TIN-LEAD 6
MATTE-TIN 7
GOLD 3
TIN-LEAD 6
MATTE-TIN 7
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
RoHS
COMPLIANT
RoHS
COMPLIANT
YES
NO
YES
YES
NO
YES
YES
NO
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES


Similar Part No. - 1101M1S2AKE2

ManufacturerPart #DatasheetDescription
logo
ITT Industries
1101M1S1ABD1 ITT-1101M1S1ABD1 Datasheet
542Kb / 6P
   Miniature Slide Switches
1101M1S1ABD2 ITT-1101M1S1ABD2 Datasheet
542Kb / 6P
   Miniature Slide Switches
1101M1S1ABE1 ITT-1101M1S1ABE1 Datasheet
542Kb / 6P
   Miniature Slide Switches
1101M1S1ABE2 ITT-1101M1S1ABE2 Datasheet
542Kb / 6P
   Miniature Slide Switches
1101M1S1ABI1 ITT-1101M1S1ABI1 Datasheet
542Kb / 6P
   Miniature Slide Switches
More results

Similar Description - 1101M1S2AKE2

ManufacturerPart #DatasheetDescription
logo
C&K Components
1201M2S3CBE2 CK-COMPONENTS-1201M2S3CBE2 Datasheet
396Kb / 6P
   1000 Series Miniature Slide Switches
1101M2S3CQE2 CK-COMPONENTS-1101M2S3CQE2_13 Datasheet
440Kb / 6P
   1000 Series Miniature Slide Switches
1101M2S3CQE2 CK-COMPONENTS-1101M2S3CQE2 Datasheet
396Kb / 6P
   1000 Series Miniature Slide Switches
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com