Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3549H-1AB-103 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 3549H-1AB-103
Description  3549 - 10-Turn Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3549H-1AB-103 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  3549H-1AB-103 Datasheet HTML 1Page - Bourns Electronic Solutions 3549H-1AB-103 Datasheet HTML 2Page - Bourns Electronic Solutions 3549H-1AB-103 Datasheet HTML 3Page - Bourns Electronic Solutions 3549H-1AB-103 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
30 ° ± 5 °
16.256
(.640)
MAX.
R
22.225 ± 0.381
(.875 ± .015)
DIA.
25.222 ± 0.787
(.993 ± .031)
6.858 ± 0.254
(.270 ± .010)
1.575
(.062)
1.575
(.062)
1.575
(.062)
9.525 ± 0.787
(.375 ± .031)
3.1699 + .0000/-.0076
(.1248 + .0000/-.0003)
DIA.
DIA.
15.8725 + .0000/-.0127
(.6249 +.0000/-.0005)
DIA.
17.526
(.690)
12.7 ± 0.254
(.500 ± .010)
11.13 ± 0.381
(.438 ± .015)
19.46 ± 0.381
(.766 ± .015)
23.86 ± 0.381
(.939 ± .015)
MOUNTING SURFACE
2
1
3
30 ° ± 5 °
16.256
(.640)
MAX.
R
22.225 ± 0.381
(.875 ± .015)
DIA.
6.858 ± 0.254
(.270 ± .010)
1.575
(.062)
1.575
(.062)
1.575
(.062)
9.525 ± 0.787
(.375 ± .031)
3.1699 + .0000/-.0076
(.1248 + .0000/-.0003)
DIA.
DIA.
15.8725 + .0000/-.0127
(.6249 +.0000/-.0005)
DIA.
17.526
(.690)
12.7 ± 0.254
(.500 ± .010)
11.43 ± 0.381
(.450 ± .015)
19.76 ± 0.381
(.778 ± .015)
24.206 ± 0.381
(.953 ± .015)
MOUNTING SURFACE
2
2
1
1
3
3
31.88 ± 0.78
(1.255 ± .031)
40.21 ± 0.78
(1.583 ± .031)
44.65 ± 0.78
(1.758 ± .031)
45.67 ± 0.78
(1.798 ± .031)
3549 - 10-Turn Precision Potentiometer
Product Dimensions
Single Gang, Servo Mount
Dual Gang, Servo Mount
1
3 CW
CCW
1
3 CW
CLOCKWISE
CCW
WIPER
2
2
TOLERANCES: EXCEPT WHERE NOTED
DECIMALS: .XX ±
.XXX ±
.XXXX ±
DIMENSIONS:
1
3 CW
CLOCKWISE
CCW
2 WIPER
.50
(.02)
.127
(.005)
.0127
(.0005)
MM
(IN)


Similar Part No. - 3549H-1AB-103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3549H-1AB-102 BOURNS-3549H-1AB-102 Datasheet
497Kb / 4P
   3549 10Turn Precision Potentiometer
3549H-1AB-102A BOURNS-3549H-1AB-102A Datasheet
497Kb / 4P
   3549 10Turn Precision Potentiometer
More results

Similar Description - 3549H-1AB-103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3549H-1AE-102B BOURNS-3549H-1AE-102B Datasheet
409Kb / 4P
   3549 - 10-Turn Precision Potentiometer
3549S-2AA-103 BOURNS-3549S-2AA-103 Datasheet
497Kb / 4P
   3549 10Turn Precision Potentiometer
3549 BOURNS-3549 Datasheet
530Kb / 5P
   10-Turn Precision Potentiometer
logo
TT Electronics.
3371 TTELEC-3371 Datasheet
690Kb / 3P
   Single-Turn Precision Potentiometer
3381 TTELEC-3381 Datasheet
690Kb / 3P
   Single-Turn Precision Potentiometer
6273 TTELEC-6273 Datasheet
708Kb / 3P
   Single-Turn Precision Potentiometer
6370 TTELEC-6370 Datasheet
788Kb / 3P
   Single-Turn Precision Potentiometer
9300 TTELEC-9300 Datasheet
742Kb / 4P
   Multi-Turn Precision Potentiometer
8140 TTELEC-8140 Datasheet
1,006Kb / 4P
   Multi-Turn Precision Potentiometer
logo
Bourns Electronic Solut...
3548 BOURNS-3548 Datasheet
414Kb / 4P
   5-Turn Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com