Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

37155 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 37155
Description  CORRUGATED IN-PLANT HANDLERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

37155 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  37155 Datasheet HTML 1Page - List of Unclassifed Manufacturers 37155 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PROTEKTIVE PAK
13520 MONTE VISTA AVENUE, CHINO, CA 91710
PHONE (909) 627-2578, FAX (909) 363-7331
ProtektivePak.com
DRAWING NUMBER
37150
DATE:
April
2009
CORRUGATED IN-PLANT HANDLERS
© 2009 DESCO INDUSTRIES INC.
Employee Owned
SPECIFICATIONS
Properties
Typical Values
Test Procedures/Method
Electrostatic Decay
0.01 seconds at 72°F and 11.8% R.H.
FED-STD-101, Method 4046
Surface Resistance
10E6 - 10E8 ohms/sq. after 11 days at 68°F and 12% R.H.
for surface. 10E3 - 10E4 ohms/sq. for buried shielding layer
ASTM D257
Surface Resistance, Low R.H. Cut-off
4% R.H.
Rockwell International Test Report of December 20, 1991
High-Voltage Discharge Resistance
Failure rate 0/5 (no oxide damage in five consecutive tests)
Rockwell International Test Report of December 20, 1991
Static Shielding
99.9% attenuation at 10kV; 99.6% attenuation at 30kV
EIA 541, appendix E, capacitive probe test
Charged Device Model (CDM) Safety
RTG >10E7 ohms at 86% R.H. or less
Rockwell International Test Report of December 20, 1991
Corrosivity
Contains 1-3 ppm reducible sulfur
FED-STD-101, Method 3005 for reducible sulfur
Antistat Transfer
No transfer
Rockwell International Test Report of January 8, 1992
Water & Isopropyl Alcohol Extraction
Surface resistance 10E8 - 10E9 ohms/square at 74°F
Rockwell International Test Report of January 8, 1992
Tests for Antistat Permanence
and 36% R.H.
Sloughing Test
Negligible surface damage at 10 cycles and <5% of surface
ASTM D4060 at 70 rpm with CS-17 abrasive-coated
damage at 200 cycles in Taber Abrasion Test.
wheels and 1000 grams load
No conductive particles abrased from surface
Rockwell International Test Report of January 8, 1992
Recyclability
Complete recyclability of package
Rockwell International Test Report of January 8, 1992
Biodegradability
Biodegradation in or on moist soil
Volume Conductivity
Conductivity from wall to wall as well as across surface
Rockwell International Test Report of January 8, 1992
to assure permanence of the antistatic property
Shelf Life
Indefinite
Features
• Shields ESD sensitive items from charge and electrostatic
discharges (with lid in place).
• Provides ESD and physical protection for ESD sensitive circuit
boards.
• Impregnated corrugated material; greater durability than coated or
printed material.
• Constructed with double sides, double (boxes under 6" deep) or
triple (boxes over 6" deep) ends, and single (boxes under 6"
deep) or double (boxes over 6" deep) thickness bottom for
greater durability.
• Static dissipative surface of 10E6 - 10E8 ohms - minimizing the
potential of rapid discharge or sparking.
• Buried shielding layer minimizing the potential of sloughing and
rub-off contamination.
• Made from 100% recycled material, and is 100% recyclable
• No tooling costs.
• Easy assembly without the need for tape, glue, or staples.
Adjustable double thick reversible partitions
allow you to fold over for longer use.
Lid is included.
See reverse side
for available sizes.
Made in America


Similar Part No. - 37155

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
37155 ETC2-37155 Datasheet
59Kb / 2P
   CORRUGATED IN-PLANT HANDLERS
More results

Similar Description - 37155

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
37392 ETC2-37392 Datasheet
59Kb / 2P
   CORRUGATED IN-PLANT HANDLERS
37155 ETC2-37155 Datasheet
59Kb / 2P
   CORRUGATED IN-PLANT HANDLERS
37401 ETC2-37401 Datasheet
59Kb / 2P
   CORRUGATED IN-PLANT HANDLERS
37282 ETC2-37282 Datasheet
59Kb / 2P
   CORRUGATED IN-PLANT HANDLERS
38938 ETC2-38938 Datasheet
62Kb / 3P
   Plastek In-Plant Handlers
39038 ETC2-39038 Datasheet
62Kb / 3P
   Plastek In-Plant Handlers
39000 ETC2-39000 Datasheet
62Kb / 3P
   Plastek In-Plant Handlers
38980 ETC2-38980 Datasheet
62Kb / 3P
   Plastek In-Plant Handlers
38999 ETC2-38999 Datasheet
62Kb / 3P
   Plastek In-Plant Handlers
39008 ETC2-39008 Datasheet
62Kb / 3P
   Plastek In-Plant Handlers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com