Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3549S-2BC-502 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3549S-2BC-502
Description  3549 - 10-Turn Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3549S-2BC-502 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3549S-2BC-502 Datasheet HTML 1Page - Bourns Electronic Solutions 3549S-2BC-502 Datasheet HTML 2Page - Bourns Electronic Solutions 3549S-2BC-502 Datasheet HTML 3Page - Bourns Electronic Solutions 3549S-2BC-502 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3549 - 10-Turn Precision Potentiometer
Features
Wirewound and Hybritron® elements
High rotational life
Optional 0.1 % linearity
Optional A/R lug
RoHS compliant*
Suitable for use under side load
Designed for HMI and MMI applications
Dual gang option
Servo mount option
Electrical Characteristics1
Wirewound Element
Hybritron® Element
Standard Resistance Range ................................................................100 to 100K ohms..................................................1K to 100K ohms
Total Resistance Tolerance ..................................................................±3 % ......................................................................±10 %
Independent Linearity ..........................................................................±0.2 %....................................................................±0.2 %
Independent Linearity (Maximum Practical) ........................................±0.1 %....................................................................±0.1 %
Effective Electrical Angle ....................................................................3600 ° +10 °, -0 ° ..................................................3600 ° +10 °, -0 °
Absolute Minimum Resistance/End Voltage ......................................1 ohm or 0.1 % maximum ....................................0.2 % maximum
(whichever is greater)
Noise/Output Smoothness ................................................................100 ohms maximum ..............................................0.10 % maximum
Max. Wiper Current @ 5K ohms ..........................................................20 mA ....................................................................10 mA
Dielectric Withstanding Voltage (MIL-STD-202, Method 301)
Sea Level ........................................................................................1,000 VAC minimum ..............................................1,000 VAC minimum
Insulation Resistance (500 VDC) ........................................................1,000 megohms minimum ....................................1,000 megohms minimum
Resolution ................................................................................................See How to Order chart ..........................................Essentially infinite
Power Rating (Voltage Limited By Power Dissipation)
+70 °C ............................................................................................2 watts....................................................................2 watts
+125 °C ..........................................................................................0 watt ....................................................................0 watt
Environmental Characteristics1
Operating Temperature Range
Dynamic ..........................................................................................-40 °C to +125 °C ..................................................-40 °C to +125 °C
Static ..............................................................................................-55 °C to +125 °C ..................................................-55 °C to +125 °C
Temperature Coefficient (Over Static Temperature Range) ................±50 ppm/°C............................................................±100 ppm/°C
Temperature Cycling (5 Cycles Over Static Temperature Range) ......±2 % TR shift max. ................................................±4 % TR shift max.
Vibration (15 Gs, 10 Hz to 2 kHz)
Wiper Bounce..................................................................................0.1 ms max. ..........................................................0.1 ms max.
Shock (100 Gs, 6 ms sawtooth)
Wiper Bounce..................................................................................0.1 ms max. ..........................................................0.1 ms max.
Load Life (1,000 hours @ 70 °C)..........................................................±2 % TR shift ........................................................±5 % TR shift max.
Rotational Life
No Load ..........................................................................................2,000,000 shaft revolutions ..................................5,000,000 shaft revolutions
Powered (MIL-PRF-12934)..............................................................2,000,000 shaft revolutions ..................................5,000,000 shaft revolutions
Moisture Resistance (Mil-Std-202, Method 103) ................................±2 % TR shift max. ................................................±5 % TR shift max.
IP Rating ..............................................................................................IP 50 ......................................................................IP 50
Mechanical Characteristics1
Mechanical Angle ..........................................................................................................................................................................................3600 ° +4 °, -10 °
Backlash ....................................................................................................................................................................................................................1.0 ° max.
Stop Strength................................................................................................................................................................................................53 N-cm (75 oz-in.) min.
Torque
Starting ........................................................................................................................................................................................0.5 N-cm (0.7 oz.-in.) max.
Running ......................................................................................................................................................................................0.5 N-cm (0.7 oz.-in.) max.
Mounting..........................................................................................................................................................................170-200 N-cm (15-18 in.-lb.) max.
Shaft Runout T.I.R. ......................................................................................................................................................................................0.08 mm (0.003 in.)
Lateral Runout T.I.R. ....................................................................................................................................................................................0.13 mm (0.005 in.)
Shaft End Play T.I.R. ....................................................................................................................................................................................0.15 mm (0.006 in.)
Shaft Radial Play T.I.R. ................................................................................................................................................................................0.08 mm (0.003 in.)
Pilot Diameter Runout T.I.R. ........................................................................................................................................................................0.08 mm (0.003 in.)
Weight
Single ......................................................................................................................................................................................................20 gm (0.7 oz.) typ.
Dual ........................................................................................................................................................................................................36 gm (1.27 oz) typ.
Shaft Side Load (Max. Allowable)
Nickel Plated Brass Shaft w/Brass Bushing ................................................................................................................................................50 gmf (1.7 ozf)
Stainless Steel Shaft w/Bronze Bushing ....................................................................................................................................................250 gmf (8.8 ozf)
Terminals ..............................................................................................................................................................................................Gold-plated solder lugs
Soldering Condition
Manual Soldering ........................................................96.5Sn/3.0Ag/0.5Cu solid wire or no-clean rosin cored wire, 370 °C (700 °F) max. for 3 seconds
Wave Soldering ..................................................................................96.5Sn/3.0Ag/0.5Cu solder with no-clean flux, 260 °C (500 °F) max. for 5 seconds
Wash processes ......................................................................................................................................................................................Not recommended
Mounting Hardware............................................................................................One lockwasher and one mounting nut is shipped with each potentiometer
Recommended Panel Thickness (Bushing Mount) ..................................................................................................................2.46-3.81 mm (0.097-0.150 in.)
Marking ........................................................................................................................Manufacturer’s symbol, model number, product code and date code
Standard Packaging............................................................................................................................................................................Plastic trays (5 pcs./tray)
1At room ambient: +25 °C nominal and 50 % relative humidity nominal, except as noted.
For other options, please consult factory.
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.


Similar Part No. - 3549S-2BC-502

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3549S-2BA-102 BOURNS-3549S-2BA-102 Datasheet
497Kb / 4P
   3549 10Turn Precision Potentiometer
3549S-2BA-102A BOURNS-3549S-2BA-102A Datasheet
497Kb / 4P
   3549 10Turn Precision Potentiometer
3549S-2BA-503 BOURNS-3549S-2BA-503 Datasheet
497Kb / 4P
   3549 10Turn Precision Potentiometer
3549S-2BA-503A BOURNS-3549S-2BA-503A Datasheet
497Kb / 4P
   3549 10Turn Precision Potentiometer
3549S-2BB-102 BOURNS-3549S-2BB-102 Datasheet
497Kb / 4P
   3549 10Turn Precision Potentiometer
More results

Similar Description - 3549S-2BC-502

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3549H-1AE-102B BOURNS-3549H-1AE-102B Datasheet
409Kb / 4P
   3549 - 10-Turn Precision Potentiometer
3549S-2AA-103 BOURNS-3549S-2AA-103 Datasheet
497Kb / 4P
   3549 10Turn Precision Potentiometer
3549 BOURNS-3549 Datasheet
530Kb / 5P
   10-Turn Precision Potentiometer
logo
TT Electronics.
3371 TTELEC-3371 Datasheet
690Kb / 3P
   Single-Turn Precision Potentiometer
3381 TTELEC-3381 Datasheet
690Kb / 3P
   Single-Turn Precision Potentiometer
6273 TTELEC-6273 Datasheet
708Kb / 3P
   Single-Turn Precision Potentiometer
6370 TTELEC-6370 Datasheet
788Kb / 3P
   Single-Turn Precision Potentiometer
9300 TTELEC-9300 Datasheet
742Kb / 4P
   Multi-Turn Precision Potentiometer
8140 TTELEC-8140 Datasheet
1,006Kb / 4P
   Multi-Turn Precision Potentiometer
logo
Bourns Electronic Solut...
3548 BOURNS-3548 Datasheet
414Kb / 4P
   5-Turn Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com