Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG4A-1075 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XG4A-1075
Description  Flat Cable Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG4A-1075 Datasheet(HTML) 1 Page - Omron Electronics LLC

  XG4A-1075 Datasheet HTML 1Page - Omron Electronics LLC XG4A-1075 Datasheet HTML 2Page - Omron Electronics LLC XG4A-1075 Datasheet HTML 3Page - Omron Electronics LLC XG4A-1075 Datasheet HTML 4Page - Omron Electronics LLC XG4A-1075 Datasheet HTML 5Page - Omron Electronics LLC XG4A-1075 Datasheet HTML 6Page - Omron Electronics LLC XG4A-1075 Datasheet HTML 7Page - Omron Electronics LLC XG4A-1075 Datasheet HTML 8Page - Omron Electronics LLC XG4A-1075 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
XG4
Flat Cable Connectors
The Mainstream of Circuit Board
Connectors conforming MIL Standards
with Improved Design.
Our new production system improves reliability.
Space-saving Box-type Plugs (XG4C) available.
IDC Plugs (XG4E) can be used for relaying.
An endless number of combinations can be made
using the XG-5 IDC Connectors for discrete wires,
XG8 Original Plugs, and the XG2 IDC Connectors
for PCBs.
The Original Plugs (XG8) and the Box-type Plugs
(XG4C) can be locked using Lock Levers.
Conform to MIL standards (MIL-C-83503).
UL standards (file No. E103202) (All XG4 models
except those with XG4U and XG4H)
■ Terminology
MIL standard
Abbreviation for Military Standard. To unify the compatibil-
ity and quality assurance condition of each company, MIL-
C-83503 (applicable to connectors) was established in
1977.
Open-end cover
An open-end cover has a structure where a flat cable can
be pulled out from both sides of the cover when a cable is
attached to a connector. (The cover having a structure
where a flat cable can be pulled out from only one side of
the cover is called a "Closed-end cover.")
Standoff
Part provided for lifting the housing from the board (This
part improves airflow at the through-hole for better assem-
bly.)
■ Ordering Information
■ Ratings and Characteristics
RoHS Compliant
Model
XG4M
XG4M-U
XG4M
XG4T
XG4A
XG4A
XG4E
XG4S
XG4C
XG4H
Appear-
ance
MIL sockets
with strain relief
(with lock)
MIL sockets with
strain relief
MIL plugs
Plugs with
dual ports
IDC plugs with
strain relief
Box-type plugs
Board-to-board con-
nector sockets
Page
3
4
5 to 10
11 to 12
13 to 14
15 to 16
17 to 18
Item
MIL Sockets: XG4M
Relay Plug: XG4E
MIL Plugs: XG4A
Box-type Plugs: XG4C
PCB-to-PCB Connectors: XG4H
Rated current
1 A
3 A (See note 1.)
Rated voltage
250 VAC
300 VAC
Contact resistance
20 m
Ω max. (at 20 mV, 100 mA max.)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
500 VAC for 1 min (leakage current: 1 mA max.)
Note:
1. The rated current will depend on the
Socket you are using. It is 1 A using
the XG4M for example.
Total insertion force
1.96 N max. per contact
Removal force
0.39 N min. (with test gauge, t= 0.64 mm)
Insertion durability
50 times
Ambient operating
temperature
Operating:
−55 to 105°C (with no icing )
■ Cross-sectional View
of Terminal
0.65 dia.
XG4H
0.7 dia.
XG4A
XG4C


Similar Part No. - XG4A-1075

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4A-1071 OMRON-XG4A-1071 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
More results

Similar Description - XG4A-1075

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4_1011 OMRON-XG4_1011 Datasheet
1Mb / 22P
   Flat Cable Connectors
XG4 OMRON-XG4 Datasheet
1Mb / 20P
   Flat Cable Connectors
XJ8A-0211 OMRON-XJ8A-0211 Datasheet
1Mb / 2P
   Flat Cable Connectors and Jump Connectors
XG2 OMRON-XG2 Datasheet
370Kb / 4P
   Flat Cable Connectors for PCBs
logo
Molex Electronics Ltd.
62202-0800 MOLEX-62202-0800 Datasheet
1Mb / 1P
   Application Tooling Flat Flexible Cable Connectors
logo
List of Unclassifed Man...
66900-024 ETC-66900-024 Datasheet
202Kb / 2P
   Round Conductor, Flat Cable, IDC Connectors
logo
Molex Electronics Ltd.
62200-7800 MOLEX-62200-7800 Datasheet
949Kb / 1P
   Application Tooling Flat Flexible Cable Connectors
logo
Assmann Electronics Inc...
A-DXFXXLPIII-FP-R ASSMANN-A-DXFXXLPIII-FP-R Datasheet
235Kb / 1P
   D-SUB CONNECTORS FOR FLAT RIBBON CABLE
A-DXFXXLPIII-Z-UNC-R ASSMANN-A-DXFXXLPIII-Z-UNC-R Datasheet
227Kb / 1P
   D-SUB CONNECTORS FOR FLAT RIBBON CABLE
logo
DDK Ltd.
57FE DDK-57FE Datasheet
311Kb / 9P
   Flat Ribbon Cable Connectors EMI/RFI Shielding Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com