Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG4A-1072 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # XG4A-1072
Description  Flat Cable Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG4A-1072 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button XG4A-1072 Datasheet HTML 7Page - Omron Electronics LLC XG4A-1072 Datasheet HTML 8Page - Omron Electronics LLC XG4A-1072 Datasheet HTML 9Page - Omron Electronics LLC XG4A-1072 Datasheet HTML 10Page - Omron Electronics LLC XG4A-1072 Datasheet HTML 11Page - Omron Electronics LLC XG4A-1072 Datasheet HTML 12Page - Omron Electronics LLC XG4A-1072 Datasheet HTML 13Page - Omron Electronics LLC XG4A-1072 Datasheet HTML 14Page - Omron Electronics LLC XG4A-1072 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Flat Cable Connectors
XG4
11
XG4A 2-tier Plugs with Long Lock
■ Dimensions
(Unit: mm)
■ Ordering Information
Note: 1. Set containing a stopper, mounting screw (assembled with
washer) and nut.
Screw size: M2.6 x 20 mm
2. Polarizing slot pitch is 22.86 mm.
No. of
contacts
No. of
polarizing
slots
Model
No. of
contacts
No. of
polarity slots
Model
10
× 2
0
XG4A-1079-A
40
× 2
1
XG4A-4039-A
1
XG4A-1039-A
14
× 2
1
XG4A-1439-A
50
× 2
1
XG4A-5039-A
16
× 2
1
XG4A-1639-A
2 (See note 2.)
XG4A-5079-A
20
× 2
1
XG4A-2039-A
60
× 2
1
XG4A-6039-A
26
× 2
1
XG4A-2639-A
2 (See note 2.)
XG4A-6079-A
30
× 2
1
XG4A-3039-A
64
× 2
1
XG4A-6439-A
34
× 2
1
XG4A-3439-A
2 (See note 2.)
XG4A-6479-A
Mounting holes (bottom view)
0.635
× 0.635
Two, 2.65 dia.
Stopper (For connecting top and bottom connectors)
Two, 2.65 dia.
Triangular
mark
Polarizing Key slot
(not on models with
less than 14 contacts)
Polarity slot
Polarizing Key slot
(not on the XG4A-
1039-A)
0.8 +0.1 dia.
0
Two, 2.8 dia.
±0.12
D±0.15
2.54±0.05
C±0.12
2.54±0.05
2.54±0.05
2.54±0.05
XG4A-
@@39-A/-@@79-A
(With long locks and right-
angle DIP terminals)
Dimensions
Note: Polarizing slot pitch is 22.86 mm for 50-, 60-,
and 64-contact Connectors.
No. of
contacts
Dimensions (mm)
A
B
CDE
10
× 2
32.0
17.5
10.16 21.8
46.4
14
× 2
37.1
22.6
15.24 26.9
51.5
16
× 2
39.6
25.2
17.78 29.5
54.1
20
× 2
44.7
30.2
22.86 34.5
59.1
26
× 2
52.3
37.9
30.48 42.2
66.8
30
× 2
57.4
42.9
35.56 47.2
71.8
34
× 2
62.5
48.0
40.64 52.3
76.9
40
× 2
70.1
55.6
48.26 59.9
84.9
50
× 2
82.8
68.3
60.96 72.6
97.2
60
× 2
95.5
81.0
73.66 85.3
109.9
64
× 2
100.6 86.1
78.74 90.4
115.0


Similar Part No. - XG4A-1072

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4A-1071 OMRON-XG4A-1071 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
More results

Similar Description - XG4A-1072

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4_1011 OMRON-XG4_1011 Datasheet
1Mb / 22P
   Flat Cable Connectors
XG4 OMRON-XG4 Datasheet
1Mb / 20P
   Flat Cable Connectors
XJ8A-0211 OMRON-XJ8A-0211 Datasheet
1Mb / 2P
   Flat Cable Connectors and Jump Connectors
XG2 OMRON-XG2 Datasheet
370Kb / 4P
   Flat Cable Connectors for PCBs
logo
Molex Electronics Ltd.
62202-0800 MOLEX-62202-0800 Datasheet
1Mb / 1P
   Application Tooling Flat Flexible Cable Connectors
logo
List of Unclassifed Man...
66900-024 ETC-66900-024 Datasheet
202Kb / 2P
   Round Conductor, Flat Cable, IDC Connectors
logo
Molex Electronics Ltd.
62200-7800 MOLEX-62200-7800 Datasheet
949Kb / 1P
   Application Tooling Flat Flexible Cable Connectors
logo
Assmann Electronics Inc...
A-DXFXXLPIII-FP-R ASSMANN-A-DXFXXLPIII-FP-R Datasheet
235Kb / 1P
   D-SUB CONNECTORS FOR FLAT RIBBON CABLE
A-DXFXXLPIII-Z-UNC-R ASSMANN-A-DXFXXLPIII-Z-UNC-R Datasheet
227Kb / 1P
   D-SUB CONNECTORS FOR FLAT RIBBON CABLE
logo
DDK Ltd.
57FE DDK-57FE Datasheet
311Kb / 9P
   Flat Ribbon Cable Connectors EMI/RFI Shielding Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com