Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z-15GQ2155-B Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # Z-15GQ2155-B
Description  Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-15GQ2155-B Datasheet(HTML) 2 Page - Omron Electronics LLC

  Z-15GQ2155-B Datasheet HTML 1Page - Omron Electronics LLC Z-15GQ2155-B Datasheet HTML 2Page - Omron Electronics LLC Z-15GQ2155-B Datasheet HTML 3Page - Omron Electronics LLC Z-15GQ2155-B Datasheet HTML 4Page - Omron Electronics LLC Z-15GQ2155-B Datasheet HTML 5Page - Omron Electronics LLC Z-15GQ2155-B Datasheet HTML 6Page - Omron Electronics LLC Z-15GQ2155-B Datasheet HTML 7Page - Omron Electronics LLC Z-15GQ2155-B Datasheet HTML 8Page - Omron Electronics LLC Z-15GQ2155-B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Z
Z
Operating
Part Number
Actuator
Characteristics
Rated Current
Solder Terminal
Screw Terminal
Pin plunger
15 A
Z-15H-B
Low-force hinge lever
15 A
Z-15HW24-B
Low-force, wire hinge lever
Low OF
15 A
Z-15HW78
Z-15HW78-B
Short hinge roller lever
15 A
Z-15HW22-B
GENERAL PURPOSE TYPE
High-sensitivity
Operating
Rated
Contact
Part Number
Actuator
Characteristics
Current
Gap
Solder Terminal
Screw Terminal
Slim spring plunger
15 A
0.5 mm
Z-15GS55
Z-15GS55-B
Short spring plunger
15 A
0.5 mm
Z-15GD55
Z-15GD55-B
Spring plunger
Middle OP
15 A
0.5 mm
Z-15GK55
Z-15GK55-B
High OP
15 A
0.5 mm
Z-15GK355
Z-15GK355-B
Panel mount plunger
Middle OP
15 A
0.5 mm
Z-15GQ55
Z-15GQ55-B
Panel mount roller plunger
15 A
0.5 mm
Z-15GQ2255-B
Panel mount cross roller plunger
15 A
0.5 mm
Z-15GQ2155-B
Hinge lever
Low OF
15 A
0.5 mm
Z-15GW55
Z-15GW55-B
Short hinge roller lever
15 A
0.5 mm
Z-15GW2255
Z-15GW2255-B
Hinge roller lever
Parallel
15 A
0.5 mm
Z-15GW255
Z-15GW255-B
Flexible rod
High OF
15 A
0.5 mm
Z-15GNJ55
Z-15GNJ55-B
DRIP-PROOF TYPE
Standard
Operating
Rated
Contact
Part Number
Actuator
Characteristics
Current
Gap
Solder Terminal
Screw Terminal
Panel mount plunger
Middle OP
15 A
0.25 mm
Z-15HQ55-B
Flexible rod
High OF
15 A
0.25 mm
Z-15HNJS55-B
DRIP-PROOF TYPE
High-sensitivity
Note: For smaller mounting hole types, please consult OMRON.
Type
Contact gap
Features
General purpose
H: 0.25 mm
Pin plunger and lever types available.
(high sensitivity)
Drip-proof and flexible rod types are also available.
G: 0.5 mm (standard)
Drip-proof
H: 0.25 mm
The pin plunger is sealed from the other switch mechanisms by a resilient rubber,
(high sensitivity)
and the case and cover are sealed by adhesive so that the switch is resistant to
G: 0.5 mm (standard)
humidity, oil and dust. The degree of protection conforms to IEC IP63.
s BASIC CONTACT FORM
Basic Contact form


Similar Part No. - Z-15GQ2155-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
Z-15GQ2155-B OMRON-Z-15GQ2155-B Datasheet
5Mb / 18P
   General-purpose Basic Switch
More results

Similar Description - Z-15GQ2155-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
V7-7B17D8-048 HONEYWELL-V7-7B17D8-048 Datasheet
100Kb / 1P
   SWITCH-BASIC
V7-7B17D8-201 HONEYWELL-V7-7B17D8-201 Datasheet
36Kb / 1P
   SWITCH-BASIC
BZ-2R-P4 HONEYWELL-BZ-2R-P4 Datasheet
64Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com