Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


Z-15GK355-B Datasheet(PDF) 3 Page - Omron Electronics LLC

Part No. Z-15GK355-B
Description  Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

 
 3 page
background image
3
Z
Z
Non-inductive load (A)
Inductive load (A)
Contact
Rated
Resistive load
Lamp load
Inductive load
Motor load
Inrush current (A)
gap
voltage
NC
NO
NC
NO
NC
NO
NC
NO
NC
NO
G,H
125 VAC
15 (10)
3
1.5
15 (10)
5
2.5
30 max.
15 max.
250 VAC
15 (10)
2.5
1.25
15 (10)
3
1.5
500 VAC
10
1.5
0.75
6
1.5
0.75
G
8 VDC
15
3
1.5
15
5
2.5
14 VDC
15
3
1.5
10
5
2.5
30 VDC
6
3
1.5
5
5
2.5
125 VDC
0.5
0.5
0.5
0.05
0.05
0.05
250 VDC
0.25
0.25
0.25
0.03
0.03
0.03
H
8 VDC
15
3
1.5
15
5
2.5
14 VDC
15
3
1.5
10
5
2.5
30 VDC
2—
21.4
1—
11
125 VDC
0.4
0.4
0.4
0.03
0.03
0.03
250 VDC
0.2
0.2
0.2
0.02
0.02
0.02
Specifications
Standard type (except flexible rod types)
Non-inductive load (A)
Inductive load (A)
Rated
Resistive load
Lamp load
Inductive load
Motor load
Inrush current (A)
voltage
NC
NO
NC
NO
NC
NO
NC
NO
NC
NO
125 VAC
15
217—
2.5
230 max.
15 max.
250 VAC
15
1
0.5
5
1.5
1
8 VDC
15
217—
31.5
14 VDC
15
217—
31.5
30 VDC
2—
211—
10.5
125 VDC
0.4
0.4
0.4
0.03
0.03
0.03
250 VDC
0.2
0.2
0.2
0.02
0.02
0.02
Standard flexible rod types
s CONSTRUCTION
Drip-proof type
Rubber cap protects the built-in switch from
water and dust
Fixed contact (NC)
Glued surface (adhesive is filled between
case and cover)
Movable contact
Fixed contact (NC)
Movable spring
Spring pivot




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl