Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z-15GK55-B Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # Z-15GK55-B
Description  Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-15GK55-B Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button Z-15GK55-B Datasheet HTML 10Page - Omron Electronics LLC Z-15GK55-B Datasheet HTML 11Page - Omron Electronics LLC Z-15GK55-B Datasheet HTML 12Page - Omron Electronics LLC Z-15GK55-B Datasheet HTML 13Page - Omron Electronics LLC Z-15GK55-B Datasheet HTML 14Page - Omron Electronics LLC Z-15GK55-B Datasheet HTML 15Page - Omron Electronics LLC Z-15GK55-B Datasheet HTML 16Page - Omron Electronics LLC Z-15GK55-B Datasheet HTML 17Page - Omron Electronics LLC Z-15GK55-B Datasheet HTML 18Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
Z
Z
s TERMINALS
Solder terminal (blank)
Screw terminal (B)
s MOUNTING HOLES
Side mounting
Panel mounting plunger type
Roller plunger type
Unit: mm (inch)
s MOLDED TERMINAL TYPE
ORDERING INFORMATION
The solder terminal type can be supplied with
molded terminals with a choice of five different lead
outlet directions. When placing your order for the
molded terminal type, add the following code to the
model number.
-Mss
ss
Note: 1. Standard leads are single-core vinyl cords (VSF) with a nominal cross sectional area of 1.25 mm2.
2. Standard vinyl cord lengths are 1 m, 3 m, and 5 m.
3. Mold thickness will be 19 mm when using VCT cords.
4. Standard unit has three lead outlets in the same direction.
5. Connect the black lead to the COM terminal, white lead to the NO terminal, and red lead to the NC terminal, respectively.
s DIRECTIONS OF LEAD OUTLETS
The following diagrams show the molded terminal version of sealed type Z-15GW2255, with a mold thickness of 12 mm.
Z-15GW2255-ML
Z-15GW2255-MF
Z-15GW2255-MR
Z-15GW2255-MH
Z-15GW2255-MD
(left-hand)
(forward)
(right-hand)
(rearward)
(underside)
Note: Respective directions of lead outlets are determined with the plunger viewed on your left.
Nominal cross-
Finished outer
Connection to
Type
sectional area (mm2)
diameter (mm)
terminal
Length (m)
VSF (single-core, vinyl cord)
1.25
Approx. 3.1
Black-COM
0.5, 1, 2, 3, 5
VCT (vinyl-insulated cable)
Approx. 9.6 (2-core)
White-NO
(standard)
Approx. 10.5 (3-core)
Red-NC
s LEAD WIRE SPECIFICATIONS
Lead outlet directions
(L, R, D, F, H)
Mold thickness
(No symbol)…a = 12 mm
with VSF
19…a = 19 mm with VCT
Three M4 x 5.5 dia.
Terminal screws
(with tooth washers)


Similar Part No. - Z-15GK55-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
Z-15GK55-B OMRON-Z-15GK55-B Datasheet
5Mb / 18P
   General-purpose Basic Switch
Z-15GK55-B7-K OMRON-Z-15GK55-B7-K Datasheet
5Mb / 18P
   General-purpose Basic Switch
More results

Similar Description - Z-15GK55-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
V7-7B17D8-048 HONEYWELL-V7-7B17D8-048 Datasheet
100Kb / 1P
   SWITCH-BASIC
V7-7B17D8-201 HONEYWELL-V7-7B17D8-201 Datasheet
36Kb / 1P
   SWITCH-BASIC
BZ-2R-P4 HONEYWELL-BZ-2R-P4 Datasheet
64Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com