Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


Z-15GD55-B Datasheet(PDF) 9 Page - Omron Electronics LLC

Part No. Z-15GD55-B
Description  Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

 9 page
background image
9
Z
Z
Z-15GW22-B, Z-15HW22-B
Operating
characteristics
Z-15GW22-B
Z-15HW22-B
OF max.
160 g
150 g
RF min.
42 g
42 g
OT min.
2.4 mm (0.09)
2.4 mm (0.09)
MD max.
0.5 mm (0.02)
0.45 mm (0.02)
FP max.
32.5 mm (1.28)
32.5 mm (1.28)
OP
30.2
± 0.4 mm
30.2
± 0.4 mm
(1.19
± 0.02)
(1.19
± 0.02)
Operating
characteristics
Z-15GW2-B
OF max.
100 g
RF min.
22 g
OT min.
4 mm (0.16)
MD max.
1.02 mm (0.04)
FP max.
36.5 mm (1.44)
OP
30.2
± 0.8 mm
(1.19
± 0.03)
Z-15GW2-B
Operating
characteristics
Z-15GW2277-B
OF max.
170 g
RF min.
42 g
OT min.
2.4 mm (0.09)
MD max.
0.51 mm (0.02)
FP max.
43.6 mm (1.72)
OP
41.3
± 0.8 mm
(1.63
± 0.03)
Z-15GW2277-B
Note: 1. Unless otherwise specified, a tolerance of
± 0.4 mm applies to all dimensions.
2. For smaller diameter mounting holes, please consult OMRON.
3. All drawings show the switches with screw terminals. For solder terminals, remove the “-B” from the end of the part number.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl