Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSM1207XS Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # RSM1207XS
Description  0.1 Watt,FIXED INPUT, ISOLATED AND UNREGULATED (SIP4&SIP7) Single Output DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

RSM1207XS Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  RSM1207XS Datasheet HTML 1Page - Microdc power Technology Co., Ltd RSM1207XS Datasheet HTML 2Page - Microdc power Technology Co., Ltd RSM1207XS Datasheet HTML 3Page - Microdc power Technology Co., Ltd RSM1207XS Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RSM-XS&RSM-XLS
RSM-XS&RSM-XLS Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 4
Recommended
Recommended footprint
footprint details
details
4
4 PIN
PIN SIP
SIP Package
Package
Isolation
Isolation Specifications
Specifications
Conditions
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1000
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF
Recommended
Recommended footprint
footprint details
details
7
7 PIN
PIN SIP
SIP Package
Package
Top view:grid 2.54*2.54(0.1*0.1inch)
Diameter:1.00mm(0.039inch)
Pin
Pin Out
Out Specifications
Specifications
RSM-XS
RSM-XS
Pin
Single
1
- V Input
2
+V Input
3
-V Output
4
+V Output
Pin
Pin Out
Out Specifications
Specifications
RSM-XLS
RSM-XLS
Pin
Single
1
+V Input
2
-V Input
4
-V Output
6
+V Output
Products
Products Dimensions
Dimensions
RSM-XS
RSM-XS
RSM-XLS
RSM-XLS
Unit:mm(inch)
Pin section tolerances:±0.10mm(±0.004inch)
General tolerances:±0.25mm(±0.010inch)
Unit:mm(inch)
Pin section tolerances:±0.10mm(±0.004inch)
General tolerances:±0.25mm(±0.010inch)


Similar Part No. - RSM1207XS

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RSM12C TOCOS-RSM12C Datasheet
270Kb / 1P
   Compact Non-contact angle sensor
More results

Similar Description - RSM1207XS

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
0.5T8E GAPTEC-0.5T8E Datasheet
806Kb / 3P
   0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1TM14 GAPTEC-1TM14 Datasheet
3Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Unregulated
QD8E-3U GAPTEC-QD8E-3U Datasheet
835Kb / 5P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
3MT28A GAPTEC-3MT28A Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
2H-XVD MICRODC-2H-XVD Datasheet
456Kb / 2P
   FIXED INPUT,ISOLATED UNREGULATED Single/Dual Output DC/DC Converter
F-XM MICRODC-F-XM Datasheet
452Kb / 2P
   1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
QS7B GAPTEC-QS7B Datasheet
758Kb / 3P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8A GAPTEC-1T8A Datasheet
1Mb / 5P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.5T8CE GAPTEC-0.5T8CE Datasheet
1Mb / 4P
   0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1.5D8A GAPTEC-1.5D8A Datasheet
344Kb / 2P
   1.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com