Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB1215XS-2W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # IB1215XS-2W
Description  FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

IB1215XS-2W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  IB1215XS-2W Datasheet HTML 1Page - Microdc power Technology Co., Ltd IB1215XS-2W Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IB
IB-X
-XS
S--2
2W
W S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 2
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Output
Efficiency
(%,Typ)
Switching
Frequency
(KHz,Typ)
Voltage(VDC)
Voltage
(VDC)
Current(MA)
Nominal
Range
Max
Min
IB0505XS-2W
5
4.75-5.25
5
400
40
70
100
IB0512XS-2W
5
4.75-5.25
12
167
17
78
96
IB0515XS-1W5
5
4.75-5.25
15
100
10
75
97
IB1205XS-2W
12
11.4-12.6
5
400
40
71
55
IB1215XS-1W5
12
11.4-12.6
15
100
10
76
90
IB1215XS-2W
12
11.4-12.6
15
133
13
76
87
IB1505XS-2W
15
14.25-15.
5
400
40
71
67
IB2405XS-2W
24
22.8-25.2
5
400
40
71
67
IB2415XS-2W
24
22.8-25.2
15
133
13
75
65
MODEL
MODEL SELECTION
SELECTION
IB
IB
05
05
05
05
X
X
S
S
--2
2W
W
Product Series
Input Voltage
Output Voltage
Fixed Input
SIP7 Package
Rated Power
MICRODC R ESERVES THE COPYRIGHT
FIXED INPUT,ISOLATED&REGULATED Single Output DC/DC Converter
FEATURES
FEATURES
RoHS compliant
Efficiency up to 84%
SIP7 Package
Wide temperature performance at full
2 Watt load,-40℃~85℃
UL 94V-0 package material
No heat sink required
Small Footprint
Industry standard pin out
Power sharing on output
1KVDC isolation
Continuous Short Circuit Protection
Internal SMD construction
No external components required
MTTF up to 1.5 million hours
APPLICATIONS
APPLICATIONS
The IB_XS-2W series are specially designed
for applications where a group of polar power
supplies are isolated from the input power
supply in a distributed power supply system on
a circuit board.
These products apply to:
1) where the voltage of the input power supply
is fixed (voltage variation ≤±5%);
2) where isolation is necessary between input
and output (isolation voltage ≤1000VDC);
3) where the regulation of the output voltage
and the output ripple noise are demanded.
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min
Typ.
Max.
Units
Output power
0.2
2
W
Line regulation
For Vin change of ±5%
±0.25
%
Load regulation
10% to 100% full load
±1.5
%
Output voltage accuracy
100% full load
±3
%
Temperature drift
100% full load
0.03
%/°C
Output Ripple*
20MHz Bandwidth
20
30
MV p-p
Output Noise*
20MHz Bandwidth
50
100
MV p-p
Switching frequency
Full load,nominal input
100
Khz
* Test ripple and noise by "parallel cable" method.
See detailed operation instructions at Testing of Power Converter section, application notes.
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 minute and 1mA max
1000
VDC
Isolation resistance
Test at Viso=500VDC
1000


Similar Part No. - IB1215XS-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
IB1215XLD-1W MICRODC-IB1215XLD-1W Datasheet
653Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IB1215XLS-1W MICRODC-IB1215XLS-1W Datasheet
653Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB1215XT-1W MORNSUN-IB1215XT-1W Datasheet
122Kb / 2P
   single OUTPUT, SMD DC-DC CONVERTER
logo
Microdc power Technolog...
IB1215XT-1W MICRODC-IB1215XT-1W Datasheet
607Kb / 3P
   1W,FIXED INPUT,ISOLATED & REGULATEDSINGLE OUTPUT,SMD DC-DCCONVERTER
More results

Similar Description - IB1215XS-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
IF-XS-2W MICRODC-IF-XS-2W Datasheet
467Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
F-XSR MICRODC-F-XSR Datasheet
455Kb / 2P
   FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
IB-XLS-1W MICRODC-IB-XLS-1W Datasheet
653Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IB-XS-2W MICRODC-IB-XS-2W Datasheet
631Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IF-XS-1W MICRODC-IF-XS-1W Datasheet
583Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IF0505S-1W MORNSUN-IF0505S-1W Datasheet
504Kb / 4P
   1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T14A-3RP GAPTEC-1T14A-3RP Datasheet
676Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Regulated
1T10A-1.5RP GAPTEC-1T10A-1.5RP Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
0.75T8A GAPTEC-0.75T8A Datasheet
1Mb / 3P
   0.75W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
0.75S4A GAPTEC-0.75S4A Datasheet
1Mb / 3P
   0.75W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com