Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F0309XMD-1W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # F0309XMD-1W
Description  3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

F0309XMD-1W Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  F0309XMD-1W Datasheet HTML 1Page - Microdc power Technology Co., Ltd F0309XMD-1W Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F
F
F
F
F
F
F
F-X
-X
-X
-X
-X
-X
-X
-XMD
MD
MD
MD
MD
MD
MD
MD----
----1
1
1
1
1
1
1
1W
W
W
W
W
W
W
W S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 2
Dimensions
Dimensions
Dimensions
Dimensions
Dimensions
Dimensions
Dimensions
Dimensions
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646
E-mail:tech@microdc.cn
Website:http://www.microdc.cn
RoHS
RoHS
RoHS
RoHS COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature
of 300°C for 10 seconds.
The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin
with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this
series are backward compatible with Sn/Pb soldering systems.
REACH
REACH
REACH
REACH COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has
harmful chemical substances through the registration, inspection and approval.
Derating
Derating
Derating
Derating
Derating
Derating
Derating
Derating Graph
Graph
Graph
Graph
Graph
Graph
Graph
Graph and
and
and
and
and
and
and
and Pinning
Pinning
Pinning
Pinning
Pinning
Pinning
Pinning
Pinning
Specification can be changed without notice.
REV:2 /
09.2010
Environmental
Environmental
Environmental
Environmental
Environmental
Environmental
Environmental
Environmental Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Parameter
Test conditions
Operating temperature (ambient)
- 40℃~+ 85℃
Storage temperature
-55℃~+125℃
Derating
See graph
Humidity
Up to 90 %, non condensing
Cooling
Free air convection
General
General
General
General
General
General
General
General Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Parameter
Test conditions
Dimensions DIP8
12.7 X 10.16 x 6.85 mm/0.5 x 0.4 x 0.24 inches
Weight
1.8g
Case material
Non conductive black plastic
General
General
General
General
General
General
General
General Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Parameter
Test conditions
Efficiency
75 % to 85 %
Switching frequency
80 KHz, typ.


Similar Part No. - F0309XMD-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
F0309XMD-1W MICRODC-F0309XMD-1W Datasheet
1,020Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
More results

Similar Description - F0309XMD-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
F-XMD-1W MICRODC-F-XMD-1W Datasheet
1,020Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
logo
PEAK electronics GmbH
P6KU-0505E PEAK-P6KU-0505E Datasheet
245Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8
P6IU-0505E PEAK-P6IU-0505E Datasheet
214Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT SIP4
logo
MORNSUN Science& Techno...
B0305M-1W MORNSUN-B0305M-1W Datasheet
340Kb / 4P
   ISOLATED & UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
Microdc power Technolog...
B-XMD MICRODC-B-XMD Datasheet
378Kb / 3P
   1KV Isolated 1W unregulated single dual separated output DIP8 DC?껪C Converter
A-XMD MICRODC-A-XMD Datasheet
298Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP8 DC?껪C Converter
logo
List of Unclassifed Man...
P6BU-0505 ETC-P6BU-0505 Datasheet
250Kb / 2P
   1KV ISOLATED 1 W UNREGULATED DUAL OUTPUT DIP8
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
logo
PEAK electronics GmbH
P7BU-XXXXE PEAK-P7BU-XXXXE Datasheet
240Kb / 2P
   1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
P7BU-0505E PEAK-P7BU-0505E Datasheet
244Kb / 3P
   1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com