Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B0509XDP01 Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # B0509XDP01
Description  Isolated 1W Single Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

B0509XDP01 Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  B0509XDP01 Datasheet HTML 1Page - Microdc power Technology Co., Ltd B0509XDP01 Datasheet HTML 2Page - Microdc power Technology Co., Ltd B0509XDP01 Datasheet HTML 3Page - Microdc power Technology Co., Ltd B0509XDP01 Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
B
B-X
-XDP01
DP01 Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 4
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
(MA)
Input Current
(Rated Load)
(MA)
Efficiency
(%)
Isolation
Capacitance
(PF)
MTTF1
(KHRS)
B0505XDP01
5
5
200
290
69
28
1847
B0509XDP01
5
9
111
285
70
29
1548
B0512XDP01
5
12
83
260
77
33
981
B0515XDP01
5
15
67
253
79
40
667
B1205XDP01
12
5
200
121
69
36
1485
B1209XDP01
12
9
111
263
76
29
1358
B1212XDP01
12
12
83
110
76
58
869
B1215XDP01
12
15
67
110
76
56
613
B1505XDP01
15
5
200
93
69
27
2110
B1509XDP01
15
9
111
277
72
29
1850
B1512XDP01
15
12
83
85
77
58
1790
B1515XDP01
15
15
67
84
78
67
1560
B2405XDP01
24
5
200
60
70
61
1253
B2409XDP01
24
9
111
263
76
29
1120
B2412XDP01
24
12
83
53
78
98
784
B2415XDP01
24
15
67
52
80
122
566
MODEL
MODEL SELECTION
SELECTION
B
B
05
05
05
05
X
X
D
D
P
P0
01
1
Product Series
Input Voltage
Output Voltage
Fixed Input
DIP14 Package Style ⑥Rated Power 1W
MICRODC R ESERVES THE COPYRIGHT
Isolated 1W Single Output DC/DC Converters
FEATURES
FEATURES
RoHS compliant
I/O isolation voltage 1000VDC
Operating Temperature: -40℃~﹢85℃
High efficiency up to 81%
Fully encapsulated toroidal magnetics
Internal SMD construction
Power density up to 0.85W/cm3
No electrolytic or tantalum capacitors
5V,9V,12Vand 15V output
No heatsink required
UL 94V-0 package material
No external components required
Industry standard pinout
Power sharing on output
MTTF up to 3.4 million hours
APPLICATIONS
APPLICATIONS
The
B-XDP01
series
of
industrial
temperature range DC/DC converters are the
standard
building
blocks
for
on-board
distributed power systems.They are ideally
suited for providing single rail supplies on
primarily digital boards with the added benefit
of galvanic isolation to reduce switching noise.
Surface mount technology and advanced
packaging materials produce rugged reliable
performance over an extended temperature
range from -40°C to 85°C.
Input
Input Characteristics
Characteristics
Parameter
Conditions
Min
Typ.
Max.
Units
Voltage range
Continuous operation,5V input types
4.5
5
5.5
V
Continuous operation,12V input types
10.8
12
13.2
Continuous operation,15V input types
13.5
15
16.5
Continuous operation,24V input types
21.6
24
26.4
Reflected ripple current
5V&12V input types
1.6
2.0
mA p-p
15V&24V input types
5
10.0
Absolute
Absolute Maximum
Maximum Ratings
Ratings
Lead temperature 1.5mm from case for 10 seconds
300°C
Internal power dissipation
550mW
Input voltage VIN,B0505XDP01,B0512XDP01,B0515XDP01 types
7V
Input voltage VIN,B1205XDP01,B1212XDP01,B1215XDP01 types
15V
Input voltage VIN,B1505XDP01,B1512XDP01,B1515XDP01 types
18V
Input voltage
28V
1.Calculated using MIL-HDBK-217FN2 calculation model with nominal input voltage at full load.


Similar Part No. - B0509XDP01

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B0509XD MICRODC-B0509XD Datasheet
713Kb / 4P
   Isolated 1W Single Output DC/DC Converters
logo
MORNSUN Science& Techno...
B0509XD-1W MORNSUN-B0509XD-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - B0509XDP01

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
   Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN1S MICRODC-B-XN1S Datasheet
497Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
C&D Technologies
NME-1 CANDD-NME-1 Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com