Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS72218 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS72218
Description  LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72218 Datasheet(HTML) 5 Page - Texas Instruments

  TPS72218 Datasheet HTML 1Page - Texas Instruments TPS72218 Datasheet HTML 2Page - Texas Instruments TPS72218 Datasheet HTML 3Page - Texas Instruments TPS72218 Datasheet HTML 4Page - Texas Instruments TPS72218 Datasheet HTML 5Page - Texas Instruments TPS72218 Datasheet HTML 6Page - Texas Instruments TPS72218 Datasheet HTML 7Page - Texas Instruments TPS72218 Datasheet HTML 8Page - Texas Instruments TPS72218 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TPS72201, TPS72215
TPS72216, TPS72218
SLVS390B – DECEMBER 2001 – REVISED MAY 2002
www.ti.com
5
TYPICAL CHARACTERISTICS
Figure 1
1.7996
1.7997
1.7998
1.7999
1.8000
1.8001
1.8002
0
10203040
50
IO – Output Current – mA
TPS72218
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
VI = 2.8 V
Co = 1 µF
TJ = 25° C
Figure 2
1.7900
1.7920
1.7940
1.7960
1.7980
1.8000
1.8020
–40 –25 –10 5
20 35 50 65 80 95 110 125
TJ – Junction Temperature – °C
TPS72218
OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
IO = 50 mA
IO = 1 mA
VI = 2.8 V
Co = 1 µF
Figure 3
–40 –25 –10 5
20 35 50 65 80 95 110 125
TJ – Junction Temperature – °C
TPS72218
GROUND CURRENT
vs
JUNCTION TEMPERATURE
VI = 2.8 V
Co = 1 µF
IO = 10 mA
IO = 50 mA
0
50
100
150
200
250
300
Figure 4
0
50
100
150
200
250
300
IO – Output Current – mA
TPS72218
GROUND CURRENT
vs
OUTPUT CURRENT
TJ = 25° C
TJ = 125° C
0
5
20
30
40
50
TJ = –40° C
VI = 2.8 V
Co = 1 µF
10
15
25
35
45
Figure 5
TPS72218
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
0
0.5
1
1.5
2
2.5
100
1 k
10 k
100 k
f – Frequency – Hz
IO = 50 mA
VI = 2.8 V
Co = 1 µF
Figure 6
f – Frequency – Hz
IO = 1 mA
VI = 2.8 V
Co = 1 µF
IO = 50 mA
TPS72218
OUTPUT IMPEDANCE
vs
FREQUENCY
1
0.1
0.01
1
10
100
1 k
10 k
10
100 k 1 M
10 M
0.001
100
1 k
Figure 7
0
10
20
30
40
50
60
70
80
–40 –25 –10 5
20 35 50 65 80 95 110 125
IO = 50 mA
IO = 10 mA
VI = 2.8 V
Co = 1 µF
TJ – Junction Temperature – °C
TPS72218
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
Figure 8
0
10
20
30
40
50
60
70
1
10
100
1 k
10 k
100 k 1 M
f – Frequency – Hz
TPS72118
POWER SUPPLY RIPPLE REJECTION
vs
FREQUENCY
VI = 2.8 V
Co = 1 µF
IO = 50 mA
Figure 9
TPS72218
OUTPUT VOLTAGE, ENABLE VOLTAGE
vs
TIME (START-UP)
t – Time –
µs
0
150
100
50
200 200
350
300
400 450 500
VI = 2.8 V
VO = 1.8 V
IO = 50 mA
Co = 1 µF
1
2
1
0
2
3
VEN
VO
0


Similar Part No. - TPS72218

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72218 TI-TPS72218 Datasheet
119Kb / 11P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72218DBVR TI-TPS72218DBVR Datasheet
119Kb / 11P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72218DBVT TI-TPS72218DBVT Datasheet
119Kb / 11P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS72218

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72201 TI-TPS72201 Datasheet
119Kb / 11P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS722 TI-TPS722 Datasheet
756Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI-TPS72101_07 Datasheet
350Kb / 13P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI1-TPS72101_16 Datasheet
868Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS721 TI-TPS721_15 Datasheet
762Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI-TPS72101 Datasheet
203Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72118-EP TI1-TPS72118-EP Datasheet
636Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150 mA LOW-DROPOUT (LDO) LINEAR REGULATOR
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI1-TPS76030_11 Datasheet
666Kb / 16P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77001 TI-TPS77001 Datasheet
230Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com