Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV7235 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMV7235
Description  LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7235 Datasheet(HTML) 2 Page - Texas Instruments

  LMV7235 Datasheet HTML 1Page - Texas Instruments LMV7235 Datasheet HTML 2Page - Texas Instruments LMV7235 Datasheet HTML 3Page - Texas Instruments LMV7235 Datasheet HTML 4Page - Texas Instruments LMV7235 Datasheet HTML 5Page - Texas Instruments LMV7235 Datasheet HTML 6Page - Texas Instruments LMV7235 Datasheet HTML 7Page - Texas Instruments LMV7235 Datasheet HTML 8Page - Texas Instruments LMV7235 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Inverting
Input
1
2
3
4
5
V
+
V
-
VOUT
Non-Inverting
Input
SC70
SOT-23
Crystal
100K
VOUT
0.1uF
VCC
100K
100K
LMV7235, LMV7239
SNOS532M – SEPTEMBER 2000 – REVISED FEBRUARY 2013
www.ti.com
Typical Application
Figure 1. Crystal Oscillator
Connection Diagram
Figure 2. 5-Pin SC70/SOT-23 (Top View)
Simplified Schematic
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LMV7235 LMV7239


Similar Part No. - LMV7235

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7235 NSC-LMV7235 Datasheet
320Kb / 12P
   45ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235 NSC-LMV7235 Datasheet
733Kb / 13P
   45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235 NSC-LMV7235 Datasheet
852Kb / 14P
   45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
logo
Texas Instruments
LMV7235 TI-LMV7235 Datasheet
996Kb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235 TI1-LMV7235 Datasheet
1Mb / 30P
[Old version datasheet]   Open-Drain and Push-Pull Output
More results

Similar Description - LMV7235

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV7239M5 TI1-LMV7239M5 Datasheet
1Mb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235M5 TI-LMV7235M5 Datasheet
996Kb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
logo
National Semiconductor ...
LMV7235 NSC-LMV7235_08 Datasheet
852Kb / 14P
   45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235 NSC-LMV7235_06 Datasheet
733Kb / 13P
   45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
logo
Texas Instruments
LMV7235 TI1-LMV7235_16 Datasheet
1Mb / 30P
[Old version datasheet]   75-ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain and Push-Pull Output
logo
National Semiconductor ...
LMV7235 NSC-LMV7235 Datasheet
320Kb / 12P
   45ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
logo
Texas Instruments
TLV1805 TI1-TLV1805 Datasheet
825Kb / 34P
[Old version datasheet]   40V, Rail-to-Rail Input, Push-Pull Output, High Voltage Comparator with Shutdown
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
New Japan Radio
NJU77230 NJRC-NJU77230 Datasheet
1Mb / 25P
   Rail-to-Rail Input,Push-Pull Output Low power CMOS Comparators
Ver.3
logo
Texas Instruments
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
[Old version datasheet]   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com