Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV7239M5-NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LMV7239M5-NOPB
Description  LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7239M5-NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV7239M5-NOPB Datasheet HTML 7Page - Texas Instruments LMV7239M5-NOPB Datasheet HTML 8Page - Texas Instruments LMV7239M5-NOPB Datasheet HTML 9Page - Texas Instruments LMV7239M5-NOPB Datasheet HTML 10Page - Texas Instruments LMV7239M5-NOPB Datasheet HTML 11Page - Texas Instruments LMV7239M5-NOPB Datasheet HTML 12Page - Texas Instruments LMV7239M5-NOPB Datasheet HTML 13Page - Texas Instruments LMV7239M5-NOPB Datasheet HTML 14Page - Texas Instruments LMV7239M5-NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
OUT
+
-
LMV7235, LMV7239
www.ti.com
SNOS532M – SEPTEMBER 2000 – REVISED FEBRUARY 2013
Figure 19. Non-Inverting Comparator with Hysteresis
ZERO-CROSSING DETECTOR
The inverting input is connected to ground and the non-inverting input is connected to 100mVp-p signal. As the
signal at the non-inverting input crosses 0V, the comparator's output changes state.
Figure 20. Zero-Crossing Detector
THRESHOLD DETECTOR
Instead of tying the inverting input to 0V, the inverting input can be tied to a reference voltage. The non-inverting
input is connected to the input. As the input passes the VREF threshold, the comparator's output changes state.
Figure 21. Threshold Detector
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV7235 LMV7239


Similar Part No. - LMV7239M5-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7239M5 NSC-LMV7239M5 Datasheet
320Kb / 12P
   45ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7239M5 NSC-LMV7239M5 Datasheet
733Kb / 13P
   45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7239M5 NSC-LMV7239M5 Datasheet
852Kb / 14P
   45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
logo
Texas Instruments
LMV7239M5 TI-LMV7239M5 Datasheet
996Kb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7239M5 TI1-LMV7239M5 Datasheet
1Mb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
More results

Similar Description - LMV7239M5-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV7239M5 TI1-LMV7239M5 Datasheet
1Mb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235M5 TI-LMV7235M5 Datasheet
996Kb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
logo
National Semiconductor ...
LMV7235 NSC-LMV7235_08 Datasheet
852Kb / 14P
   45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235 NSC-LMV7235_06 Datasheet
733Kb / 13P
   45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
logo
Texas Instruments
LMV7235 TI1-LMV7235_16 Datasheet
1Mb / 30P
[Old version datasheet]   75-ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain and Push-Pull Output
logo
National Semiconductor ...
LMV7235 NSC-LMV7235 Datasheet
320Kb / 12P
   45ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
logo
Texas Instruments
TLV1805 TI1-TLV1805 Datasheet
825Kb / 34P
[Old version datasheet]   40V, Rail-to-Rail Input, Push-Pull Output, High Voltage Comparator with Shutdown
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
New Japan Radio
NJU77230 NJRC-NJU77230 Datasheet
1Mb / 25P
   Rail-to-Rail Input,Push-Pull Output Low power CMOS Comparators
Ver.3
logo
Texas Instruments
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
[Old version datasheet]   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com