Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAJC106M006ANJV Datasheet(PDF) 4 Page - AVX Corporation

Part # TAJC106M006ANJV
Description  Standard Tantalum
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJC106M006ANJV Datasheet(HTML) 4 Page - AVX Corporation

  TAJC106M006ANJV Datasheet HTML 1Page - AVX Corporation TAJC106M006ANJV Datasheet HTML 2Page - AVX Corporation TAJC106M006ANJV Datasheet HTML 3Page - AVX Corporation TAJC106M006ANJV Datasheet HTML 4Page - AVX Corporation TAJC106M006ANJV Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TAJ Series
Standard Tantalum
Rated
DCL
DF
ESR
AVX
Case
Cap
Voltage
(μA)
%
Max. (Ω)
MSL
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
TAJD226*016#NJ
D
22
16
3.5
6
1.1
1
TAJB336*016#NJ
B
33
16
5.3
8
2.1
1
TAJC336*016#NJ
C
33
16
5.3
6
1.5
1
TAJD336*016#NJ
D
33
16
5.3
6
0.9
1
TAJC476*016#NJ
C
47
16
7.5
6
0.5
1
TAJD476*016#NJ
D
47
16
7.5
6
0.9
1
TAJC686*016#NJ
C
68
16
10.9
6
1.3
1
TAJD686*016#NJ
D
68
16
10.9
6
0.9
1
TAJC107*016#NJ
C
100
16
16
8
1
1
TAJD107*016#NJ
D
100
16
16
6
0.6
1
TAJE107*016#NJ
E
100
16
16
6
0.9
1
1)
TAJD157*016#NJ
D
150
16
24
6
0.9
1
TAJE157*016#NJ
E
150
16
23
8
0.3
1
1)
TAJV157*016#NJ
V
150
16
24
8
0.5
1
1)
TAJE227*016#NJ
E
220
16
35.2
10
0.5
1
1)
TAJV227*016#NJ
V
220
16
35.2
8
0.9
1
1)
TAJE337M016#NJ
E
330
16
52.8
30
0.4
1
1)
20 Volt @ 85ºC (13 Volt @ 125ºC)
TAJA105*020#NJ
A
1
20
0.5
4
9
1
TAJA155*020#NJ
A
1.5
20
0.5
6
6.5
1
TAJA225*020#NJ
A
2.2
20
0.5
6
5.3
1
TAJB225*020#NJ
B
2.2
20
0.5
6
3.5
1
TAJA335*020#NJ
A
3.3
20
0.7
6
4.5
1
TAJB335*020#NJ
B
3.3
20
0.7
6
3
1
TAJA475*020#NJ
A
4.7
20
0.9
6
4
1
TAJB475*020#NJ
B
4.7
20
0.9
6
3
1
TAJA685*020#NJ
A
6.8
20
1.4
6
2.4
1
TAJB685*020#NJ
B
6.8
20
1.4
6
2.5
1
TAJC685*020#NJ
C
6.8
20
1.4
6
2
1
TAJB106*020#NJ
B
10
20
2
6
2.1
1
TAJC106*020#NJ
C
10
20
2
6
1.2
1
TAJB156*020#NJ
B
15
20
3
6
2
1
TAJC156*020#NJ
C
15
20
3
6
1.7
1
TAJB226*020#NJ
B
22
20
4.4
6
1.8
1
TAJC226*020#NJ
C
22
20
4.4
6
1.6
1
TAJD226*020#NJ
D
22
20
4.4
6
0.9
1
TAJC336*020#NJ
C
33
20
6.6
6
1.5
1
TAJD336*020#NJ
D
33
20
6.6
6
0.9
1
TAJC476*020#NJ
C
47
20
9.4
6
0.5
1
TAJD476*020#NJ
D
47
20
9.4
6
0.9
1
TAJE476*020#NJ
E
47
20
9.4
6
0.9
1
1)
TAJC686M020#NJ
C
68
20
13.6
8
0.5
1
TAJD686*020#NJ
D
68
20
13.6
6
0.4
1
TAJE686*020#NJ
E
68
20
13.6
6
0.9
1
1)
TAJD107*020#NJ
D
100
20
20
6
0.5
1
TAJE107*020#NJ
E
100
20
20
6
0.4
1
1)
TAJV107*020#NJ
V
100
20
20
8
0.9
1
1)
TAJE157*020#NJ
E
150
20
30
8
0.3
1
1)
TAJV157*020#NJ
V
150
20
30
8
0.3
1
1)
25 Volt @ 85ºC (17 Volt @ 125ºC)
TAJA474*025#NJ
A
0.47
25
0.5
4
14
1
TAJA684*025#NJ
A
0.68
25
0.5
4
10
1
TAJA105*025#NJ
A
1
25
0.5
4
8
1
TAJA155*025#NJ
A
1.5
25
0.5
6
7.5
1
TAJB155*025#NJ
B
1.5
25
0.5
6
5
1
TAJA225*025#NJ
A
2.2
25
0.6
6
7
1
TAJB225*025#NJ
B
2.2
25
0.6
6
4.5
1
TAJA335*025#NJ
A
3.3
25
0.8
6
3.7
1
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
AVX
Case
Cap
Voltage
(μA)
%
Max. (Ω)
MSL
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
TAJB335*025#NJ
B
3.3
25
0.8
6
3.5
1
TAJA475*025#NJ
A
4.7
25
1.2
6
3.1
1
TAJB475*025#NJ
B
4.7
25
1.2
6
1.5
1
TAJB685*025#NJ
B
6.8
25
1.7
6
2.8
1
TAJC685*025#NJ
C
6.8
25
1.7
6
2
1
TAJB106*025#NJ
B
10
25
2.5
6
2.5
1
TAJC106*025#NJ
C
10
25
2.5
6
1.8
1
TAJD106*025#NJ
D
10
25
2.5
6
1.2
1
TAJC156*025#NJ
C
15
25
3.8
6
1.6
1
TAJD156*025#NJ
D
15
25
3.8
6
1
1
TAJC226*025#NJ
C
22
25
5.5
6
1.4
1
TAJD226*025#NJ
D
22
25
5.5
6
0.9
1
TAJD336*025#NJ
D
33
25
8.3
6
0.9
1
TAJE336*025#NJ
E
33
25
8.3
6
0.9
1
1)
TAJD476*025#NJ
D
47
25
11.8
6
0.9
1
TAJE476*025#NJ
E
47
25
11.8
6
0.9
1
1)
TAJE686*025#NJ
E
68
25
17
6
0.9
1
1)
TAJV686*025#NJ
V
68
25
17
6
0.9
1
1)
TAJE107M025#NJ
E
100
25
25
10
0.3
1
1)
TAJV107*025#NJ
V
100
25
25
8
0.4
1
1)
TAJV157M025#NJ
V
150
25
37.5
10
0.4
1
1)
35 Volt @ 85ºC (23 Volt @ 125ºC)
TAJA104*035#NJ
A
0.1
35
0.5
4
24
1
TAJA154*035#NJ
A
0.15
35
0.5
4
21
1
TAJA224*035#NJ
A
0.22
35
0.5
4
18
1
TAJA334*035#NJ
A
0.33
35
0.5
4
15
1
TAJA474*035#NJ
A
0.47
35
0.5
4
12
1
TAJB474*035#NJ
B
0.47
35
0.5
4
10
1
TAJA684*035#NJ
A
0.68
35
0.5
4
8
1
TAJB684*035#NJ
B
0.68
35
0.5
4
8
1
TAJA105*035#NJ
A
1
35
0.5
4
7.5
1
TAJB105*035#NJ
B
1
35
0.5
4
6.5
1
TAJA155*035#NJ
A
1.5
35
0.5
6
7.5
1
TAJB155*035#NJ
B
1.5
35
0.5
6
5.2
1
TAJC155*035#NJ
C
1.5
35
0.5
6
4.5
1
TAJA225*035#NJ
A
2.2
35
0.8
6
4.5
1
TAJB225*035#NJ
B
2.2
35
0.8
6
4.2
1
TAJC225*035#NJ
C
2.2
35
0.8
6
3.5
1
TAJB335*035#NJ
B
3.3
35
1.2
6
3.5
1
TAJC335*035#NJ
C
3.3
35
1.2
6
2.5
1
TAJB475*035#NJ
B
4.7
35
1.6
6
3.1
1
TAJC475*035#NJ
C
4.7
35
1.6
6
2.2
1
TAJD475*035#NJ
D
4.7
35
1.6
6
1.5
1
TAJC685*035#NJ
C
6.8
35
2.4
6
1.8
1
TAJD685*035#NJ
D
6.8
35
2.4
6
1.3
1
TAJC106*035#NJ
C
10
35
3.5
6
1.6
1
TAJD106*035#NJ
D
10
35
3.5
6
1
1
TAJE106*035#NJ
E
10
35
3.5
6
0.9
1
1)
TAJC156*035#NJ
C
15
35
5.3
6
1.4
1
TAJD156*035#NJ
D
15
35
5.3
6
0.9
1
TAJD226*035#NJ
D
22
35
7.7
6
0.9
1
TAJE226*035#NJ
E
22
35
7.7
6
0.5
1
1)
TAJD336*035#NJ
D
33
35
11.6
6
0.9
1
TAJE336*035#NJ
E
33
35
11.6
6
0.9
1
1)
TAJV336*035#NJ
V
33
35
11.6
6
0.5
1
1)
TAJE476*035#NJ
E
47
35
16.5
6
0.9
1
1)
TAJV476*035#NJ
V
47
35
16.5
6
0.4
1
1)
TAJV686*035#NJ
V
68
35
23.8
6
0.5
1
1)
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
For AEC-Q200 availability, please contact AVX.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
For typical weight and composition see page 162.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
DECEMBER 2013
9


Similar Part No. - TAJC106M006ANJV

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJC106M006ANJV AVX-TAJC106M006ANJV Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJC106M006ANJV AVX-TAJC106M006ANJV Datasheet
140Kb / 8P
   TAJ Series
TAJC106M006ANJV AVX-TAJC106M006ANJV Datasheet
667Kb / 13P
   Standard and Low Profile Tantalum Capacitors
More results

Similar Description - TAJC106M006ANJV

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJB106M016R AVX-TAJB106M016R Datasheet
41Kb / 4P
   Standard Tantalum
TAJB106K025RNJ AVX-TAJB106K025RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJC335K050RNJ AVX-TAJC335K050RNJ Datasheet
140Kb / 8P
   Standard Tantalum
TAJE226K035RNJ AVX-TAJE226K035RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJD226M035RNJ AVX-TAJD226M035RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJB106K016RNJ AVX-TAJB106K016RNJ Datasheet
137Kb / 8P
   Standard Tantalum
TAJD685M050RNJ AVX-TAJD685M050RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJD227K010RNJ AVX-TAJD227K010RNJ Datasheet
143Kb / 8P
   Standard Tantalum
TAJA475K020RNJ AVX-TAJA475K020RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJA106K010RNJ AVX-TAJA106K010RNJ Datasheet
124Kb / 5P
   Standard Tantalum
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com