Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK16Z-W Datasheet(PDF) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK16Z-W
Description  ZIP Adapter Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK16Z-W Datasheet(HTML) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK16Z-W Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK16Z-W Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK16Z-W Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK16Z-W Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION AK16Z-W Datasheet HTML 5Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AccuZIP Adapter Modules
(Drawing depicts 20 lead AccuZIP adapter module)
MECHANICAL DIMENSIONS
120
C
L
C
L
0.150
MAX
0.100
TYP
A
0.050
TYP
C
L
C
L
C
L
D
0.020
TYP
C
L
B
SEATING
PLANE
C
.125
Module Configuration
Dimensions
BCAD
14 Lead Narrow Body (N)
0.45
0.47
0.70
14 Leads
16 Lead Narrow Body (N)
0.45
0.47
0.80
16 Leads
16 Lead Wide Body (W)
0.50
0.52
0.80
16 Leads
20 Lead Narrow Body (N)
0.45
0.47
1.00
20 Leads
20 Lead Wide Body (W)
0.50
0.52
1.00
20 Leads
24 Lead Wide Body (W)
0.50
0.52
1.20
24 Leads
28 Lead Body (W)
0.52
0.54
1.40
28 Leads
Dimensions in inches. Pin-out sequence corresponds directly to that of IC used, with Pin 1 on the left edge of the front side,and
the final even-numbered pin at the opposite end on the back side.
SPECIAL CONFIGURATIONS
While AccuZIP modules allow you to acquire any digital integrated circuit as a standard component for high density assembly,
Accutek will employ the same technology to fill your specialized needs.
Contact us for unique solutions requiring ZIP-mounted products for:
· Linear/Analog Ics
· Any kind of semiconductor memory (SRAM, FIFO, EEPROM, EPROM, DRAM)
· PGA, PAL, GAL, FPLA, EPLD devices
· Multi-chip modules in any combination
ACCUTEK
MICROCIRCUIT CORPORATION
5 NEW PASTURE ROAD
NEWBURYPORT, MA 01950-4040
PHONE: 978-465-6200
FAX: 978-462-3396
Email:
sales@accutekmicro.com
Internet: www.accutekmicro.com


Similar Part No. - AK16Z-W

ManufacturerPart #DatasheetDescription
logo
Power-One
AK1601-7R POWER-ONE-AK1601-7R Datasheet
173Kb / 4P
   150 Watt DC-DC Converters
logo
Assmann Electronics Inc...
AK162-3 ASSMANN-AK162-3 Datasheet
36Kb / 1P
   DB25 MALE DB25 MALE
AK162-3-R ASSMANN-AK162-3-R Datasheet
77Kb / 1P
   Serial/Parallel connection cable
AK163-7-R ASSMANN-AK163-7-R Datasheet
283Kb / 1P
   SEREAL CONNECTION CABLE FOR 25 PIN
AK164-10-R ASSMANN-AK164-10-R Datasheet
79Kb / 1P
   Serial / Parallel Connection Cable
More results

Similar Description - AK16Z-W

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK54256Z ACCUTEK-AK54256Z_09 Datasheet
81Kb / 2P
   DRAM Zip Adapter Modules
AK100PLCC-PGA ACCUTEK-AK100PLCC-PGA_09 Datasheet
778Kb / 6P
   PGA Adapter Modules
AK28PCS-PGA ACCUTEK-AK28PCS-PGA_12 Datasheet
166Kb / 3P
   PGA Adapter Modules
AK08SOIC-D300 ACCUTEK-AK08SOIC-D300_12 Datasheet
808Kb / 8P
   DIP to SOIC Adapter Modules
logo
PANDUIT CORP.
CMSAQSCZBL PANDUIT-CMSAQSCZBL Datasheet
185Kb / 1P
   SC Mini-Com짰 Fiber Optic Adapter Modules
logo
ACCUTEK MICROCIRCUIT CO...
AK08SW-SN ACCUTEK-AK08SW-SN_12 Datasheet
299Kb / 3P
   Wide SOIC to Narrow SOIC Adapter Modules
AKH08SN-SW ACCUTEK-AKH08SN-SW_12 Datasheet
335Kb / 3P
   Narrow SOIC to Wide SOIC Adapter Modules
logo
PANDUIT CORP.
CMSTZBU PANDUIT-CMSTZBU Datasheet
120Kb / 1P
   ST Mini-Com짰 Fiber Optic Adapter Modules
logo
Yamaichi Electronics Co...
IC39-1206-G4 YAMAICHI-IC39-1206-G4 Datasheet
38Kb / 1P
   Zig-Zag Inline Package (ZIP)
IC182-4007-MF YAMAICHI-IC182-4007-MF Datasheet
95Kb / 1P
   Zig-Zag Inline Package (ZIP)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com