Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V5.5MLA0402LN Datasheet(PDF) 7 Page - Littelfuse

Part # V5.5MLA0402LN
Description  Varistor Products Surface Mount Multilayer Varistors (MLVs) > ML Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V5.5MLA0402LN Datasheet(HTML) 7 Page - Littelfuse

  V5.5MLA0402LN Datasheet HTML 1Page - Littelfuse V5.5MLA0402LN Datasheet HTML 2Page - Littelfuse V5.5MLA0402LN Datasheet HTML 3Page - Littelfuse V5.5MLA0402LN Datasheet HTML 4Page - Littelfuse V5.5MLA0402LN Datasheet HTML 5Page - Littelfuse V5.5MLA0402LN Datasheet HTML 6Page - Littelfuse V5.5MLA0402LN Datasheet HTML 7Page - Littelfuse V5.5MLA0402LN Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
43
Varistor Products
©2009 Littelfuse, Inc.
Revision: January 15, 2010
ML Varistor Series
Surface Mount Multilayer Varistors (MLVs) > ML Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ML.html for current information.
Product Dimensions (mm)
NOTE : Avoid metal runs in this area, parts not recommended for use in applications using
Silver (Ag) epoxy paste.
PAD LAYOUT DIMENSIONS
C
B
A
NOTE
CHIP LAYOUT DIMENSIONS
E
L
W
D
Dimension
1210 Size
1206 Size
0805 Size
0603 Size
0402 Size
IN
MM
IN
MM
IN
MM
IN
MM
IN
MM
A
0.160
4.06
0.160
4.06
0.120
3.05
0.100
2.54
0.067
1.70
B
0.100
2.54
0.065
1.65
0.050
1.27
0.030
0.76
0.020
0.51
C
0.040
1.02
0.040
1.02
0.040
1.02
0.035
0.89
0.024
0.61
D (max.)
0.113
2.87
0.071
1.80
0.043
1.10
0.040
1.00
0.024
0.60
E
0.020
-/+0.010
0.50
-/+0.25
0.020
-/+0.010
0.50
-/+0.25
0.020 -/+
0.010
0.50 -/+
0.25
0.015
-/+0.008
0.4
-/+0.20
0.010
-/+0.006
0.25
-/+0.15
L
0.125
-/+0.012
3.20
-/+0.30
0.125
-/+0.012
3.20
-/+0.30
0.079
-/+0.008
2.01
-/+0.20
0.063
-/+0.006
1.6
-/+0.15
0.039
-/+0.004
1.00
-/+0.10
W
0.100
-/+0.012
2.54
-/+0.30
0.060
-/+0.011
1.60
-/+0.28
0.049
-/+0.008
1.25
-/+0.20
0.032
-/+0.060
0.8
-/+0.15
0.020
-/+0.004
0.50
-/+0.10
Part Numbering System
V 18
1206
PACKING OPTIONS (see Packaging table for quantities)
DEVICE SIZE:
i.e., 120 mil x 60 mil
DEVICE FAMILY
Littelfuse TVSS Device
X
MAXIMUM DC
WORKING VOLTAGE
MLA
X X
CAPACITANCE OPTION
No Letter: Standard
No Letter: Standard
L: Low Capacitance Version
END TERMINATION OPTION
MULTILAYER SERIES
DESIGNATOR
(3mm x 1.5mm)
N: Nickel Barrier Option
(Matte Tin outer surface, plated on Nickel underlayer
plated on silver base metal)
T: 13in (330mm) Diameter Reel, Plastic Carrier Tape
H: 7in (178mm) Diameter Reel, Plastic Carrier Tape
R: 7in (178mm) Diameter Reel, Paper Carrier Tape
Packaging*
Device Size
Quantity
13” Inch Reel
("T" Option)
7” Inch Reel
("H" Option)
7” Inch Reel
("R" Option)
Bulk Pack
("A" Option)
1210
8,000
2,000
N/A
2,000
1206
10,000
2,500
N/A
2,500
0805
10,000
2,500
N/A
2,500
0603
10,000
2,500
4,000
2,500
0402
N/A
N/A
10,000
N/A
*(Packaging) It is recommended that parts be kept in the sealed bag provided and that parts be used as soon as possible when removed from bags.
*NOTES:
1 V120MLA1210 standard shipping quantities are 1000 pieces per reel for the "H" option and 4000 pieces per reel for "T" option.
2 V3.5 MLA0603, V5.5MLA0603 and V9MLA0603 only available in "H," "T" and "A" packing options.


Similar Part No. - V5.5MLA0402LN

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V5.5MLA0402LN LITTELFUSE-V5.5MLA0402LN Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V5.5MLA0402LN LITTELFUSE-V5.5MLA0402LN Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V5.5MLA0402LN LITTELFUSE-V5.5MLA0402LN Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V5.5MLA0402LN LITTELFUSE-V5.5MLA0402LN Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V5.5MLA0402LN LITTELFUSE-V5.5MLA0402LN Datasheet
875Kb / 8P
   MLA Varistor Seriesv
More results

Similar Description - V5.5MLA0402LN

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V14MLA0805NH LITTELFUSE-V14MLA0805NH Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA1206H LITTELFUSE-V18MLA1206H Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA1206H LITTELFUSE-V26MLA1206H Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA0805H LITTELFUSE-V18MLA0805H Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V5-5MLA0603NH LITTELFUSE-V5-5MLA0603NH Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V0603MHS03NH LITTELFUSE-V0603MHS03NH Datasheet
836Kb / 5P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MHS Series
V9MLN41206WH LITTELFUSE-V9MLN41206WH Datasheet
587Kb / 6P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLN Series
V14MLA0603NR LITTELFUSE-V14MLA0603NR Datasheet
380Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V55MLA0402LNR LITTELFUSE-V55MLA0402LNR Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA1210NT LITTELFUSE-V18MLA1210NT Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com