Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3252L-1-105MLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3252L-1-105MLF
Description  1/2 ??Square Trimpot짰 Trimming Potentiometer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3252L-1-105MLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3252L-1-105MLF Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.52
(.060)
2.54
(.100)
1.52
(.060)
4.75
(.187)
5.59
(.220)
3
1
2
2
1
3
2
1
3
12.7
(.500)
TYP.
12.7
(.500)
TYP.
1.98
(.078)
DIA. THRU
(2 PLACES)
TYP.
13.21
(.520)
2.54
(.100)
2.54
(.100)
6.35
(.250)
6.35
(.250)
13.34 ± .64
(.525 ± .025)
.71 ± .08
(.028 ± .003) DIA. TYP.
1.78
(.070)
TYP.
5.59
(.220)
2.54
(.100)
2.54
(.100)
2.79
(.110)
6.35
(.250)
6.35
(.250)
13.21
(.520)
2.36
(.093)
1.52
(.060)
.89
(.035)
TYP.
TYP.
12.70
(.500)
12.70
(.500)
152.4
(6.00)
LENGTH
MIN.
2.54
(.100)
2.54
(.100)
1.78
(.070)
5.59
(.220)
ADJ. SLOT
2.03 ± .38
(.080 ± .015)
.64
(.025)
.50
(.020)
WIDE
X
X
DEEP
DIA.
Features
Multiturn / Cermet / Sealed
■ Listed on the QPL for style RJ22 per
MIL-R-22097
■ Panel mount option available
RoHS compliant* version available
For trimmer applications/processing
guidelines, click here
3252 - 1/2 ” Square Trimpot® Trimming Potentiometer
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
“Trimpot” is a registered trademark of Bourns, Inc.
†“Fluorinert” is a registered trademark of 3M Co.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
................................10 to 2 megohms
(see standard resistance table)
Resistance Tolerance ........... ±10 % std.
(tighter tolerance available)
Absolute Minimum Resistance
........................... 1 % or 2 ohms max.
(whichever is greater)
Contact Resistance Variation
........................... 1 % or 2 ohms max.
(whichever is greater)
Adjustability
Voltage .................................. ±0.01 %
Resistance ............................ ±0.05 %
Resolution ................................... Infinite
Insulation Resistance ............... 500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level............................. 1,000 vac
80,000 Feet ............................ 400 vac
Effective Travel .................25 turns nom.
Environmental Characteristics
Power Rating @ 85 °C (400 volts max.)
............................................. 0.75 watt
Power Rating @ 150 °C ................ 0 watt
Temperature Range ... -65 °C to +150 °C
Temperature Coefficient ... ±100 ppm/°C
Seal Test ......................85 °C Fluorinert†
(pin styles only)
Humidity ......MIL-STD-202 Method 103;
96 hours (1 %
ΔTR; 100 Megohms IR)
Vibration ....... 30 G (1 %
ΔTR; 1 % ΔVR)
Shock ......... 100 G (1 %
ΔTR; 1 % ΔVR)
Load Life... 1,000 hours 0.75 watt @ 85 °C
..................(3 %
ΔTR; 3 % or 3 ohms,
whichever is greater, CRV)
Rotational Life .......................200 cycles
(2 %
ΔTR; 3 % or 3 ohms,
whichever is greater, CRV)
Physical Characteristics
Torque............................. 5.0 oz-in. max.
Mechanical Stops................. Wiper idles
Terminals Solderable printed circuit pins
Flexible leads ......(7 strands of 30 AWG)
Weight ..................................... 0.065 oz.
Wiper ............... 50 % (Actual TR) ±10 %
Flammability ..........................U.L. 94V-0
Machine Screw Mounting
Torque.............................. 12 oz-in. max.
Marking.........Manufacturer’s trademark,
resistance code, wiring diagram,
date code, manufacturer’s model
number and style
Standard Packaging
X, P&W Styles ...........25 pcs. per tube
L Style ........................25 pcs. per bag
Adjustment Tool.............................. H-90
Product Dimensions
How To Order
3252 L - 1 - 103 M LF
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
Resistance Code
Optional Suffix Letter
M = Panel Mount
(Factory Installed)
Terminations
LF =
100 % Tin-plated (RoHS compliant)
Blank = 90 % Tin / 10 % Lead-plated
(Standard)
Consult factory for other available options.
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
2,000,000
205
REV. 08/10
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
DIMENSIONS:
MM
(INCHES)
Popular values listed in boldface. Special
resistances available.
3252P
Common Dimensions
(Pin Styles)
3252W
3252L
3252X
1
3 GREEN
CW
CLOCKWISE
YELLOW
CCW
2 WIPER
RED


Similar Part No. - 3252L-1-105MLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3252 ETC1-3252 Datasheet
48Kb / 1P
   4700
logo
Alpha Wire
3252 ALPHAWIRE-3252 Datasheet
69Kb / 3P
   Customer Specification
3252 ALPHAWIRE-3252 Datasheet
98Kb / 4P
   Customer Specification
2/23/2023
logo
Heyco.
3252 HEYCO-3252 Datasheet
212Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
KR Electronics, Inc.
3252-N KR-3252-N Datasheet
83Kb / 3P
   3.65 MHz Notch Frequency
More results

Similar Description - 3252L-1-105MLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3250 BOURNS-3250_12 Datasheet
138Kb / 1P
   1/2 ??Square Trimpot짰 Trimming Potentiometer
3250W-1-101 BOURNS-3250W-1-101 Datasheet
138Kb / 1P
   3250 - 1/2 ??Square Trimpot짰 Trimming Potentiometer
3250W-1-103 BOURNS-3250W-1-103 Datasheet
138Kb / 1P
   3250 - 1/2 ??Square Trimpot짰 Trimming Potentiometer
3290 BOURNS-3290 Datasheet
176Kb / 1P
   Square Trimpot짰 Trimming Potentiometer
3266 BOURNS-3266_13 Datasheet
346Kb / 2P
   Square Trimpot짰 Trimming Potentiometer
3362P-1-201LF BOURNS-3362P-1-201LF Datasheet
356Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3362W-1-201LF BOURNS-3362W-1-201LF Datasheet
283Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3266W-1-103LF BOURNS-3266W-1-103LF_1 Datasheet
126Kb / 2P
   3266 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3362P-1-504 BOURNS-3362P-1-504 Datasheet
283Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3362P-1-203 BOURNS-3362P-1-203 Datasheet
283Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com