Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3290H-1-103M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3290H-1-103M
Description  Square Trimpot짰 Trimming Potentiometer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3290H-1-103M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3290H-1-103M Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Multiturn/ Wirewound / Industrial / Sealed
■ Listed on the QPL for style RT24 per
MIL-R-27208 and RTR24 per
High-Rel MIL-R-39015
■ Panel mount option available
RoHS compliant*
For trimmer applications/processing
guidelines, click here
3290 - 3/8 ” Square Trimpot® Trimming Potentiometer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
“Trimpot” is a registered trademark of Bourns, Inc.
†“Fluorinert” is a registered trademark of 3M Co.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
.................................. 10 to 50K ohms
(see standard resistance table)
Resistance Tolerance ............. ±5 % std.
(tighter tolerance available)
Absolute Minimum Resistance
.......................... 0.1 % or 1 ohm max.
(whichever is greater)
Noise .....................100 ohms ENR max.
Resolution
...........(see standard resistance table)
Insulation Resistance ............... 500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level............................. 1,000 vac
80,000 Feet ............................ 350 vac
Adjustment Travel.............25 turns nom.
Environmental Characteristics
Power Rating @ 85 °C ............... 1.0 watt
Power Rating @ 150 °C ................ 0 watt
Temperature Range ... -65 °C to +150 °C
Temperature Coefficient ..... ±50 ppm/°C
Seal Test ...................... 85 °C Fluorinert
Humidity .......MIL-STD-202 Method 106
96 hours (2 %
ΔTR; 100 Megohms IR)
Vibration ......................................... 30 G
(1 %
ΔTR; 0.5 % + resolution ΔVR)
Shock ........................................... 100 G
(1 %
ΔTR; 0.5 % + resolution ΔVR)
Load Life ..1,000 hours 1.0 watt @ 85 °C
(2 %
ΔTR; 500 ohms ENR)
Rotational Life .......................200 cycles
(2 %
ΔTR; 500 ohms ENR)
Physical Characteristics
Torque............................. 5.0 oz-in. max.
Mechanical Stops................. Wiper idles
Terminals Solderable printed circuit pins
Weight ..................................... 0.025 oz.
Marking.........Manufacturer’s trademark,
resistance code, wiring diagram,
date code, manufacturer’s model
number and style
Wiper ............... 50 % (Actual TR) ±10 %
Flammability ..........................U.L. 94V-0
Standard Packaging .....50 pcs. per tube
Adjustment Tool..............................H-90
Product Dimensions
1
3 CW
CLOCKWISE
CCW
2 WIPER
How To Order
3290 H - 1 - 103 M
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
Resistance Code
Optional Suffix Letter
M = Panel Mount
(Factory Installed)
Consult factory for other available options.
REV. 12/13
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
DIMENSIONS:
MM
(INCHES)
3290H
Common Dimensions
3
2
1
1
2
3
4.75
(.187)
2.54
(.100)
4.75
(.187)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
1.91
(.075)
3.81
(.150)
1.27**
(.050)
1.52**
(.060)
1.91
(.075)
1.02
(.040)
9.53 ±.38**
(.375 ±.015)
3 2 1
2.54
(.100)
4.75
(.187)
9.53 ±.38**
(.375 ±.015)
2.54
(.100)
8.00 ±.38
(.315 ±.015)
TYP.**
.51 ±.03
(.020 ±.001)
DIA. TYP.**
ADJ. SLOT
1.52
(.060)
.51
(.020)
.64
(.025)
WIDE
X
X
DEEP
DIA.
3290P
3290W
Standard Resistance Table
Nominal
Resistance
Resistance
Resolution
(Ohms)
Code
(Percent)
10
100
1.11
20
200
0.93
50
500
0.62
100
101
0.60
200
201
0.54
500
501
0.42
1,000
102
0.33
2,000
202
0.26
5,000
502
0.20
10,000
103
0.17
20,000
203
0.14
25,000
253
0.13
50,000
503
0.11
Popular values listed in boldface. Special
resistances available.
**Common dimensions


Similar Part No. - 3290H-1-103M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3290H-1-103M BOURNS-3290H-1-103M Datasheet
130Kb / 1P
   Square Trimpot Trimming Potentiometer Multiturn/ Wirewound / Industrial / Sealed
More results

Similar Description - 3290H-1-103M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3266 BOURNS-3266_13 Datasheet
346Kb / 2P
   Square Trimpot짰 Trimming Potentiometer
3252 BOURNS-3252 Datasheet
117Kb / 1P
   1/2 ??Square Trimpot짰 Trimming Potentiometer
3299W-1-103LF BOURNS-3299W-1-103LF_10 Datasheet
154Kb / 1P
   3/8 Square Trimpot짰 Trimming Potentiometer
3292 BOURNS-3292 Datasheet
149Kb / 1P
   3/8 ??Square Trimpot짰 Trimming Potentiometer
3250 BOURNS-3250_12 Datasheet
138Kb / 1P
   1/2 ??Square Trimpot짰 Trimming Potentiometer
3314J-1-201E BOURNS-3314J-1-201E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3296X-1-203 BOURNS-3296X-1-203 Datasheet
183Kb / 2P
   3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3362P-1-201LF BOURNS-3362P-1-201LF Datasheet
356Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3314J-1-102E BOURNS-3314J-1-102E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3314J-1-500E BOURNS-3314J-1-500E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com