Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP15XH103F03RC Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # NCP15XH103F03RC
Description  NTC Thermistors
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP15XH103F03RC Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button NCP15XH103F03RC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP15XH103F03RC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP15XH103F03RC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP15XH103F03RC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NCP15XH103F03RC Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NCP15XH103F03RC Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. NCP15XH103F03RC Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. NCP15XH103F03RC Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. NCP15XH103F03RC Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
8
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
NTC Thermistors
Temperature Sensor and Compensation 0402 (1005) Size
0201/0402/0603/0805 sized Chip NTC Thermistors
have a unique inner construction and nickel barrier
terminations which provide excellent solderability
and high stability in the application environment.
s Features
1. Excellent solderability and high stability in
environment
2. Excellent long-term aging stability
3. High accuracy in resistance and B-Constant
4. Reflow soldering possible
5. Provide flexibility to use the smaller size version
in certain circuits because of same B-Constant in
the same resistance.
6. NCP series are recognized by UL/cUL
(UL1434, File No. E137188).
s Applications
1. Temperature compensation for transistor, IC and
crystal oscillator in mobile communications
2. Temperature sensor for rechargeable batteries
3. Temperature compensation of LCD
4. Temperature compensation in general use of electric
circuits
Electrode
(Ag System + Ni Plating + Sn Plating)
0.25
±0.10
0.25
±0.10
1.0
±0.05
(in mm)
Part Number
Resistance
(25
°C)
(ohm)
B-Constant
(25-50
°C)
(K)
B-Constant
(25-80
°C)
(Reference Value) (K)
B-Constant
(25-85
°C)
(Reference Value) (K)
B-Constant
(25-100
°C)
(Reference Value) (K)
Permissive Operating
Current (25
°C)
(mA)
Rated Electric
Power (25
°C)
(mW)
Typical Dissipation
Constant (25
°C)
(mW/
°C)
NCP15XC220p03RC
22
3100
±3%
3126
3128
3136
6.70
100
1
NCP15XC330p03RC
33
3100
±3%
3126
3128
3136
5.50
100
1
NCP15XC470p03RC
47
3100
±3%
3126
3128
3136
4.60
100
1
NCP15XC680p03RC
68
3100
±3%
3126
3128
3136
3.80
100
1
NCP15XF101p03RC
100
3250
±3%
3282
3284
3296
3.10
100
1
NCP15XF151p03RC
150
3250
±3%
3282
3284
3296
2.50
100
1
NCP15XM221p03RC
220
3500
±3%
3539
3545
3560
2.10
100
1
NCP15XM331p03RC
330
3500
±3%
3539
3545
3560
1.70
100
1
NCP15XQ471p03RC
470
3650
±2%
3688
3693
3706
1.40
100
1
NCP15XQ681p03RC
680
3650
±3%
3688
3693
3706
1.20
100
1
NCP15XQ102p03RC
1.0k
3650
±2%
3688
3693
3706
1.00
100
1
NCP15XW152p03RC
1.5k
3950
±3%
3982
3987
3998
0.81
100
1
NCP15XW222p03RC
2.2k
3950
±3%
3982
3987
3998
0.67
100
1
NCP15XW332p03RC
3.3k
3950
±3%
3982
3987
3998
0.55
100
1
NCP15XM472p03RC
4.7k
3500
±2%
3539
3545
3560
0.46
100
1
NCP15XW472p03RC
4.7k
3950
±3%
3982
3987
3998
0.46
100
1
NCP15XW682p03RC
6.8k
3950
±3%
3982
3987
3998
0.38
100
1
NCP15XH103D03RC
10k
±0.5% 3380 ±0.7%
3428
3434
3455
0.31
100
1
NCP15XH103F03RC
10k
±1%
3380
±1%
3428
3434
3455
0.31
100
1
NCP15XH103p03RC
10k
3380
±1%
3428
3434
3455
0.31
100
1
NCP15XV103p03RC
10k
3900
±3%
3930
3934
3944
0.31
100
1
NCP15XW153p03RC
15k
3950
±3%
3982
3987
3998
0.25
100
1
NCP15XW223p03RC
22k
3950
±3%
3982
3987
3998
0.21
100
1
NCP15WL223p03RC
22k
4485
±1%
4537
4543
4557
0.21
100
1
NCP15WB333p03RC
33k
4050
±3%
4101
4108
4131
0.17
100
1
Continued on the following page.
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
R44E.pdf
Feb.21,2011


Similar Part No. - NCP15XH103F03RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
1Mb / 47P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
logo
ON Semiconductor
NCP15XH103F03RC ONSEMI-NCP15XH103F03RC Datasheet
521Kb / 13P
   500 mA USB Compatible Single Cell Li-Lon Linear Charger with ?쏱ower Back??Capability
November, 2019 ??Rev. 0
More results

Similar Description - NCP15XH103F03RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com