Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP15XW47203RC Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # NCP15XW47203RC
Description  NTC Thermistors
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP15XW47203RC Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button NCP15XW47203RC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NCP15XW47203RC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NCP15XW47203RC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NCP15XW47203RC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP15XW47203RC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP15XW47203RC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP15XW47203RC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP15XW47203RC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NCP15XW47203RC Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
4
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
qProduct ID
wSeries
tResistance Tolerance
yIndividual Specifications
NTC Thermistors for Temperature Sensor Lead Type
NT
NTC Thermistors
E
F
±3%
±1%
E1
N6
PB
Individual Specifications
Product ID
Code
Resistance Tolerance
Code
(Part Number)
rResistance
Expressed by three-digit alphanumerics. The unit is ohm (
Ω).
The first and second figures are significant digits, and the third
figure expresses the number of zeros which follow the two
figures.
A lead structure and other specifications are expressed by two-digit
alphanumerics.
202
203
Ex.
2k
20k
Code
Resistance
Standard Bulk (
NTSA, NTSD0 Series)
Standard Ammo Pack Taping (
NTSA Series)
Standard Bulk (
NTSD1 Series)
SA0
SD0
SD1
for Temperature Sensors No Lead-coating Type
for Temperature Sensors Lead-coating Type
(Total Length 30mm max.)
for Temperature Sensors Lead-coating Type
(Total Length 30 to 50mm)
Code
uPackaging (NTSA/NTSD0 Series)
A0
B0
Ammo Pack Taping
Bulk
Code
Packaging
uTotal Length (NTSD1 Series)
30
40
50
30mm
40mm
50mm
Code
Total Length
Series
eTemperature Characteristics
WB
WC
WD
WF
XH
XM
XR
XV
Nominal B-Constant 4050e4099K
Nominal B-Constant 4100e4149K
Nominal B-Constant 4150e4199K
Nominal B-Constant 4250e4299K
Nominal B-Constant 3350e3399K
Nominal B-Constant 3500e3549K
Nominal B-Constant 3700e3749K
Nominal B-Constant 3900e3949K
Code
Temperature Characteristics
t
F
w
SA0
e
XH
r
103
y
E1
u
B0
NT
q
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
R44E.pdf
Feb.21,2011


Similar Part No. - NCP15XW47203RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP15XW47203RC MURATA-NCP15XW47203RC Datasheet
1Mb / 44P
   NTC Thermistors
NCP15XW47203RC MURATA-NCP15XW47203RC Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
More results

Similar Description - NCP15XW47203RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com