Electronic Components Datasheet Search |
|
NTV0509MC Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd. |
|
NTV0509MC Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd. |
3 / 4 page NTV Series 3kVDC Isolated 1W Dual Output SM DC/DC Converters KDC_NTV.E08 Page 3 of 4 www.murata-ps.com/support PACKAGE SPECIFICATIONS MECHANICAL DIMENSIONS PIN CONNECTIONS Pin Function 1-VIN 3+VIN 5NA 9OV 11 -VOUT 12 NA 14 +VOUT 18 NA 20 NA 22 NA NA - Not available for electrical connection. RECOMMENDED FOOTPRINT DETAILS TUBE OUTLINE DIMENSIONS All dimensions in mm ±0.25mm (inches ±0.01). All pins on a 2.54 (0.1) pitch. Weight: 1.53g Unless otherwise stated all dimensions in mm±0.5 (inches ±0.02). Tube length : 475±2.0 (18.70±0.07). Tube Quantity : 25 9.40 (0.370) 2.10 (0.083) 6.70 (0.264) 14.35 (0.565) 0.60±0.15 (0.024±0.006) 9.70 (0.382) 2.00 (0.079) 12.70 (0.5) 1.00 (0.040) MIN 2.54 (0.1) RoHS COMPLIANCE, MSL AND PSL INFORMATION This series is compatible with RoHS soldering systems and is also backward compatible with Sn/Pb soldering systems. The NTV series has a process, moisture, and reflow sensitivity classification of MSL1 PSL R7F as defined in J-STD-020 and J-STD-075. This translates to: MSL1 = unlimited floor life, PSL R7F = Peak reflow temperature 245°C with a limitation on the time above liquidus (217°C) which for this series is 60sec max. The pin termination finish on this product series is Gold with a plating thickness of 0.05 microns minimum. For further information please visit www.murata-ps.com/rohs 0.25 (0.010) 0.10 (0.004) 2.79 (0.11) MAX 6.35 (0.250) 5.85 (0.230) 6.60 (0.260) 5.95 (0.234) 1.875 (0.074) MAX 0.1 (0.004) S 10 PINS 7.70 (0.303) 11.20 10.40 (0.441) (0.409) 2.54 (0.1) 1 2.10 (0.083) 0.65 (0.026) 0.55 (0.022) 15.24 (0.600) 12.70 (0.500) NTV0505MC 22 XYYWW 12 0.2 (0.008) S 10 PINS PLANE SEATING DETAIL A S P REFERENCE PLANE 0.30 (0.012) 0.20 (0.008) 0.5 (0.020) 1.50 (0.059) 1.20 (0.47) ±5.00° 11 20 14 18 3 5 9 |
Similar Part No. - NTV0509MC |
|
Similar Description - NTV0509MC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |