Electronic Components Datasheet Search |
|
NTSA0WF104EE1B0 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd. |
|
NTSA0WF104EE1B0 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd. |
11 / 47 page 9 2 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. Part Number Resistance (25 °C) (ohm) B-Constant (25-50 °C) (K) B-Constant (25-80 °C) (Reference Value) (K) B-Constant (25-85 °C) (Reference Value) (K) B-Constant (25-100 °C) (Reference Value) (K) Permissive Operating Current (25 °C) (mA) Rated Electric Power (25 °C) (mW) Typical Dissipation Constant (25 °C) (mW/ °C) Continued from the preceding page. NCP15WL333p03RC 33k 4485 ±1% 4537 4543 4557 0.17 100 1 NCP15WB473D03RC 47k ±0.5% 4050 ±0.5% 4101 4108 4131 0.14 100 1 NCP15WB473F03RC 47k ±1% 4050 ±1% 4101 4108 4131 0.14 100 1 NCP15WB473p03RC 47k 4050 ±1% 4101 4108 4131 0.14 100 1 NCP15WL473p03RC 47k 4485 ±1% 4537 4543 4557 0.14 100 1 NCP15WD683p03RC 68k 4150 ±3% 4201 4209 4232 0.12 100 1 NCP15WL683p03RC 68k 4485 ±1% 4537 4543 4557 0.12 100 1 NCP15WF104D03RC 100k ±0.5% 4250 ±0.5% 4303 4311 4334 0.10 100 1 NCP15WF104F03RC 100k ±1% 4250 ±1% 4303 4311 4334 0.10 100 1 NCP15WF104p03RC 100k 4250 ±1% 4303 4311 4334 0.10 100 1 NCP15WL104p03RC 100k 4485 ±1% 4537 4543 4557 0.10 100 1 NCP15WL154p03RC 150k 4485 ±1% 4537 4543 4557 0.08 100 1 NCP15WM154p03RC 150k 4500 ±3% 4571 4582 4614 0.08 100 1 NCP15WM224p03RC 220k 4500 ±3% 4571 4582 4614 0.06 100 1 NCP15WM474p03RC 470k 4500 ±3% 4571 4582 4614 0.04 100 1 p is filled with resistance tolerance codes (E: ±3%, J: ±5%). Rated Electric Power shows the required electric power that causes Thermistor's temperature to rise to 125 °C by self heating, at ambient temperature of 25 °C. Operating Temperature Range: -40 °C to +125°C !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. R44E.pdf Feb.21,2011 |
Similar Part No. - NTSA0WF104EE1B0 |
|
Similar Description - NTSA0WF104EE1B0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |