Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

496003 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 496003
Description  PRODUCT SPECIFICATION
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

496003 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  496003 Datasheet HTML 1Page - List of Unclassifed Manufacturers 496003 Datasheet HTML 2Page - List of Unclassifed Manufacturers 496003 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Copyright Carl Kammerling International Ltd
PRODUCT SPECIFICATION
Brand
C.K
Product Range
Heavy duty stapler and cable tackers
Catalogue number
6222, 6227, 6228
Date
01/10/2009
Range Description
Heavy duty stapler and cable tackers
496001
T6227 & T6228
Features
Tough cast Aluminium body
– for strength and
durability
Bi-material ergonomic handle
– for comfort and
reduced fatigue
Simple staple loading and clearing mechanism
fast and convenient
Handle safety locking system
– prevents
accidental operation
Display packed
Item
Number
Item Description
EAN No
Commodity
code
Carton
Qty
496001
Heavy duty staple gun
5013969197051
82055990
3
496002
Staples (1000) 10.5mm wide x 8mm deep
5051074960023
73170061
1
496003
Staples (1000) 10.5mm wide x 10mm deep
5051074960030
73170061
1
496004
Staples (1000) 10.5mm wide x 12mm deep
5051074960047
73170061
1
496005
Staples (1000) 10.5mm wide x 14mm deep
5051074960054
73170061
1
T6227
Cable Tacker
5013969700237
82055990
3
495021
Cable Staples (1000) 7.5mm wide x 11.1mm
deep
5051074950215
73170061
10
495022
Cable Staples (1000) 7.5mm wide x 14.2mm
5051074950222
73170061
10


Similar Part No. - 496003

ManufacturerPart #DatasheetDescription
logo
Littelfuse
496 LITTELFUSE-496 Datasheet
72Kb / 1P
   Blade Terminal & Special Purpose Fusel
logo
List of Unclassifed Man...
496 ETC2-496 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
EDAC, All Rights Reserv...
496-108-221-121 EDAC-496-108-221-121 Datasheet
270Kb / 2P
   496 Series Edge Connector | DIN 41612
496-108-221-121 EDAC-496-108-221-121 Datasheet
146Kb / 1P
   496 Series,Edge Connector | DIN 41612
496-108-221-123 EDAC-496-108-221-123 Datasheet
270Kb / 2P
   496 Series Edge Connector | DIN 41612
More results

Similar Description - 496003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com