Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3006P-7-100ZLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3006P-7-100ZLF
Description  Trimpot Trimming Potentiometer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3006P-7-100ZLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3006P-7-100ZLF Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
3/4 ” Rectangular / Multiturn / Cermet /
Industrial / Sealed
Low PC board profile - only 1/4 ” high
■ Panel mount option available
Transparent housing available, can
be set visually without hook-up and
instrumentation (“P” style only)
RoHS compliant* version available
For trimmer applications/processing
guidelines, click here
3006 - Trimpot® Trimming Potentiometer
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
“Trimpot” is a registered trademark of Bourns, Inc.
†“Fluorinert” is a registered trademark of 3M Co.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
................................10 to 5 megohms
(see standard resistance table)
Resistance Tolerance ........... ±10 % std.
(tighter tolerance available)
Absolute Minimum Resistance
........................ 1.0 % or 2 ohms max.
(whichever is greater)
Contact Resistance Variation
.......................... 1.0 % or 1 ohm max.
(whichever is greater)
Adjustability
Voltage .................................. ±0.01 %
Resistance ............................ ±0.05 %
Resolution ................................... Infinite
Insulation Resistance ............... 500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level............................. 1,000 vac
80,000 Feet ............................ 250 vac
Adjustment Angle .............15 turns nom.
Environmental Characteristics
Power Rating (400 volts max.)
70 °C .................................... 0.75 watt
125 °C ....................................... 0 watt
Temperature Range ... -55 °C to +125 °C
Temperature Coefficient ... ±100 ppm/°C
Seal Test ......................85 °C Fluorinert†
Humidity .......MIL-STD-202 Method 103
96 hours
(3 %
ΔTR, 20 Megohms IR)
Vibration ....... 20 G (2 %
ΔTR; 2 % ΔVR)
Shock ........... 50 G (2 %
ΔTR; 2 % ΔVR)
Load Life...1,000 hours 0.75 watt 70 °C
(4 %
ΔTR)
Rotational Life .......................200 cycles
(3 %
ΔTR; 1 % or 1 ohm,
whichever is greater, CRV)
Physical Characteristics
Torque............................. 5.0 oz-in. max.
Mechanical Stops................. Wiper idles
Terminals ....................... Solderable pins
Weight ....................................... 0.04 oz.
Marking........................... Manufacturer’s
trademark, resistance code,
terminal numbers, date code,
manufacturer’s model number
and style
Wiper ............... 50 % (Actual TR) ±10 %
Flammability ..........................U.L. 94V-0
Standard Packaging .....25 pcs. per tube
Adjustment Tool.............................. H-90
Product Dimensions
1
3 CW
CLOCKWISE
CCW
2 WIPER
How To Order
3006 P - 1 - 103 Z LF
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
-7 = Transparent Housing
Resistance Code
Optional Suffix Letter
Z = Panel Mount
(Factory Installed)
Terminations
LF =
100 % Tin-plated (RoHS compliant)
Blank = 90 % Tin / 10 % Lead-plated
(Standard)
Consult factory for other available options.
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
2,000,000
205
REV. 08/10
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
DIMENSIONS:
MM
(INCHES)
1.40
(.055)
6.35
(.250)
19.05
(.750)
1.52
(.060)
.38
(.015)
5.33
.89
(.210
.035)
1
23
.76
(.030)
.51
.03
(.020
.001)
4.83
(.190)
4.70
.38
(.185
.015)
3.30
(.130)
5.08
(.200)
12.70
(.500)
2.54
(.100)
Common Dimensions
3006P
1.40
(.055)
.64
(.025)
7.62
(.300)
17.78
(.700)
3006Y
3.30
(.130)
5.08
(.200)
12.70
(.500)
3006W
5.08
(.200)
2.54
(.100)
DIA. PINS TYP.
MIN.
ADJ. SLOT
2.36
(.093)
.79
(.031)
.64
(.025)
WIDE
X
X
DEEP
DIA.
Popular distribution values listed in boldface.
Special resistances available.


Similar Part No. - 3006P-7-100ZLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3006P-7-102Z BOURNS-3006P-7-102Z Datasheet
115Kb / 1P
   3006 - Trimpot짰 Trimming Potentiometer
3006P-7-103Z BOURNS-3006P-7-103Z Datasheet
115Kb / 1P
   3006 - Trimpot짰 Trimming Potentiometer
3006P-7-103Z BOURNS-3006P-7-103Z Datasheet
131Kb / 1P
   3006 - Trimpot Trimming Potentiometer
3006P-7-103Z BOURNS-3006P-7-103Z Datasheet
136Kb / 1P
   3006 - Trimpot Trimming Potentiometer
3006P-7-103ZLF BOURNS-3006P-7-103ZLF Datasheet
115Kb / 1P
   3006 - Trimpot짰 Trimming Potentiometer
More results

Similar Description - 3006P-7-100ZLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3057 BOURNS-3057 Datasheet
117Kb / 1P
   Trimpot Trimming Potentiometer
3059 BOURNS-3059 Datasheet
116Kb / 1P
   Trimpot Trimming Potentiometer
0655 BOURNS-0655 Datasheet
159Kb / 1P
   Trimpot Trimming Potentiometer
RJ12 BOURNS-RJ12 Datasheet
121Kb / 1P
   Trimpot Trimming Potentiometer
RT12 BOURNS-RT12 Datasheet
107Kb / 1P
   Trimpot Trimming Potentiometer
3006P-1-100LF BOURNS-3006P-1-100LF Datasheet
187Kb / 1P
   3006 - Trimpot Trimming Potentiometer
RJ24FL202 BOURNS-RJ24FL202_12 Datasheet
184Kb / 1P
   Square Trimpot Trimming Potentiometer
RT22C2P501 BOURNS-RT22C2P501 Datasheet
143Kb / 1P
   Square Trimpot Trimming Potentiometer
RT26 BOURNS-RT26 Datasheet
120Kb / 1P
   Square Trimpot Trimming Potentiometer
3352 BOURNS-3352_13 Datasheet
200Kb / 1P
   Round Trimpot Trimming Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com