Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST174-E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SST174-E3
Description  P-Channel JFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST174-E3 Datasheet(HTML) 6 Page - Vishay Siliconix

  SST174-E3 Datasheet HTML 1Page - Vishay Siliconix SST174-E3 Datasheet HTML 2Page - Vishay Siliconix SST174-E3 Datasheet HTML 3Page - Vishay Siliconix SST174-E3 Datasheet HTML 4Page - Vishay Siliconix SST174-E3 Datasheet HTML 5Page - Vishay Siliconix SST174-E3 Datasheet HTML 6Page - Vishay Siliconix SST174-E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
7.5 k
W
51
W
1.2 k
W
51
W
51
W
1.2 k
W
0.1
mF
Sampling
Scope
VGG
VDD
RG
VGS(H)
VGS(L)
RL
J/SST174/175/176/177 Series
Vishay Siliconix
www.vishay.com
9-6
Document Number: 70257
S-04030—Rev. E, 04-Jun-01
SWITCHING TIME TEST CIRCUIT
174
175
176
177
VDD
–10 V
–6 V
–6 V
–6 V
VGG
20 V
12 V
8 V
5 V
RL*
560
W
750
W
1800
W
5600
W
RG*
100
W
220
W
390
W
390
W
ID(on)
–15 mA
–7 mA
–3 mA
–1 mA
*Non-inductive
INPUT PULSE
SAMPLING SCOPE
Rise Time < 1 ns
Fall Time < 1 ns
Pulse Width 100 ns
PRF 1 MHz
Rise Time 0.4 ns
Input Resistance 10 M
W
Input Capacitance 1.5 pF
See Typical Characteristics curves for changes.


Similar Part No. - SST174-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SST174-T1-E3 VISHAY-SST174-T1-E3 Datasheet
62Kb / 7P
   P-Channel JFETs
Rev. E, 04-Jun-01
More results

Similar Description - SST174-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5114JAN VISHAY-2N5114JAN Datasheet
28Kb / 3P
   P-Channel JFETs
Rev. E, 04-Jun-01
SST174-T1-E3 VISHAY-SST174-T1-E3 Datasheet
62Kb / 7P
   P-Channel JFETs
Rev. E, 04-Jun-01
SST270-T1-E3 VISHAY-SST270-T1-E3 Datasheet
51Kb / 5P
   P-Channel JFETs
Rev. D, 02-Jul-01
SST5460 VISHAY-SST5460 Datasheet
50Kb / 5P
   P-Channel JFETs
Rev. D, 04-Jun-01
SST176-T1 VISHAY-SST176-T1 Datasheet
62Kb / 7P
   P-Channel JFETs
Rev. E, 04-Jun-01
J175-E3 VISHAY-J175-E3 Datasheet
62Kb / 7P
   P-Channel JFETs
Rev. E, 04-Jun-01
J270 VISHAY-J270 Datasheet
44Kb / 4P
   P-Channel JFETs
Rev. D, 02-Jul-01
logo
New Jersey Semi-Conduct...
2N3382 NJSEMI-2N3382 Datasheet
83Kb / 1P
   p-channel JFETs
logo
Vishay Siliconix
SST174 VISHAY-SST174 Datasheet
55Kb / 6P
   P-Channel JFETs
Rev. E, 04-Jun-01
logo
New Jersey Semi-Conduct...
2N5018 NJSEMI-2N5018 Datasheet
129Kb / 1P
   P-CHANNEL JFETS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com