Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCX2202GM Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NCX2202GM
Description  Low voltage comparator; open-drain output Rev. 5 ??30 October 2012
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NCX2202GM Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NCX2202GM Datasheet HTML 2Page - NXP Semiconductors NCX2202GM Datasheet HTML 3Page - NXP Semiconductors NCX2202GM Datasheet HTML 4Page - NXP Semiconductors NCX2202GM Datasheet HTML 5Page - NXP Semiconductors NCX2202GM Datasheet HTML 6Page - NXP Semiconductors NCX2202GM Datasheet HTML 7Page - NXP Semiconductors NCX2202GM Datasheet HTML 8Page - NXP Semiconductors NCX2202GM Datasheet HTML 9Page - NXP Semiconductors NCX2202GM Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
NCX2202
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 30 October 2012
6 of 15
NXP Semiconductors
NCX2202
Low voltage comparator; open-drain output
(1) Tamb = 40 C.
(2) Tamb =25 C.
(3) Tamb =85 C.
Tamb =25 C.
VCC = 5.0 V.
Fig 6.
Supply current versus supply voltage
Fig 7.
LOW-level output voltage versus output
current
001aan856
VCC (V)
06
4
2
0
6
4
2
8
lcc
(μA)
(1)
(2)
(3)
001aan858
IO (mA)
10-2
10
1
10-1
1
10
102
103
VOL
(mV)
10-1
IO =4.0 mA.
VCC = 5.0 V.
VCC = 5.0 V; input overdrive = 50 mV.
(1) tPLZ.
(2) tPZL.
Fig 8.
LOW-level output voltage versus temperature
Fig 9.
Propagation delay versus temperature
100
140
60
180
220
VOL
(mV)
20
Temp (°C)
-40
120
80
040
001aan860
Temp (°C)
-50
100
50
0
001aan861
600
1000
1400
tpd
(ns)
200
(1)
(2)


Similar Part No. - NCX2202GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NCX2202 PHILIPS-NCX2202_15 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output
Rev. 5-30 October 2012
More results

Similar Description - NCX2202GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NCX2222 PHILIPS-NCX2222_15 Datasheet
580Kb / 18P
   Low voltage comparator; open-drain output
Rev. 1-20 December 2012
NCX2222 NXP-NCX2222 Datasheet
594Kb / 19P
   Low voltage comparator; open-drain output
Rev. 1-20 December 2012
NCX2202 PHILIPS-NCX2202_15 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output
Rev. 5-30 October 2012
74LVC1G06GW125 PHILIPS-74LVC1G06GW125 Datasheet
352Kb / 18P
   Inverter with open-drain output Rev. 10 ??29 June 2012
Rev. 10-29 June 2012
logo
SG Micro Corp
SGM8702 SGMICRO-SGM8702 Datasheet
349Kb / 14P
   Open Drain Output Comparator
logo
Global Mixed-mode Techn...
G1331 GMT-G1331 Datasheet
106Kb / 1P
   General Purpose, Low Voltage Comparator with Open-Drain Output
logo
Microchip Technology
MCP6566 MICROCHIP-MCP6566 Datasheet
778Kb / 44P
   1.8V Low Power Open-Drain Output Comparator
2009
MCP6566 MICROCHIP-MCP6566_11 Datasheet
806Kb / 46P
   1.8V Low-Power Open-Drain Output Comparator
2011
MCP6566 MICROCHIP-MCP6566_13 Datasheet
1Mb / 48P
   1.8V Low-Power Open-Drain Output Comparator
2009-2013
logo
AiT Semiconductor Inc.
AO331 AITSEMI-AO331 Datasheet
1Mb / 11P
   OPEN-DRAIN OUTPUT LOW POWER CMOS SINGLE COMPARATOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com