Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL008K0XMFI013 Datasheet(PDF) 11 Page - SPANSION

Part # S25FL008K0XMFI013
Description  8-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL008K0XMFI013 Datasheet(HTML) 11 Page - SPANSION

Back Button S25FL008K0XMFI013 Datasheet HTML 7Page - SPANSION S25FL008K0XMFI013 Datasheet HTML 8Page - SPANSION S25FL008K0XMFI013 Datasheet HTML 9Page - SPANSION S25FL008K0XMFI013 Datasheet HTML 10Page - SPANSION S25FL008K0XMFI013 Datasheet HTML 11Page - SPANSION S25FL008K0XMFI013 Datasheet HTML 12Page - SPANSION S25FL008K0XMFI013 Datasheet HTML 13Page - SPANSION S25FL008K0XMFI013 Datasheet HTML 14Page - SPANSION S25FL008K0XMFI013 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
October 14, 2010 S25FL008K_00_02
S25FL008K
11
Data
Sheet
(Preliminar y )
5.
Functional Description
5.1
SPI Operations
5.1.1
Standard SPI Instructions
The S25FL008K is accessed through an SPI compatible bus consisting of four signals: Serial Clock (CLK),
Chip Select (CS#), Serial Data Input (SI) and Serial Data Output (SO). Standard SPI instructions use the SI
input pin to serially write instructions, addresses or data to the device on the rising edge of CLK. The SO
output pin is used to read data or status from the device on the falling edge CLK.
SPI bus operation Mode 0 (0,0) and 3 (1,1) are supported. The primary difference between Mode 0 and Mode
3 concerns the normal state of the CLK signal when the SPI bus master is in standby and data is not being
transferred to the Serial Flash. For Mode 0, the CLK signal is normally low on the falling and rising edges of
CS#. For Mode 3, the CLK signal is normally high on the falling and rising edges of CS#.
5.1.2
Dual SPI Instructions
The S25FL008K supports Dual SPI operation when using the “Fast Read Dual Output (3Bh)” and “Fast Read
Dual I/O (BBh)” instructions. These instructions allow data to be transferred to or from the device at two to
three times the rate of ordinary Serial Flash devices. The Dual SPI Read instructions are ideal for quickly
downloading code to RAM upon power-up (code-shadowing) or for executing non-speed-critical code directly
from the SPI bus (XIP). When using Dual SPI instructions, the SI and SO pins become bidirectional I/O pins:
IO0 and IO1.
5.1.3
Quad SPI Instructions
The S25FL008K supports Quad SPI operation when using the “Fast Read Quad Output (6Bh)”, “Fast Read
Quad I/O (EBh)”, “Word Read Quad I/O (E7h)” and “Octal Word Read Quad I/O (E3h)” instructions. These
instructions allow data to be transferred to or from the device four to six times the rate of ordinary Serial
Flash. The Quad Read instructions offer a significant improvement in continuous and random access transfer
rates allowing fast code-shadowing to RAM or execution directly from the SPI bus (XIP). When using Quad
SPI instructions the SI and SO pins become bidirectional IO0 and IO1, and the WP# and HOLD# pins
become IO2 and IO3 respectively. Quad SPI instructions require the non-volatile Quad Enable bit (QE) in
Status Register-2 to be set.
5.1.4
Hold Function
For Standard SPI and Dual SPI operations, the HOLD# signal allows the S25FL008K operation to be paused
while it is actively selected (when CS# is low). The HOLD# function may be useful in cases where the SPI
data and clock signals are shared with other devices. For example, consider if the page buffer was only
partially written when a priority interrupt requires use of the SPI bus. In this case the HOLD# function can
save the state of the instruction and the data in the buffer so programming can resume where it left off once
the bus is available again. The HOLD# function is only available for standard SPI and Dual SPI operation, not
during Quad SPI.
To initiate a HOLD# condition, the device must be selected with CS# low. A HOLD# condition will activate on
the falling edge of the HOLD# signal if the CLK signal is already low. If the CLK is not already low the HOLD#
condition will activate after the next falling edge of CLK. The HOLD# condition will terminate on the rising
edge of the HOLD# signal if the CLK signal is already low. If the CLK is not already low the HOLD# condition
will terminate after the next falling edge of CLK. During a HOLD# condition, the Serial Data Output (SO) is
high impedance, and Serial Data Input (SI) and Serial Clock (CLK) are ignored. The Chip Select (CS#) signal
should be kept active (low) for the full duration of the HOLD# operation to avoid resetting the internal logic
state of the device.
5.2
Write Protection
Applications that use non-volatile memory must take into consideration the possibility of noise and other
adverse system conditions that may compromise data integrity. To address this concern, the S25FL008K
provides several means to protect the data from inadvertent writes.


Similar Part No. - S25FL008K0XMFI013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL008A SPANSION-S25FL008A Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL008A0LMAI000 SPANSION-S25FL008A0LMAI000 Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL008A0LMAI001 SPANSION-S25FL008A0LMAI001 Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL008A0LMAI003 SPANSION-S25FL008A0LMAI003 Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL008A0LMFI000 SPANSION-S25FL008A0LMFI000 Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
More results

Similar Description - S25FL008K0XMFI013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XBHIS20 SPANSION-S25FL032P0XBHIS20 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P Datasheet
2Mb / 64P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S70FL256P SPANSION-S70FL256P Datasheet
825Kb / 19P
   256-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL128K SPANSION-S25FL128K Datasheet
2Mb / 59P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com