Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS36000DRG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCS36000DRG
Description  Passive Infrared (PIR) Detector Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS36000DRG Datasheet(HTML) 1 Page - ON Semiconductor

  NCS36000DRG Datasheet HTML 1Page - ON Semiconductor NCS36000DRG Datasheet HTML 2Page - ON Semiconductor NCS36000DRG Datasheet HTML 3Page - ON Semiconductor NCS36000DRG Datasheet HTML 4Page - ON Semiconductor NCS36000DRG Datasheet HTML 5Page - ON Semiconductor NCS36000DRG Datasheet HTML 6Page - ON Semiconductor NCS36000DRG Datasheet HTML 7Page - ON Semiconductor NCS36000DRG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2013
January, 2013 − Rev. 1
1
Publication Order Number:
NCS36000/D
NCS36000
Passive Infrared (PIR)
Detector Controller
The NCS36000 is a fully integrated mixed−signal CMOS device
designed for low−cost passive infrared controlling applications. The
device integrates two low−noise amplifiers and a LDO regulator to
drive the sensor. The output of the amplifiers goes to a window
comparator that uses internal voltage references from the regulator.
The digital control circuit processes the output from the window
comparator and provides the output to the OUT and LED pin.
Features
3.0 − 5.75 V Operation
−40 to 85°C
14 Pin SOIC Package
Integrated 2−Stage Amplifier
Internal LDO to Drive Sensor
Internal Oscillator with External RC
Single or Dual Pulse Detection
Direct Drive of LED and OUT
This is a Pb−Free Device
Typical Applications
Automatic Lighting (Residential and Commercial)
Automation of Doors
Motion Triggered Events (Animal photography)
6
VREF
LDO &
Voltage References
Amplifier
Circuit
Window
Comparator
System
Oscillator
Digital
Control
Circuit
5
OP1_P
4
OP1_N
3
OP1_O
2
OP2_N
1
OP2_O
13
OSC
2
2
8 OUT
9 LED
10 xLED_EN
12 MODE
Figure 1. Simplified Block Diagram
14
SOIC−14
D SUFFIX
CASE 751A
1
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
(Top View)
http://onsemi.com
NCS36000G
AWLYWW
1
14
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING
DIAGRAMS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OP2_O
OP2_N
OP1_O
OP1_N
OP1_P
VREF
VSS
VDD
OSC
MODE
NC
xLED_EN
LED
OUT


Similar Part No. - NCS36000DRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS36000DRG ONSEMI-NCS36000DRG Datasheet
189Kb / 8P
   Passive Infrared (PIR) Detector Controller
January, 2013 ??Rev. 1
NCS36000DRG ONSEMI-NCS36000DRG Datasheet
147Kb / 8P
   Passive Infrared (PIR) Detector Controller
December, 2015 ??Rev. 3
More results

Similar Description - NCS36000DRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS36000DG ONSEMI-NCS36000DG Datasheet
189Kb / 8P
   Passive Infrared (PIR) Detector Controller
January, 2013 ??Rev. 1
NCS36000 ONSEMI-NCS36000_15 Datasheet
147Kb / 8P
   Passive Infrared (PIR) Detector Controller
December, 2015 ??Rev. 3
logo
List of Unclassifed Man...
WT8076 ETC-WT8076 Datasheet
48Kb / 8P
   Passive Infrared (PIR) Controller
logo
LSI Computer Systems
LS6501LP LSI-LS6501LP Datasheet
76Kb / 8P
   PIR MOTION DETECTOR
logo
List of Unclassifed Man...
M2006C ETC-M2006C Datasheet
197Kb / 5P
   PIR Motion Detector
HC-SR501 ETC2-HC-SR501 Datasheet
859Kb / 3P
   PIR MOTION DETECTOR
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
   PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
   PIR CONTROLLER
logo
Holtek Semiconductor In...
HT7M2126 HOLTEK-HT7M2126 Datasheet
4Mb / 25P
   PIR Detector Miniaturized Module
logo
Silvan Chip Electronics...
BISS0001 SILVAN-BISS0001 Datasheet
168Kb / 2P
   PIR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com