Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR460 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MUR460
Description  ULTRAFAST RECTIFIERS 4.0 AMPERES 200-600 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MUR460 Datasheet(HTML) 3 Page - Motorola, Inc

  MUR460 Datasheet HTML 1Page - Motorola, Inc MUR460 Datasheet HTML 2Page - Motorola, Inc MUR460 Datasheet HTML 3Page - Motorola, Inc MUR460 Datasheet HTML 4Page - Motorola, Inc MUR460 Datasheet HTML 5Page - Motorola, Inc MUR460 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MUR420 MUR460
3
Rectifier Device Data
MUR460
Figure 6. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.5
1.1
0.7
1.5
0.03
0.1
0.3
0.2
2.0
1.0
0.02
20
7.0
3.0
0.5
5.0
0.05
VR, REVERSE VOLTAGE (VOLTS)
0
200
100
400
40
80
0.008
0.004
200
0.8
0.4
0.2
20
4.0
2.0
8.0
TJ = 175°C
300
700
Figure 7. Typical Reverse Current
TA, AMBIENT TEMPERATURE (°C)
050
0
4.0
2.0
6.0
10
8.0
200
Figure 8. Current Derating
(Mounting Method #3 Per Note 1)
Figure 9. Power Dissipation
0
2.0
2.0
4.0
6.0
8.0
0
4.0
6.0
8.0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 10. Typical Capacitance
0.7
10
0.07
1.9
2.1
2.3
100
°C
TJ = 175°C
25
°C
600
500
0.08
0.04
0.02
100
°C
25
°C
100
150
IPK
IAV
dc
SQUAREWAVE
1.0
3.0
5.0
7.0
10
12
14
SQUARE WAVE
dc
0.3
Rated VR
RqJA = 28°C/W
0.9
1.3
1.7
250
40
20
30
4.0
10
VR, REVERSE VOLTAGE (VOLTS)
5.0
6.0
7.0
8.0
9.0
10
20
30
50
40
0
TJ = 25°C
400
9.0
10
5.0
10
(Capacitive
Load)
=20


Similar Part No. - MUR460

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MUR460 JGD-MUR460 Datasheet
143Kb / 2P
   4.0 AMPS. ULTRA FAST RECTIFIERS
logo
First Silicon Co., Ltd
MUR460 FS-MUR460 Datasheet
125Kb / 2P
   Outline Dimensions and Mark
logo
Guangdong Kexin Industr...
MUR460 KEXIN-MUR460 Datasheet
815Kb / 2P
   Ultra Fast Recovery Diodes
logo
Shanghai Lunsure Electr...
MUR460 CHENYI-MUR460 Datasheet
58Kb / 2P
   4Amp super fast recovery rectifier 50to1000 volts
logo
Diotec Semiconductor
MUR460 DIOTEC-MUR460 Datasheet
135Kb / 2P
   Superfast Efficient Rectifier Diodes
More results

Similar Description - MUR460

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MURS320T3 MOTOROLA-MURS320T3 Datasheet
107Kb / 4P
   ULTRAFAST RECTIFIERS 3.0 AMPERES 200-600 VOLTS
MUR1620CT MOTOROLA-MUR1620CT Datasheet
153Kb / 6P
   ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
MUR3020PT MOTOROLA-MUR3020PT Datasheet
99Kb / 6P
   ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
MUR3020WT MOTOROLA-MUR3020WT Datasheet
103Kb / 6P
   ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
MUR820 MOTOROLA-MUR820 Datasheet
150Kb / 6P
   ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
MUR1520 MOTOROLA-MUR1520 Datasheet
143Kb / 6P
   ULTRAFAST RECTIFIERS 15 AMPERES 200-400-600 VOLTS
logo
Rectron Semiconductor
MUR420 RECTRON-MUR420 Datasheet
199Kb / 3P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 4.0 Amperes
logo
ON Semiconductor
MURP20020CT ONSEMI-MURP20020CT_06 Datasheet
115Kb / 3P
   ULTRAFAST RECTIFIERS 200 AMPERES, 200??00 VOLTS
September, 2006 ??Rev. 6
logo
Motorola, Inc
MUR490E MOTOROLA-MUR490E Datasheet
120Kb / 6P
   ULTRAFAST RECTIFIERS 4.0 AMPERES 900-1000 VOLTS
MURP20020CT MOTOROLA-MURP20020CT Datasheet
58Kb / 2P
   ULTRAFAST RECTIFIERS 200 AMPERES 200.400 VOLTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com