Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG5404BRUZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADG5404BRUZ
Description  High Voltage, Latch-up Proof, 4-Channel Multiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5404BRUZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG5404BRUZ Datasheet HTML 2Page - Analog Devices ADG5404BRUZ Datasheet HTML 3Page - Analog Devices ADG5404BRUZ Datasheet HTML 4Page - Analog Devices ADG5404BRUZ Datasheet HTML 5Page - Analog Devices ADG5404BRUZ Datasheet HTML 6Page - Analog Devices ADG5404BRUZ Datasheet HTML 7Page - Analog Devices ADG5404BRUZ Datasheet HTML 8Page - Analog Devices ADG5404BRUZ Datasheet HTML 9Page - Analog Devices ADG5404BRUZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADG5404
Rev. A | Page 6 of 20
+36 V SINGLE SUPPLY
VDD = 36 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 4.
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance, RON
10.6
Ω typ
VS = 0 V to 30 V, IS = −10 mA; see Figure 23
12
15
17
Ω max
VDD = 32.4 V, VSS = 0 V
On-Resistance Match
Between Channels, ∆RON
0.35
Ω typ
VS = 0 V to 30 V, IS = −10 mA
0.7
0.9
1.1
Ω max
On-Resistance Flatness, RFLAT(ON)
2.7
Ω typ
VS = 0 V to 30 V, IS = −10 mA
3.2
3.8
4.5
Ω max
LEAKAGE CURRENTS
VDD =39.6 V, VSS = 0 V
Source Off Leakage, IS (Off)
±0.05
nA typ
VS = 1 V/30 V, VD = 30 V/1 V; see Figure 24
±0.25
±0.75
±3.5
nA max
Drain Off Leakage, ID (Off)
±0.1
nA typ
VS = 1 V/30 V, VD = 30 V/1 V; see Figure 24
±0.4
±2
±12
nA max
Channel On Leakage, ID, IS (On)
±0.1
nA typ
VS = VD = 1 V/30 V; see Figure 25
±0.4
±2
±12
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.002
μA typ
VIN = VGND or VDD
±0.1
μA max
Digital Input Capacitance, CIN
5
pF typ
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
196
ns typ
RL = 300 Ω, CL = 35 pF
256
276
314
ns max
VS = 18 V; see Figure 30
tON (EN)
170
ns typ
RL = 300 Ω, CL = 35 pF
214
247
273
ns max
VS = 18 V; see Figure 32
tOFF (EN)
130
ns typ
RL = 300 Ω, CL = 35 pF
172
167
176
ns max
VS = 18 V; see Figure 32
Break-Before-Make Time Delay, tD
52
ns typ
RL = 300 Ω, CL = 35 pF
13
ns min
VS1 = VS2 = 18 V; see Figure 31
Charge Injection, QINJ
280
pC typ
VS = 18 V, RS = 0 Ω, CL = 1 nF; see Figure 33
Off Isolation
−78
dB typ
RL = 50 Ω, CL = 5 pF, f = 1MHz; see Figure 26
Channel-to-Channel Crosstalk
−58
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 28
Total Harmonic Distortion +
Noise
0.03
% typ
RL = 1k Ω, 18 V p-p, f = 20 Hz to 20 kHz;
see Figure 29
−3 dB Bandwidth
47
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 27
Insertion Loss
−0.85
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 27
CS (Off)
18
pF typ
VS = 18 V, f = 1 MHz
CD (Off)
89
pF typ
VS = 18 V, f = 1 MHz
CD, CS (On)
128
pF typ
VS = 18 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 39.6 V
IDD
80
μA typ
Digital inputs = 0 V or VDD
100
130
μA max
VDD
9/40
V min/max
GND = 0 V, VSS = 0 V
1 Guaranteed by design; not subject to production test.


Similar Part No. - ADG5404BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5404BRUZ AD-ADG5404BRUZ Datasheet
332Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. 0
ADG5404BRUZ-REEL7 AD-ADG5404BRUZ-REEL7 Datasheet
332Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. 0
More results

Similar Description - ADG5404BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5404 AD-ADG5404 Datasheet
332Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. 0
ADG5204 AD-ADG5204 Datasheet
341Kb / 20P
   High Voltage, Latch-Up Proof, 4-Channel Multiplexer Automatic test equipment
REV. 0
ADG5298 AD-ADG5298 Datasheet
563Kb / 20P
   High Temperature, High Voltage, Latch-Up Proof, 8-Channel Multiplexer
ADG5408 AD-ADG5408_12 Datasheet
384Kb / 24P
   High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
REV. B
ADG5408 AD-ADG5408 Datasheet
345Kb / 24P
   High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
REV. 0
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
   High Voltage Latch-Up Proof
REV. A
ADG5208 AD-ADG5208 Datasheet
366Kb / 24P
   High Voltage, Latch-Up Proof
REV. A
ADG5236 AD-ADG5236 Datasheet
400Kb / 20P
   High Voltage Latch-Up Proof
REV. A
ADG5206BRUZ-RL7 AD-ADG5206BRUZ-RL7 Datasheet
441Kb / 28P
   High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
REV. A
ADG5206BRUZ-RL7 AD-ADG5206BRUZ-RL7 Datasheet
427Kb / 28P
   High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com