Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG5206BRUZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADG5206BRUZ
Description  High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5206BRUZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG5206BRUZ Datasheet HTML 3Page - Analog Devices ADG5206BRUZ Datasheet HTML 4Page - Analog Devices ADG5206BRUZ Datasheet HTML 5Page - Analog Devices ADG5206BRUZ Datasheet HTML 6Page - Analog Devices ADG5206BRUZ Datasheet HTML 7Page - Analog Devices ADG5206BRUZ Datasheet HTML 8Page - Analog Devices ADG5206BRUZ Datasheet HTML 9Page - Analog Devices ADG5206BRUZ Datasheet HTML 10Page - Analog Devices ADG5206BRUZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
ADG5206/ADG5207
Rev. A | Page 7 of 28
Parameter
25°C
−40°C to
+60°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.002
µA typ
VIN = VGND or VDD
±0.1
µA max
Digital Input Capacitance, CIN
3
pF typ
DYNAMIC CHARACTERISTICS3
Transition Time, tTRANSITION
290
ns typ
RL = 300 Ω, CL = 35 pF
290
440
480
550
ns max
VS = 8 V; see Figure 35
tON (EN)
230
ns typ
RL = 300 Ω, CL = 35 pF
290
320
340
370
ns max
VS = 8 V; see Figure 36
tOFF (EN)
230
ns typ
RL = 300 Ω, CL = 35 pF
315
360
390
450
ns max
VS = 8 V; see Figure 36
Break-Before-Make Time Delay, tD
170
ns typ
RL = 300 Ω, CL = 35 pF
45
ns min
VS1 = VS2 = 8 V; see Figure 37
Charge Injection, QINJ
0.25
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF;
see Figure 38
±0.6
±0.7
pC typ
VS = 0 V to 10 V, RS = 0 Ω, CL = 1 nF
Off Isolation
−90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 39
Channel-to-Channel Crosstalk
−76
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 40
−3 dB Bandwidth
RL = 50 Ω, CL = 5 pF; see Figure 41
ADG5206
50
MHz typ
ADG5207
105
MHz typ
Insertion Loss
8.55
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 41
CS (Off)
3.6
pF typ
VS = 6 V, f = 1 MHz
CD (Off)
ADG5206
71
pF typ
VS = 6 V, f = 1 MHz
ADG5207
36
pF typ
VS = 6 V, f = 1 MHz
CD (On), CS (On)
ADG5206
75
pF typ
VS = 6 V, f = 1 MHz
ADG5207
40
pF typ
VS = 6 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 13.2 V
IDD
40
µA typ
Digital inputs = 0 V or VDD
50
65
µA max
VDD
9/40
V min/V max
GND = 0 V, VSS = 0 V
1
The off channel leakage delta is calculated using the maximum of VS = 1 V and VD = 10 V, or VS = 10 V and VD = 1 V.
2
The on channel leakage delta is calculated using the maximum of VS = VD = 1 V, or VS = VD = 10 V.
3
Guaranteed by design; not subject to production test.


Similar Part No. - ADG5206BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5206BRUZ AD-ADG5206BRUZ Datasheet
427Kb / 28P
   High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
REV. A
ADG5206BRUZ-RL7 AD-ADG5206BRUZ-RL7 Datasheet
427Kb / 28P
   High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
REV. A
More results

Similar Description - ADG5206BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5206BRUZ-RL7 AD-ADG5206BRUZ-RL7 Datasheet
427Kb / 28P
   High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
REV. A
ADG5408 AD-ADG5408 Datasheet
345Kb / 24P
   High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
REV. 0
ADG5408 AD-ADG5408_12 Datasheet
384Kb / 24P
   High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
REV. B
ADG5298 AD-ADG5298 Datasheet
563Kb / 20P
   High Temperature, High Voltage, Latch-Up Proof, 8-Channel Multiplexer
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
   High Voltage Latch-Up Proof
REV. A
ADG5208 AD-ADG5208 Datasheet
366Kb / 24P
   High Voltage, Latch-Up Proof
REV. A
ADG5236 AD-ADG5236 Datasheet
400Kb / 20P
   High Voltage Latch-Up Proof
REV. A
ADG5404 AD-ADG5404 Datasheet
332Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. 0
ADG5404BRUZ AD-ADG5404BRUZ Datasheet
481Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. A
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com