Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8602DRZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8602DRZ
Description  Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8602DRZ Datasheet(HTML) 4 Page - Analog Devices

  AD8602DRZ Datasheet HTML 1Page - Analog Devices AD8602DRZ Datasheet HTML 2Page - Analog Devices AD8602DRZ Datasheet HTML 3Page - Analog Devices AD8602DRZ Datasheet HTML 4Page - Analog Devices AD8602DRZ Datasheet HTML 5Page - Analog Devices AD8602DRZ Datasheet HTML 6Page - Analog Devices AD8602DRZ Datasheet HTML 7Page - Analog Devices AD8602DRZ Datasheet HTML 8Page - Analog Devices AD8602DRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8601/AD8602/AD8604
Rev. G | Page 4 of 24
VS = 5.0 V, VCM = VS/2, TA = 25°C, unless otherwise noted.
Table 2.
A Grade
D Grade
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage (AD8601/AD8602)
VOS
0 V ≤ VCM ≤ 5 V
80
500
1300
6000
μV
−40°C ≤ TA ≤ +125°C
1300
7000
μV
Offset Voltage (AD8604)
VOS
VCM = 0 V to 5 V
80
600
1300
6000
μV
−40°C ≤ TA ≤ +125°C
1700
7000
μV
Input Bias Current
IB
0.2
60
0.2
200
pA
−40°C ≤ TA ≤ +85°C
100
200
pA
−40°C ≤ TA ≤ +125°C
1000
1000
pA
Input Offset Current
IOS
0.1
30
0.1
100
pA
−40°C ≤ TA ≤ +85°C
6
50
6
100
pA
−40°C ≤ TA ≤ +125°C
25
500
25
500
pA
Input Voltage Range
0
5
0
5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 5 V
74
89
56
67
dB
Large Signal Voltage Gain
AVO
VO = 0.5 V to 4.5 V,
RL = 2 kΩ, VCM = 0 V
30
80
20
60
V/mV
Offset Voltage Drift
ΔVOS/ΔT
2
2
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1.0 mA
4.925
4.975
4.925
4.975
V
IL = 10 mA
4.7
4.77
4.7
4.77
V
−40°C ≤ TA ≤ +125°C
4.6
4.6
V
Output Voltage Low
VOL
IL = 1.0 mA
15
30
15
30
mV
IL = 10 mA
125
175
125
175
mV
−40°C ≤ TA ≤ +125°C
250
250
mV
Output Current
IOUT
±50
±50
mA
Closed-Loop Output Impedance
ZOUT
f = 1 MHz, AV = 1
10
10
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 5.5 V
67
80
56
72
dB
Supply Current/Amplifier
ISY
VO = 0 V
750
1200
750
1200
μA
−40°C ≤ TA ≤ +125°C
1500
1500
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
6
6
V/μs
Settling Time
tS
To 0.01%
<1.0
<1.0
μs
Full Power Bandwidth
BWp
<1% distortion
360
360
kHz
Gain Bandwidth Product
GBP
8.4
8.4
MHz
Phase Margin
Φo
55
55
Degrees
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
33
33
nV/√Hz
f = 10 kHz
18
18
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.05
0.05
pA/√Hz


Similar Part No. - AD8602DRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8602DRZ AD-AD8602DRZ Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8602DRZ-REEL AD-AD8602DRZ-REEL Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8602DRZ-REEL7 AD-AD8602DRZ-REEL7 Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
More results

Similar Description - AD8602DRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8602ARZ AD-AD8602ARZ Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601_11 Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601 Datasheet
255Kb / 16P
   Precision CMOS Single Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. 0
AD8601 AD-AD8601_03 Datasheet
290Kb / 20P
   Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. D
OP250 AD-OP250 Datasheet
209Kb / 16P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8591 AD-AD8591 Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com