Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8034AR Datasheet(PDF) 11 Page - Analog Devices

Part # AD8034AR
Description  Low Cost, 80 MHz FastFET Op Amps
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8034AR Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8034AR Datasheet HTML 7Page - Analog Devices AD8034AR Datasheet HTML 8Page - Analog Devices AD8034AR Datasheet HTML 9Page - Analog Devices AD8034AR Datasheet HTML 10Page - Analog Devices AD8034AR Datasheet HTML 11Page - Analog Devices AD8034AR Datasheet HTML 12Page - Analog Devices AD8034AR Datasheet HTML 13Page - Analog Devices AD8034AR Datasheet HTML 14Page - Analog Devices AD8034AR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD8033/AD8034
Rev. D | Page 10 of 24
G = +1
25mV/DIV
20ns/DIV
Figure 24. Small Signal Transient Response 5 V (See Figure 44)
3V/DIV
320ns/DIV
VOUT = 20V p-p
VOUT = 8V p-p
VOUT = 2V p-p
G = +1
Figure 25. Large Signal Transient Response (See Figure 44)
G = –1
VIN
VOUT
1.5V/DIV
350ns/DIV
Figure 26. Output Overdrive Recovery (See Figure 46)
G = +1
80mV/DIV
80ns/DIV
38pF
15pF
Figure 27. Small Signal Transient Response ±5 V (See Figure 44)
3V/DIV
320ns/DIV
G = +2
VOUT = 2V p-p
VOUT = 8V p-p
VOUT = 20V p-p
Figure 28. Large Signal Transient Response (See Figure 45)
G = +1
VIN
VOUT
1.5V/DIV
350ns/DIV
Figure 29. Input Overdrive Recovery (See Figure 44)


Similar Part No. - AD8034AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8034AR AD-AD8034AR Datasheet
374Kb / 20P
   Low Cost, 80 MHz FastFET ??Op Amps
REV. D
AD8034AR AD-AD8034AR Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034AR-REEL AD-AD8034AR-REEL Datasheet
374Kb / 20P
   Low Cost, 80 MHz FastFET ??Op Amps
REV. D
AD8034AR-REEL AD-AD8034AR-REEL Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034AR-REEL7 AD-AD8034AR-REEL7 Datasheet
374Kb / 20P
   Low Cost, 80 MHz FastFET ??Op Amps
REV. D
More results

Similar Description - AD8034AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033 Datasheet
374Kb / 20P
   Low Cost, 80 MHz FastFET ??Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8065 AD-AD8065 Datasheet
364Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
REV. E
AD8065WARTZ-R7 AD-AD8065WARTZ-R7 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8065 AD-AD8065_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066 AD-AD8066_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com