Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKJBN-5-8-F Datasheet(PDF) 2 Page - ITT Industries

Part # MKJBN-5-8-F
Description  Selector Guide
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MKJBN-5-8-F Datasheet(HTML) 2 Page - ITT Industries

  MKJBN-5-8-F Datasheet HTML 1Page - ITT Industries MKJBN-5-8-F Datasheet HTML 2Page - ITT Industries MKJBN-5-8-F Datasheet HTML 3Page - ITT Industries MKJBN-5-8-F Datasheet HTML 4Page - ITT Industries MKJBN-5-8-F Datasheet HTML 5Page - ITT Industries MKJBN-5-8-F Datasheet HTML 6Page - ITT Industries MKJBN-5-8-F Datasheet HTML 7Page - ITT Industries MKJBN-5-8-F Datasheet HTML 8Page - ITT Industries MKJBN-5-8-F Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
B-2
www.ittcannon.com
B
Series
Military Spec
Market
Coupling System
Maximum Temperature
Range
Hardware
Finishes
Contact Type
Contacts
Contact Plating
Wire Size
Contact Rating
Contact Resistance
Voltage Rating
Dielectric Withstanding
Voltage Sea Level
Insulation Resistance
Mating Cycles
Coding
RoHS Compliance
Sealing
Page No.
Nemesis Water Tight
Commercial
Snap-on/Breakaway,
Bayonet & Push Pull
-40° to +100° C
Stainless Steel
Black Zinc Nickel &
Electroless Nickel
Crimp & Straight PCB Tails
Twist Pin and Sockets
Gold over Nickel
24 - 32 AWG
3 Amps
8 mOhm
50 Vdc
500 Volts
5,000 MOhm
2,500 (500 Push Pull)
5 Clocking Positions:
N, A, B, C and D
Yes
IP68>20m
B-6
Mini Circular
Nemesis Super Clean
Commercial
Snap-on/Breakaway
-55° to +125° C
Stainless Steel
Black Zinc Nickel &
Electroless Nickel
Crimp & Straight PCB Tails
Pogo Pins and Pads
Gold over Nickel
24 - 32 AWG
2 Amps continuous
3 Amps Peak
15 mOhm
50 Vdc
500 Volts
5,000 MOhm
10,000
5 Clocking Positions:
N, A, B, C and D
Yes
IP67
B-16
Nemesis High Mating
Commercial
Snap-on/Breakaway,
Bayonet & Push Pull
-55° to +125° C
Stainless Steel
Black Zinc Nickel &
Electroless Nickel
Crimp & Straight PCB Tails
Pogo Pins and Pads
Gold over Nickel
24 - 32 AWG
2 Amps continuous
3 Amps Peak
15 mOhm
50 Vdc
500 Volts
5,000 MOhm
10,000
5 Clocking Positions:
N, A, B, C and D
Yes
IP67
B-22
Selector Guide


Similar Part No. - MKJBN-5-8-F

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MKJ ITT-MKJ Datasheet
4Mb / 31P
   MKJ Series Connectors
More results

Similar Description - MKJBN-5-8-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM14ML1S18 ETC2-SM14ML1S18 Datasheet
393Kb / 8P
   Contact selector guide
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
Silicon Laboratories
SI5374B-A-GL SILABS-SI5374B-A-GL Datasheet
1Mb / 20P
   Timing Selector Guide
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
597-7701-507F DIALIGHT-597-7701-507F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
logo
Microchip Technology
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
598-8070-102F DIALIGHT-598-8070-102F Datasheet
1Mb / 16P
   Surface Mount LED Selector Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com