Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRU2013-150Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRU2013-150Y
Description  Shielded SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRU2013-150Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRU2013-150Y Datasheet HTML 1Page - Bourns Electronic Solutions SRU2013-150Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Recommended Layout
Electrical Schematic
1.30
(.051)
REF.
REF.
1.20
(.047)
REF.
1.00
(.039)
REF.
1.00
(.039)
REF.
1.20
(.047)
REF.
0.65
(.026)
REF.
2.10
(.083)
REF.
0.65
(.026)
1.24
(.049)
REF.
3.00
(.118)
REF.
TYP.
2.80 ± 0.20
(.110 ± .008)
2.80 ± 0.20
(.110 ± .008)
0.90
(.035)
TYP.
0.90
(.035)
TYP.
0.90
(.035)
1.35 ± 0.15
(.053 ± .006)
A
Features
Maximum height of 1.5 mm
Current up to 2.2 A
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
• Portable communication equipment
• Camcorders
• LCD TVs
• Car radios
SRU2013 Series - Shielded SMD Power Inductors
Test Voltage ....................................0.1 V
Reflow Soldering .. 230 °C, 50 sec. max.
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Resistance to Soldering Heat
............................... 260 °C for 10 sec.
Electrical Specifications
Bourns
Part No.
Inductance
100 KHz
Q
Ref.
Test
Freq.
(MHz)
SRF
Typ.
(MHz)
RDC
Max.
(m
Ω)
Irms
Max.
(A)
Isat
Typ.
(A)
Marking
**K-
Factor
(µH)
Tol.
%
SRU2013-1R0Y
1.0
±30
9
7.96
180
65
2.20
1.60
A
2418
SRU2013-2R2Y
2.2
±30
10
7.96
100
120
1.45
0.95
C
1497
SRU2013-3R3Y
3.3
±30
10
7.96
80
135
1.00
0.86
E
1258
SRU2013-4R7Y
4.7
±30
10
7.96
72
220
0.90
0.75
F
1014
SRU2013-6R8Y
6.8
±30
10
7.96
60
330
0.80
0.60
G
898
SRU2013-100Y
10
±30
12
2.52
40
520
0.67
0.45
H
731
SRU2013-150Y
15
±30
12
2.52
30
850
0.46
0.40
I
593
SRU2013-220Y
22
±30
12
2.52
25
880
0.40
0.35
J
484
SRU2013-330Y
33
±30
12
2.52
20
1820
0.30
0.25
K
398
SRU2013-470Y
47
±30
14
2.52
15
2860
0.25
0.23
L
318
General Specifications
Core....................Ferrite DR and RI core
Terminal ....................................Ag/Ni/Sn
Rated Current
................... Ind. drop 35 % typ. at Isat
Temperature Rise
.....................40 °C max. at rated Irms
Packaging................. 1,200 pcs. per reel
Materials
Product Dimensions
DIMENSIONS:
MM
(INCHES)
A
Flux Density Bp-p (gauss)
100
10
100
1000
1 MHz
500 KHz
300 KHz
200 KHz
100 KHz
50 KHz
10000
1
0.1
0.01
0.001
**K-Factor: To calculate core flux density, Bp-p (gauss) = K x L(µH) x
Δ I (peak-to-peak ripple current, A),
determine core loss from Core Loss vs. Flux Density plot.
Core Loss vs. Flux Density
* RoHS Directive 2002/95/EC Jan. 27, 2003 including
annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data
sheet can and do vary in different applications and
actual device performance may vary over time.
Users should verify actual device performance in their
specific applications.


Similar Part No. - SRU2013-150Y

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SRU20100C RECTRON-SRU20100C Datasheet
81Kb / 5P
   SCHOTTKY BARRIER RECTIFIER
logo
Bourns Electronic Solut...
SRU2011 BOURNS-SRU2011 Datasheet
281Kb / 2P
   Shielded SMD Power Inductors
SRU2011-100Y BOURNS-SRU2011-100Y Datasheet
281Kb / 2P
   Shielded SMD Power Inductors
SRU2011-150Y BOURNS-SRU2011-150Y Datasheet
281Kb / 2P
   Shielded SMD Power Inductors
SRU2011-1R0Y BOURNS-SRU2011-1R0Y Datasheet
281Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRU2013-150Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com