Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7224UE Datasheet(PDF) 2 Page - Analog Devices

Part # AD7224UE
Description  LC2MOS 8-Bit DAC with Output Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7224UE Datasheet(HTML) 2 Page - Analog Devices

  AD7224UE Datasheet HTML 1Page - Analog Devices AD7224UE Datasheet HTML 2Page - Analog Devices AD7224UE Datasheet HTML 3Page - Analog Devices AD7224UE Datasheet HTML 4Page - Analog Devices AD7224UE Datasheet HTML 5Page - Analog Devices AD7224UE Datasheet HTML 6Page - Analog Devices AD7224UE Datasheet HTML 7Page - Analog Devices AD7224UE Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. B
–2–
AD7224–SPECIFICATIONS
(VDD = 11.4 V to 16.5 V, VSS = –5 V
10%; AGND = DGND = O V; VREF = +2 V to (VDD – 4 V)
1 unless otherwise noted.
All specifications TMIN to TMAX unless otherwise noted.)
DUAL SUPPLY
K, B, T
L, C, U
Parameter
Versions
2
Versions
2
Units
Conditions/Comments
STATIC PERFORMANCE
Resolution
8
8
Bits
Total Unadjusted Error
±2
±1
LSB max
VDD = +15 V ± 5%, VREF = +10 V
Relative Accuracy
±1
±1/2
LSB max
Differential Nonlinearity
±1
±1
LSB max
Guaranteed Monotonic
Full-Scale Error
±3/2
±1
LSB max
Full-Scale Temperature Coefficient
±20
±20
ppm/
°C max
VDD = 14 V to 16.5 V, VREF = +10 V
Zero Code Error
±30
±20
mV max
Zero Code Error Temperature Coefficient
±50
±30
µV/°C typ
REFERENCE INPUT
Voltage Range
2 to (VDD – 4)
2 to (VDD – 4)
V min to V max
Input Resistance
8
8
k
Ω min
Input Capacitance3
100
100
pF max
Occurs when DAC is loaded with all 1s.
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Leakage Current
±1
±1
µA max
VIN = 0 V or VDD
Input Capacitance
3
8
8
pF max
Input Coding
Binary
Binary
DYNAMIC PERFORMANCE
Voltage Output Slew Rate
3
2.5
2.5
V/
µs min
Voltage Output Settling Time
3
Positive Full-Scale Change
5
5
µs max
VREF = +10 V; Settling Time to ± 1/2 LSB
Negative Full-Scale Change
7
7
µs max
VREF = +10 V; Settling Time to ± 1/2 LSB
Digital Feedthrough
50
50
nV secs typ
VREF = 0 V
Minimum Load Resistance
2
2
k
Ω min
VOUT = +10 V
POWER SUPPLIES
VDD Range
11.4/16.5
11.4/16.5
V min/V max
For Specified Performance
VSS Range
4.5/5.5
4.5/5.5
V min/V max
For Specified Performance
IDD
@ 25
°C
4
4
mA max
Outputs Unloaded; VIN = VINL or VINH
TMIN to TMAX
6
6
mA max
Outputs Unloaded; VIN = VINL or VINH
ISS
@ 25
°C
3
3
mA max
Outputs Unloaded; VIN = VINL or VINH
TMIN to TMAX
5
5
mA max
Outputs Unloaded; VIN = VINL or VINH
SWITCHING CHARACTERISTICS
3, 4
t1
@ 25
°C
90
90
ns min
Chip Select/Load DAC Pulse Width
TMIN to TMAX
90
90
ns min
t2
@ 25
°C
90
90
ns min
Write/Reset Pulse Width
TMIN to TMAX
90
90
ns min
t3
@ 25
°C
0
0
ns min
Chip Select/Load DAC to Write Setup Time
TMIN to TMAX
0
0
ns min
t4
@ 25
°C
0
0
ns min
Chip Select/Load DAC to Write Hold Time
TMIN to TMAX
0
0
ns min
t5
@ 25
°C
90
90
ns min
Data Valid to Write Setup Time
TMIN to TMAX
90
90
ns min
t6
@ 25
°C
10
10
ns min
Data Valid to Write Hold Time
TMIN to TMAX
10
10
ns min
NOTES
1Maximum possible reference voltage.
2Temperature ranges are as follows:
K, L Versions: –40
°C to +85°C
B, C Versions: –40
°C to +85°C
T, U Versions: –55
°C to +125°C
3Sample Tested at 25
°C by Product Assurance to ensure compliance.
4Switching characteristics apply for single and dual supply operation.
Specifications subject to change without notice.


Similar Part No. - AD7224UE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7224UE AD-AD7224UE Datasheet
228Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
More results

Similar Description - AD7224UE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7224KNZ AD-AD7224KNZ Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7224 AD-AD7224 Datasheet
228Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228 AD-AD7228 Datasheet
457Kb / 16P
   LC2MOS Octal 8-Bit DAC
AD7228BQ AD-AD7228BQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228LP AD-AD7228LP Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7224 AD-AD7224_15 Datasheet
231Kb / 8P
   LC MOS 8-Bit DAC with Output Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com