Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD824AR-14-3V Datasheet(PDF) 2 Page - Analog Devices

Part # AD824AR-14-3V
Description  Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD824AR-14-3V Datasheet(HTML) 2 Page - Analog Devices

  AD824AR-14-3V Datasheet HTML 1Page - Analog Devices AD824AR-14-3V Datasheet HTML 2Page - Analog Devices AD824AR-14-3V Datasheet HTML 3Page - Analog Devices AD824AR-14-3V Datasheet HTML 4Page - Analog Devices AD824AR-14-3V Datasheet HTML 5Page - Analog Devices AD824AR-14-3V Datasheet HTML 6Page - Analog Devices AD824AR-14-3V Datasheet HTML 7Page - Analog Devices AD824AR-14-3V Datasheet HTML 8Page - Analog Devices AD824AR-14-3V Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. C
–2–
AD824–SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
AD824A
VOS
0.1
1.0
mV
TMIN to TMAX
1.5
mV
Input Bias Current
IB
212
pA
TMIN to TMAX
300
4000
pA
Input Offset Current
IOS
210
pA
TMIN to TMAX
300
pA
Input Voltage Range
–0.2
3.0
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 2 V
66
80
dB
VCM = 0 V to 3 V
60
74
dB
TMIN to TMAX
60
dB
Input Impedance
10
13 3.3
W pF
Large Signal Voltage Gain
AVO
VO = 0.2 V to 4.0 V
RL = 2 k
W
20
40
V/mV
RL = 10 k
W
50
100
V/mV
RL = 100 k
W
250
1000
V/mV
TMIN to TMAX, RL = 100 k
W
180
400
V/mV
Offset Voltage Drift
DVOS/DT2
mV/∞C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
ISOURCE = 20
mA
4.975
4.988
V
TMIN to TMAX
4.97
4.985
V
ISOURCE = 2.5 mA
4.80
4.85
V
TMIN to TMAX
4.75
4.82
V
Output Voltage Low
VOL
ISINK = 20
mA15
25
mV
TMIN to TMAX
20
30
mV
ISINK = 2.5 mA
120
150
mV
TMIN to TMAX
140
200
mV
Short Circuit Limit
ISC
Sink/Source
±12
mA
TMIN to TMAX
±10
mA
Open-Loop Impedance
ZOUT
f = 1 MHz, AV = 1
100
W
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 12 V
70
80
dB
TMIN to TMAX
66
dB
Supply Current/Amplifier
ISY
TMIN to TMAX
500
600
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 k
W, AV = 1
2
V/
ms
Full-Power Bandwidth
BWP
1% Distortion, VO = 4 V p-p
150
kHz
Settling Time
tS
VOUT = 0.2 V to 4.5 V, to 0.01%
2.5
ms
Gain Bandwidth Product
GBP
2
MHz
Phase Margin
foNo Load
50
Degrees
Channel Separation
CS
f = 1 kHz, RL = 2 k
W
–123
dB
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
2
mV p-p
Voltage Noise Density
en
f = 1 kHz
16
nV/
÷Hz
Current Noise Density
in
f = 1 kHz
0.8
fA/
÷Hz
Total Harmonic Distortion
THD
f = 10 kHz, RL = 0, AV = +1
0.005
%
(@ VS = 5.0 V, VCM = 0 V, VOUT = 0.2 V, TA = 25 C unless otherwise noted)


Similar Part No. - AD824AR-14-3V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD824AR-14-3V AD-AD824AR-14-3V Datasheet
551Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. A
AD824AR-14-3V AD-AD824AR-14-3V Datasheet
552Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824AR-14-3V AD-AD824AR-14-3V Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824AR-14-3V AD-AD824AR-14-3V Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
AD824AR-14-3V-REEL AD-AD824AR-14-3V-REEL Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
More results

Similar Description - AD824AR-14-3V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD820 AD-AD820_07 Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
AD824 AD-AD824_03 Datasheet
552Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_15 Datasheet
436Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. D
AD824ARZ-14-REEL7 AD-AD824ARZ-14-REEL7 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824 Datasheet
551Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. A
AD820ARMZ AD-AD820ARMZ Datasheet
428Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD822 AD-AD822 Datasheet
320Kb / 16P
   Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV. A
AD822AN AD-AD822AN Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com