Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD813AN Datasheet(PDF) 5 Page - Analog Devices

Part # AD813AN
Description  Single Supply, Low Power Triple Video Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD813AN Datasheet(HTML) 5 Page - Analog Devices

  AD813AN Datasheet HTML 1Page - Analog Devices AD813AN Datasheet HTML 2Page - Analog Devices AD813AN Datasheet HTML 3Page - Analog Devices AD813AN Datasheet HTML 4Page - Analog Devices AD813AN Datasheet HTML 5Page - Analog Devices AD813AN Datasheet HTML 6Page - Analog Devices AD813AN Datasheet HTML 7Page - Analog Devices AD813AN Datasheet HTML 8Page - Analog Devices AD813AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Options
AD813AN
–40
°C to +85°C
14-Lead Plastic DIP
N-14
AD813AR-14
–40
°C to +85°C
14-Lead Plastic SOIC
R-14
AD813ACHIPS
–40
°C to +85°C
Die Form
AD813AR-REEL
13" REEL
AD813AR-REEL7
7" REEL
5962-9559601M2A*
–55
°C to +125°C 20-Lead LCC
*Refer to official DSCC drawing for tested specifications and pin configuration.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
Plastic (N) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.6 Watts
Small Outline (R) . . . . . . . . . . . . . . . . . . . . . . . . . 1.0 Watts
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . .
±6V
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves
Storage Temperature Range N, R . . . . . . . . –65
°C to +125°C
Operating Temperature Range
AD813A . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . +300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
14-Lead Plastic DIP Package:
θ
JA = 75°C/W
14-Lead SOIC Package:
θ
JA = 120°C/W
AD813
Model
AD813A
Conditions
V
S
Min
Typ
Max
Units
MATCHING CHARACTERISTICS
Dynamic
Crosstalk
G = +2, f = 5 MHz
+5 V, +3 V
–65
dB
Gain Flatness Match
G = +2, f = 20 MHz
+5 V, +3 V
0.1
dB
DC
Input Offset Voltage
T
MIN–TMAX
+5 V, +3 V
0.5
3.5
mV
–Input Bias Current
T
MIN–TMAX
+5 V, +3 V
2
25
µA
POWER SUPPLY
Operating Range
2.4
36
V
Quiescent Current
Per Amplifier
+5 V
3.2
4.0
mA
+3 V
3.0
4.0
mA
T
MIN–TMAX
+5 V
5.0
mA
Quiescent Current, Powered Down
Per Amplifier
+5 V
0.4
0.6
mA
+3 V
0.4
0.5
mA
Power Supply Rejection Ratio
Input Offset Voltage
V
S = +3.0 V to +30 V
76
dB
–Input Current
0.3
µA/V
+Input Current
0.005
µA/V
DISABLE CHARACTERISTICS
Off Isolation
f = 5 MHz
+5 V, +3 V
–55
dB
Off Output Impedance
G = +1
+5 V, +3 V
13
pF
Channel-to-Channel
2 or 3 Channel
+5 V, +3 V
–65
dB
Isolation
Mux, f = 5 MHz
Turn-On Time
+5 V, +3 V
100
ns
Turn-Off Time
80
ns
TRANSISTOR COUNT
111
NOTES
1Slew rate measurement is based on 10% to 90% rise time in the specified closed-loop gain.
2Single supply differential gain and phase are measured with the ac coupled circuit of Figure 52.
Specifications subject to change without notice.
–5–
REV. B


Similar Part No. - AD813AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD813AN AD-AD813AN Datasheet
550Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813AN AD-AD813AN Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813AN AD-AD813AN Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813AN AD-AD813AN Datasheet
586Kb / 20P
   Single Supply, Low Power Triple Video Amplifier
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
More results

Similar Description - AD813AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD813 AD-AD813_15 Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013 Datasheet
319Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
AD813 AD-AD813 Datasheet
550Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813_17 Datasheet
586Kb / 20P
   Single Supply, Low Power Triple Video Amplifier
AD813ARZ-14 AD-AD813ARZ-14 Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013_15 Datasheet
322Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
AD8013ARZ-14 AD-AD8013ARZ-14 Datasheet
221Kb / 12P
   Single Supply, Low Power, aTriple Video Amplifier
REV. A
logo
Intersil Corporation
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com