Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRR6603-102ML Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRR6603-102ML
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR6603-102ML Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRR6603-102ML Datasheet HTML 1Page - Bourns Electronic Solutions SRR6603-102ML Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAX.
3.00
(.118)
4.45 ± 0.10
(.175 ± .004)
2.50 ± 0.10
(.098 ± .004)
1.24 ± 0.10
(.049 ± .004)
6.60
(.260)
MAX.
MAX.
4.40
(.173)
Features
Available in E12 series
Unit height of 3 mm
Current up to 3 A
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
• Portable communication equipment
• Camcorders
• LCD TVs
• Car radios
SRR6603 Series - Shielded Power Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Test Voltage ....................................0.1 V
Reflow Soldering .. 250 °C, 10 sec. max.
(In compliance with JEDEC,
J-STD-020C, Table 4-2)
Operating Temperature
................................-55 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-55 °C to +125 °C
Resistance to Soldering Heat
.......................... 250 °C, 10 sec. max.
Electrical Specifications
Bourns Part No.
Inductance 100 KHz
Q
Ref.
Test
Frequency
(KHz) Q
SRF
Nom.
(MHz)
RDC
Max.
(
Ω)
I rms
(A)
I sat
(A)
uH
Tol. %
SRR6603-1R0ML
1.0
±20
30
200
250
0.040
3.00
1.4
SRR6603-1R5ML
1.5
±20
30
200
125
0.045
2.80
0.93
SRR6603-2R2ML
2.2
±20
40
200
120
0.050
1.80
0.92
SRR6603-3R3ML
3.3
±20
40
200
120
0.055
1.60
0.75
SRR6603-4R7ML
4.7
±20
40
200
105
0.060
1.40
0.58
SRR6603-6R8ML
6.8
±20
40
200
50
0.065
1.20
0.58
SRR6603-100ML
10.0
±20
40
200
38
0.075
1.00
0.37
SRR6603-150ML
15.0
±20
40
100
33
0.090
0.80
0.31
SRR6603-220ML
22.0
±20
40
100
25
0.110
0.70
0.30
SRR6603-330ML
33.0
±20
40
100
20
0.190
0.60
0.24
SRR6603-470ML
47.0
±20
40
100
20
0.230
0.50
0.24
SRR6603-680ML
68.0
±20
40
100
15
0.290
0.40
0.17
SRR6603-101ML
100.0
±20
40
100
10
0.480
0.30
0.13
SRR6603-151ML
150.0
±20
40
100
9
0.590
0.26
0.10
SRR6603-221ML
220.0
±20
40
100
6
0.770
0.22
0.10
SRR6603-331ML
330.0
±20
40
100
5
1.400
0.20
0.07
SRR6603-471ML
470.0
±20
40
100
4
1.800
0.19
0.06
SRR6603-681ML
680.0
±20
40
100
3
2.200
0.18
0.055
SRR6603-102ML
1000.0
±20
40
100
2
3.400
0.15
0.045
SRR6603-152ML
1500.0
±20
50
100
2
4.200
0.12
0.035
SRR6603-222ML
2200.0
±20
50
100
2
8.500
0.10
0.028
SRR6603-332ML
3300.0
±20
50
100
1
11.00
00.08
0.024
SRR6603-472ML
4700.0
±20
50
100
1
13.90
00.06
0.021
SRR6603-682ML
6800.0
±20
50
100
1
25.00
00.04
0.019
SRR6603-103ML
10000.0
±20
50
100
0.8
32.80
00.02
0.017
General Specifications
Core............................... Ferrite DR & RI
Wire ............................Enameled copper
Base ..........................................Ceramic
Terminal ....................................Ag/Ni/Au
Rated Current
............... Ind. drop of 30 % typ. at Isat
Temperature Rise
.....................30 °C max. at rated Irms
Packaging.................... 600 pcs. per reel
Materials
Product Dimensions
Recommended Layout
Schematic
DIMENSIONS:
MM
(INCHES)
4.10
(.161)
REF.
7.00
(.276)
1.60
(.063)
REF.
3.00
(.118)
REF.


Similar Part No. - SRR6603-102ML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR6603-102ML BOURNS-SRR6603-102ML Datasheet
222Kb / 2P
   Shielded Power Inductors
More results

Similar Description - SRR6603-102ML

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com