Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD694BR Datasheet(PDF) 8 Page - Analog Devices

Part # AD694BR
Description  4??0 mA Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD694BR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD694BR Datasheet HTML 4Page - Analog Devices AD694BR Datasheet HTML 5Page - Analog Devices AD694BR Datasheet HTML 6Page - Analog Devices AD694BR Datasheet HTML 7Page - Analog Devices AD694BR Datasheet HTML 8Page - Analog Devices AD694BR Datasheet HTML 9Page - Analog Devices AD694BR Datasheet HTML 10Page - Analog Devices AD694BR Datasheet HTML 11Page - Analog Devices AD694BR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD694
–8–
REV. B
Figure 6 will give an approximately linear adjustment of the
4 mA offset within fixed limits. To find the proper resistor val-
ues, first select X, the desired range of adjustment as a fraction
of 4 mA. Substitute this value in the appropriate formula below
along with the chosen reference output voltage (VREF = 2 V or
10 V usually), to determine the resistor values required.
RP = 180
Ω (1/X – 4.5)
RF = 500
Ω [(V
REF / 1.22 V) – 0.18 – 0.82X][1/X – 4.5]
These formulae take into account the
±10% internal resistor
tolerance and ensure a minimum adjustment range for the 4 mA
offset. For example, assume the 2 V reference option has been
selected. Choosing X = 0.05, gives an adjustment range of
±5%
of the 4 mA offset.
RP = 180
Ω (1/0.05 – 4.5) = 2.79 kΩ
RF = 500
Ω [(2 V / 1.22) – 0.18 – 0.82 × 0.05][1/0.05 – 4.5]
= 10.99 k
These can be rounded down to more convenient values of
2.5 k
Ω and 9.76 kΩ. In general, if the value of RP is rounded
down slightly, the value of RF should be rounded down propor-
tionately, and vice versa. This helps to keep the adjustment
range symmetrical.
Figure 6. Optional 4 mA Zero Adjustment
ADJUSTING SPAN FOR 10 V FS
When the AD694 is configured with a 10 V input full-scale the
span maybe adjusted using the network shown in Figure 7. This
scheme allows an approximately linear adjustment of the span
above or below the nominal value. The span adjustment does
not interact with the 4 mA offset. To select RS and RT, choose
Figure 7. Span Adjustment, 10 V Full Scale
X, the desired adjustment range as a fraction of the span. Sub-
stitute this value in the appropriate formula below.
RT = 1.8 k
Ω ((1 – X)/X)
RS = 9 k
Ω [1 – 0.2 (1 + X)( 1 – X )] / 2X
These formulae take into account the
±10% absolute resistor
tolerance of the internal span resistors and ensure a minimum
adjustment range of the span. For example, choosing the adjust-
ment range to be
±2%, or 0.02 gives:
RT = 1.8 k
Ω ((1 – 0.02) / 0.02) = 88.2 kΩ.
RS = 9 k
Ω [1 – 0.2 (1 + 0.02)( 1 – 0.02 )] / (2 × 0.02) =
175.5 k
These values can be rounded up to the more convenient values
of 100 k
Ω and 198 kΩ. In general, if RT is rounded up, then the
value of RS should be rounded up proportionally, and vice versa.
ADJUSTING SPAN FOR 2 V FS
The precalibrated 2 V full-scale range requires a different ad-
justment scheme due to the single supply nature of the AD694.
Figure 8 shows an adjustment scheme that allows an approxi-
mately linear adjustment of the 2 V span plus or minus the
nominal value. The span adjustment does not affect the value of
the 4 mA offset current.
To find the proper resistor values first select X, the desired
range of adjustment as a fraction of the output span. Substitute
this value into the following formulae:
RA = 2
× X × RB where RB is greater than 5 K
RC = (2.75 k
Ω × X)/(1 – 0.275X)
These formulae take into account the
±10% absolute tolerance
of the internal span resistors and ensure a minimum adjustment
range.
For example, choosing the adjustment range to be
±320 µA of
FS or,
±2%, let X = 0.02. Thus:
Setting RB = 10 K, then RA = 2(.02)
× 10 kΩ = 400 Ω
RC = (2.75 k
× 0.02)/ (1 – 0.275 × (0.02)) = 55.3 Ω
The value of RC can be rounded to the more convenient value of
49.9
Ω. In general, if RA is rounded up, then RC should be
rounded up proportionally, and vice versa; rounding up will in-
crease the range of adjustment.


Similar Part No. - AD694BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD694BR AD-AD694BR Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BR AD-AD694BR Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BR AD-AD694BR Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
More results

Similar Description - AD694BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD694 AD-AD694_02 Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694ARZ AD-AD694ARZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694 AD-AD694 Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694JNZ AD-AD694JNZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD693BQ AD-AD693BQ Datasheet
462Kb / 12P
   Loop-Powered 4??0 mA Sensor Transmitter
REV. A
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com