Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEC1-140-02-SM-D-NP-K Datasheet(PDF) 2 Page - Samtec, Inc

Part # MEC1-140-02-SM-D-NP-K
Description  1mm MINI-EDGE CARD ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

MEC1-140-02-SM-D-NP-K Datasheet(HTML) 2 Page - Samtec, Inc

  MEC1-140-02-SM-D-NP-K Datasheet HTML 1Page - Samtec, Inc MEC1-140-02-SM-D-NP-K Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.035
REF
0.89
(TYP)
({(No OF POS +2) x .03937[1.0000]}
+ .0490[1.245]) REF
MEC1-XX-X-D-X-A
FIG. 4
-A: ALIGNMENT PIN OPTION (MOLDED)
(SHOWN: MEC1-120-02-X-D-A)
.0625
REF
1.59
.055
REF
1.40
"M"
.310 7.87
"P"
NOTE: "M" = USED MEASURED DIMENSION (REF)
"P" = {("M" - .310 [7.87]) / 2} .020 [.51]
FIG. 6
-K: POLYIMIDE FILM PAD OPTION
(SHOWN: MEC1-120-02-X-D-K)
01
15
39
02
16
40
.361 9.17
POSITION 1
FIG. 5
-TR: TAPE & REEL PACKAGING VIEW
(NOT DRAWN TO SCALE)
USER DIRECTION OF UNREELING
C8
.376
REF
9.55
.010
REF
0.25
({(No OF POS +2) x .03937[1.00]}
+ .0490[1.245]) .005[.13]
2 MAX SWAY
(EITHER DIRECTION)
-LC OPTION
(SHOWN: MEC1-120-02-X-D-LC)
FIG.2
C5
.059
(TYP)
1.50
.056
REF (TYP)
1.42
LC-05-TM
.0625
REF
1.588
SHEET OF
1mm MINI-EDGE CARD ASSEMBLY
BY:
MEC1-1XX-XX-XX-D-XX-XX
DWG. NO.
DESCRIPTION:
PROPRIETARY NOTE
THIS DOCUMENT CONTAINS INFORMATION
CONFIDENTIAL AND PROPRIETARY TO
SAMTEC, INC. AND SHALL NOT BE REPRODUCED
OR TRANSFERRED TO OTHER DOCUMENTS OR
DISCLOSED TO OTHERS OR USED FOR ANY
PURPOSE OTHER THAN THAT WHICH IT WAS
OBTAINED WITHOUT THE EXPRESSED WRITTEN
CONSENT OF SAMTEC, INC.
DO NOT SCALE DRAWING
KEVIN B
5/11/2000
2
2
SHEET SCALE: 1.5:1
REVISION AD
c:\enterprisevault\DWG\MISC\MKTG\MEC1-1XX-XX-XX-D-XX-XX-MKT.SLDDRW
520 PARK EAST BLVD, NEW ALBANY, IN 47150
PHONE: 812-944-6733
FAX: 812-948-5047
e-Mail: info@SAMTEC.com
code: 55322


Similar Part No. - MEC1-140-02-SM-D-NP-K

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
MEC1-140-02-SM-D-NP-K SAMTEC-MEC1-140-02-SM-D-NP-K Datasheet
292Kb / 2P
   1MM MINI-EDGE CARD ASSEMBLY
More results

Similar Description - MEC1-140-02-SM-D-NP-K

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
MEC1-105-02-S-D-A SAMTEC-MEC1-105-02-S-D-A Datasheet
292Kb / 2P
   1MM MINI-EDGE CARD ASSEMBLY
S1SS-05-28-GF-07.00-S SAMTEC-S1SS-05-28-GF-07.00-S Datasheet
335Kb / 2P
   1MM CABLE ASSEMBLY
logo
Harwin Plc
M300-0010045 HARWIN-M300-0010045 Datasheet
73Kb / 1P
   1mm CRIMP LARGE BORE SOCKET ASSEMBLY
M300-0020045 HARWIN-M300-0020045 Datasheet
73Kb / 1P
   1mm CRIMP LARGE BORE SOCKET ASSEMBLY
logo
HARTING Technology Grou...
20-10-001-5217 HARTING-20-10-001-5217 Datasheet
487Kb / 2P
   SC quick assembly connector 1mm POF
logo
Harwin Plc
M40-3100345R HARWIN-M40-3100345R Datasheet
143Kb / 2P
   1mm PITCH DIL SMT SKT ASSEMBLY
M300-MV30645M1 HARWIN-M300-MV30645M1 Datasheet
84Kb / 1P
   1mm POWER CONNECTOR DIL VERTICAL PC TAIL MALE ASSEMBLY
M300-MV31045M1 HARWIN-M300-MV31045M1 Datasheet
88Kb / 1P
   1mm POWER CONNECTOR DIL VERTICAL PC TAIL MALE ASSEMBLY
M300-FV1034500 HARWIN-M300-FV1034500 Datasheet
79Kb / 1P
   1mm POWER CONNECTOR SIL VERTICAL PC TAIL FEMALE ASSEMBLY
M300-FV3064500 HARWIN-M300-FV3064500 Datasheet
90Kb / 1P
   1mm POWER CONNECTOR SIL VERTICAL PC TAIL FEMALE ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com