Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8347ECZUAJFB Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC8347ECZUAJFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECZUAJFB Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECZUAJFB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8347ECZUAJFB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8347ECZUAJFB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8347ECZUAJFB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8347ECZUAJFB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8347ECZUAJFB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8347ECZUAJFB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8347ECZUAJFB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8347ECZUAJFB Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
10
Freescale Semiconductor
Power Characteristics
supplies are stable and if the I/O voltages are supplied before the core voltage, there may be a period of
time that all input and output pins will actively be driven and cause contention and excessive current from
3A to 5A. In order to avoid actively driving the I/O pins and to eliminate excessive current draw, apply the
core voltage (VDD) before the I/O voltage (GVDD, LVDD, and OVDD) and assert PORESET before the
power supplies fully ramp up. In the case where the core voltage is applied first, the core voltage supply
must rise to 90% of its nominal value before the I/O supplies reach 0.7 V, see Figure 4.
Figure 4. Power Sequencing Example
I/O voltage supplies (GVDD, LVDD, and OVDD) do not have any ordering requirements with respect to one
another.
3
Power Characteristics
The estimated typical power dissipation for the MPC8347EA device is shown in Table 4.
Table 4. MPC8347EA Power Dissipation1
Core
Frequency
(MHz)
CSB
Frequency
(MHz)
Typical at TJ = 65
Typical2
,3
Maximum4
Unit
PBGA
266
266
1.3
1.6
1.8
W
133
1.1
1.4
1.6
W
400
266
1.5
1.9
2.1
W
133
1.4
1.7
1.9
W
400
200
1.5
1.8
2.0
W
100
1.3
1.7
1.9
W
I/O Voltage (GVDD, LVDD, OVDD)
Core Voltage (VDD, AVDD)
90%
0.7 V
Time
Voltage


Similar Part No. - MPC8347ECZUAJFB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8347ECZUAJFB FREESCALE-MPC8347ECZUAJFB Datasheet
727Kb / 99P
   MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8347ECZUAJFB NXP-MPC8347ECZUAJFB Datasheet
1Mb / 99P
   MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
Rev. 12, 09/2011
More results

Similar Description - MPC8347ECZUAJFB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8347VRAGDB FREESCALE-MPC8347VRAGDB Datasheet
727Kb / 99P
   MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8347EAEC NXP-MPC8347EAEC Datasheet
1Mb / 99P
   MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
Rev. 12, 09/2011
logo
Freescale Semiconductor...
MPC8349E FREESCALE-MPC8349E_07 Datasheet
1,019Kb / 88P
   PowerQUICC??II Pro Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8343EAEC NXP-MPC8343EAEC Datasheet
928Kb / 80P
   MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
logo
Freescale Semiconductor...
MPC8343EA FREESCALE-MPC8343EA Datasheet
998Kb / 79P
   MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 114P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8314EEC FREESCALE-MPC8314EEC Datasheet
651Kb / 101P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8313EEC FREESCALE-MPC8313EEC Datasheet
1Mb / 100P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E Datasheet
1Mb / 124P
   PowerQUICC??II Pro Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com